Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N4403TFR Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 2N4403TFR
Description  PNP General Purpose Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

2N4403TFR Datasheet(HTML) 4 Page - Fairchild Semiconductor

  2N4403TFR Datasheet HTML 1Page - Fairchild Semiconductor 2N4403TFR Datasheet HTML 2Page - Fairchild Semiconductor 2N4403TFR Datasheet HTML 3Page - Fairchild Semiconductor 2N4403TFR Datasheet HTML 4Page - Fairchild Semiconductor 2N4403TFR Datasheet HTML 5Page - Fairchild Semiconductor 2N4403TFR Datasheet HTML 6Page - Fairchild Semiconductor 2N4403TFR Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Typical Characteristics (continued)
Switching Times
vs Collector Current
10
100
1000
0
50
100
150
200
250
I
- COLLECTOR CURRENT (mA)
I
= I
=
t r
t s
B1
C
B2
I c
10
V
= 15 V
cc
t f
t d
Turn On and Turn Off Times
vs Collector Current
10
100
1000
0
100
200
300
400
500
I
- COLLECTOR CURRENT (mA)
I
= I
=
t on
t off
B1
C
B2
I c
10
V
= 15 V
cc
Power Dissipation vs
Ambient Temperature
0
25
50
75
100
125
150
0
0.25
0.5
0.75
1
TEMPERATURE ( C)
o
SOT-223
TO-92
SOT-23
Rise Time vs Collector
and Turn On Base Currents
10
100
500
1
2
5
10
20
50
I
- COLLECTOR CURRENT (mA)
30 ns
C
t
= 15 V
r
60 ns
PNP General Purpose Amplifier
(continued)


Similar Part No. - 2N4403TFR

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
2N4403T/B PANJIT-2N4403T/B Datasheet
197Kb / 4P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
2N4403T/R PANJIT-2N4403T/R Datasheet
197Kb / 4P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
logo
Fairchild Semiconductor
2N4403TA FAIRCHILD-2N4403TA Datasheet
74Kb / 7P
   PNP General Purpose Amplifier
More results

Similar Description - 2N4403TFR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
   PNP General Purpose Amplifier
logo
Micro Commercial Compon...
MMBT2907A MCC-MMBT2907A Datasheet
89Kb / 3P
   PNP General Purpose Amplifier
logo
Fairchild Semiconductor
BC214L FAIRCHILD-BC214L Datasheet
27Kb / 4P
   PNP General Purpose Amplifier
logo
Unisonic Technologies
MMBT4403 UTC-MMBT4403 Datasheet
137Kb / 5P
   PNP GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
   PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
   PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
   PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
   PNP General Purpose Amplifier
MPS6562 FAIRCHILD-MPS6562_07 Datasheet
295Kb / 7P
   PNP General Purpose Amplifier
BCW89 FAIRCHILD-BCW89 Datasheet
77Kb / 3P
   PNP General Purpose Amplifier
logo
Galaxy Semi-Conductor H...
BC807 BILIN-BC807 Datasheet
193Kb / 5P
   PNP General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com