Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJK1028DSP-00-J5 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RJK1028DSP-00-J5
Description  100V, 3A, 165m max. Silicon N Channel Power MOS FET Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK1028DSP-00-J5 Datasheet(HTML) 3 Page - Renesas Technology Corp

  RJK1028DSP-00-J5 Datasheet HTML 1Page - Renesas Technology Corp RJK1028DSP-00-J5 Datasheet HTML 2Page - Renesas Technology Corp RJK1028DSP-00-J5 Datasheet HTML 3Page - Renesas Technology Corp RJK1028DSP-00-J5 Datasheet HTML 4Page - Renesas Technology Corp RJK1028DSP-00-J5 Datasheet HTML 5Page - Renesas Technology Corp RJK1028DSP-00-J5 Datasheet HTML 6Page - Renesas Technology Corp RJK1028DSP-00-J5 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RJK1028DSP
Preliminary
R07DS0197EJ0300 Rev.3.00
Page 3 of 6
Apr 11, 2013
Main Characteristics
Drain to Source Voltage
VDS (V)
Typical Output Characteristics
Gate to Source Voltage
VGS (V)
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
Gate to Source Voltage
VGS (V)
Typical Transfer Characteristics
Drain Current
ID
(A)
Static Drain to Source On State Resistance
vs. Drain Current
10
8
6
4
2
0
2
468
10
10
8
6
4
2
0
12
3
4
5
Tc = 75
°C
25
°C
–25
°C
VDS = 5 V
Pulse Test
VGS = 2.7 V
Pulse Test
100
30
10
330
0.1
1
10
100
0.3
1200
900
600
300
0
36
9
12
Pulse Test
ID = 5 A
2 A
1000
300
VGS = 4.5 V
10 V
2.8 V
3.0 V
3.3 V
Pulse Test
Ambient Temperature Ta (°C)
Power vs. Temperature Derating
4.0
3.0
2.0
1.0
0
50
100
150
200
Test Condition :
When using the glass epoxy board
(FR4 40x40x1.6 mm), PW
≤ 10 s
Drain to Source Voltage VDS (V)
Maximum Safe Operation Area
Note 5 : When using the glass epoxy board
(FR4 40x40x1.6 mm)
10
1
0.1
0.01
0.001
0.1
0.3
1
3
10
30
100 300
50
Ta = 25 °C
1 shot Pulse
PW
=
10
ms
Operation in
this area is
limited by R
DS(on)
10
μs
Note
5
DC
Operation
(PW
≤ 10
s)
1 ms
3.2 V
3.1 V
2.9 V
10 V
4.5 V
1 A


Similar Part No. - RJK1028DSP-00-J5

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK1028DSP RENESAS-RJK1028DSP Datasheet
91Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
logo
VBsemi Electronics Co.,...
RJK1028DSP VBSEMI-RJK1028DSP Datasheet
464Kb / 9P
   N-Channel 100 V (D-S) MOSFET
More results

Similar Description - RJK1028DSP-00-J5

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK1028DNS RENESAS-RJK1028DNS_15 Datasheet
117Kb / 7P
   100V, 4A, 165m??max. Silicon N Channel Power MOS FET Power Switching
RJK1028DNS RENESAS-RJK1028DNS_13 Datasheet
117Kb / 7P
   100V, 4A, 165m max. Silicon N Channel Power MOS FET Power Switching
RJK1028DPA RENESAS-RJK1028DPA_13 Datasheet
141Kb / 7P
   100V, 4A, 165m max. N Channel Power MOS FET High Speed Power Switching
RJK1052DPB RENESAS-RJK1052DPB_13 Datasheet
106Kb / 7P
   100V, 20A, 20m max. Silicon N Channel Power MOS FET Power Switching
RJK1053DPB RENESAS-RJK1053DPB_13 Datasheet
107Kb / 7P
   100V, 25A, 13m max Silicon N Channel Power MOS FET Power Switching
RJK1055DPB RENESAS-RJK1055DPB Datasheet
155Kb / 7P
   100V, 23A, 17m max. Silicon N Channel Power MOS FET Power Switching
RJK1056DPB RENESAS-RJK1056DPB Datasheet
154Kb / 7P
   100V, 25A, 14m max. Silicon N Channel Power MOS FET Power Switching
RJK1054DPB RENESAS-RJK1054DPB_13 Datasheet
136Kb / 7P
   100V, 20A, 22m max Silicon N Channel Power MOS FET Power Switching
RJK1054DPB RENESAS-RJK1054DPB_15 Datasheet
136Kb / 7P
   100V, 20A, 22m??max. Silicon N Channel Power MOS FET Power Switching
RJK1053DPB RENESAS-RJK1053DPB_15 Datasheet
107Kb / 7P
   100V, 25A, 13m??max Silicon N Channel Power MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com