Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJK1053DPB Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RJK1053DPB
Description  100V, 25A, 13m max Silicon N Channel Power MOS FET Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK1053DPB Datasheet(HTML) 2 Page - Renesas Technology Corp

  RJK1053DPB Datasheet HTML 1Page - Renesas Technology Corp RJK1053DPB Datasheet HTML 2Page - Renesas Technology Corp RJK1053DPB Datasheet HTML 3Page - Renesas Technology Corp RJK1053DPB Datasheet HTML 4Page - Renesas Technology Corp RJK1053DPB Datasheet HTML 5Page - Renesas Technology Corp RJK1053DPB Datasheet HTML 6Page - Renesas Technology Corp RJK1053DPB Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RJK1053DPB
Preliminary
R07DS0084EJ0200 Rev.2.00
Page 2 of 6
Apr 11, 2013
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown voltage
V(BR)DSS
100
V
ID = 10 mA, VGS = 0 V
Gate to source leak current
IGSS
0.1
A
VGS = 20 V, VDS = 0 V
Zero gate voltage drain current
IDSS
10
A
VDS = 100 V, VGS = 0 V
Gate to source cutoff voltage
VGS(off)
1.2
2.5
V
VDS = 10 V, ID = 1 mA
RDS(on)
10
13
m
ID = 12.5 A, VGS = 10 V
Note4
Static drain to source on state
resistance
RDS(on)
11
15
m
ID = 12.5A, VGS = 4.5 V
Note4
Forward transfer admittance
|yfs|
70
S
ID = 12.5 A, VDS = 10 V
Note4
Input capacitance
Ciss
6160
pF
Output capacitance
Coss
508
pF
Reverse transfer capacitance
Crss
193
pF
VDS = 10 V, VGS = 0 V,
f = 1 MHz
Gate Resistance
Rg
0.5
Total gate charge
Qg
43
nC
Gate to source charge
Qgs
19
nC
Gate to drain charge
Qgd
12.5
nC
VDD = 50 V, VGS = 4.5 V,
ID = 25 A
Turn-on delay time
td(on)
13
ns
Rise time
tr
5.6
ns
Turn-off delay time
td(off)
68
ns
Fall time
tf
9.0
ns
VGS = 10 V, ID = 12.5 A,
VDD  30 V, RL = 2.4 ,
Rg = 4.7
Body–drain diode forward voltage
VDF
0.83
1.1
V
IF = 25 A, VGS = 0 V
Note4
Body–drain diode reverse recovery
time
trr
52
ns
IF = 25 A, VGS = 0 V
diF/ dt = 100 A/ s
Notes: 4. Pulse test


Similar Part No. - RJK1053DPB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK1053DPB RENESAS-RJK1053DPB Datasheet
87Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
RJK1053DPB-00-J5 RENESAS-RJK1053DPB-00-J5 Datasheet
87Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
RJK1053DPB RENESAS-RJK1053DPB_15 Datasheet
107Kb / 7P
   100V, 25A, 13m??max Silicon N Channel Power MOS FET Power Switching
More results

Similar Description - RJK1053DPB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK1053DPB RENESAS-RJK1053DPB_15 Datasheet
107Kb / 7P
   100V, 25A, 13m??max Silicon N Channel Power MOS FET Power Switching
RJK1056DPB RENESAS-RJK1056DPB Datasheet
154Kb / 7P
   100V, 25A, 14m max. Silicon N Channel Power MOS FET Power Switching
RJK1056DPB RENESAS-RJK1056DPB_15 Datasheet
154Kb / 7P
   100V, 25A, 14m??max. Silicon N Channel Power MOS FET Power Switching
RJK0651DPB RENESAS-RJK0651DPB_13 Datasheet
107Kb / 7P
   60V, 25A, 14m max. Silicon N Channel Power MOS FET Power Switching
RJK0651DPB RENESAS-RJK0651DPB_15 Datasheet
107Kb / 7P
   60V, 25A, 14m??max. Silicon N Channel Power MOS FET Power Switching
RJK1052DPB RENESAS-RJK1052DPB_13 Datasheet
106Kb / 7P
   100V, 20A, 20m max. Silicon N Channel Power MOS FET Power Switching
RJK1055DPB RENESAS-RJK1055DPB Datasheet
155Kb / 7P
   100V, 23A, 17m max. Silicon N Channel Power MOS FET Power Switching
RJK1028DNS RENESAS-RJK1028DNS_15 Datasheet
117Kb / 7P
   100V, 4A, 165m??max. Silicon N Channel Power MOS FET Power Switching
RJK1054DPB RENESAS-RJK1054DPB_13 Datasheet
136Kb / 7P
   100V, 20A, 22m max Silicon N Channel Power MOS FET Power Switching
RJK1054DPB RENESAS-RJK1054DPB_15 Datasheet
136Kb / 7P
   100V, 20A, 22m??max. Silicon N Channel Power MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com