Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10-41 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 10-41
Description  Steatite Standoffs
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

10-41 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  10-41 Datasheet HTML 1Page - List of Unclassifed Manufacturers 10-41 Datasheet HTML 2Page - List of Unclassifed Manufacturers 10-41 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Steatite Standoffs
Jan-1-8 and Jan-1-10 Specs.
These threaded Steatite pillars are made of L5 glazed Steatite with threaded holes on both sides,
and have one hole mounting.
Description:
White
Color:
Daburn
Cat. No.
Conforms
to Type
H
D
Length of
Thread (C)
Thread
IN.
MM. IN. MM.
10-41
--
1/4"
6.35
1/4" 6.35 ALL
6-32
10-41B --
3/8"
9.53
1/4" 6.35 5/32"
6-32
10-41A --
1/2"
12.70 1/4" 6.35 5/32"
6-32
10-44A --
3/4"
19.05 1/4" 6.35 1/4"
6-32
10-45A --
1"
25.40 1/4" 6.35 1/4"
6-32
10-42
--
3/8"
9.53
3/8" 9.53 5/32"
6-32
10-42A NL523W01-004 1/2"
12.70 3/8" 9.53 5/32"
6-32
10-43A NL523W01-005 5/8"
15.88 3/8" 9.53 1/4"
6-32
10-44B NL523W01-006 3/4"
19.05 3/8" 9.53 1/4"
6-32
10-45B NL523W01-008 1"
25.40 3/8" 9.53 3/8"
6-32
4/2/03 9:53 PM
10-40 Steatite Standoffs
Page 1 of 3
http://www.daburn.com/10-40.html


Similar Part No. - 10-41

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10-41 ETC2-10-41 Datasheet
674Kb / 3P
   Jan-1-8 and Jan-1-10 Specs.
10-41A ETC2-10-41A Datasheet
674Kb / 3P
   Jan-1-8 and Jan-1-10 Specs.
10-41B ETC2-10-41B Datasheet
674Kb / 3P
   Jan-1-8 and Jan-1-10 Specs.
More results

Similar Description - 10-41

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1483 ETC2-1483 Datasheet
297Kb / 1P
   SPACERS , STANDOFFS
1895 ETC2-1895 Datasheet
230Kb / 1P
   THREADED STANDOFFS
8441B ETC2-8441B Datasheet
93Kb / 2P
   THREADED STANDOFFS
1887 ETC2-1887 Datasheet
230Kb / 1P
   FEMALE THREADED STANDOFFS
1628-2 ETC2-1628-2 Datasheet
336Kb / 1P
   SWAGE THREADED STANDOFFS
logo
Richco, Inc.
HS-4-3 RICHCO-HS-4-3 Datasheet
130Kb / 1P
   HEX SPACER STANDOFFS
HS-4-8 RICHCO-HS-4-8 Datasheet
130Kb / 1P
   HEX SPACER STANDOFFS
logo
List of Unclassifed Man...
HS-6-12 ETC2-HS-6-12 Datasheet
130Kb / 1P
   HEX SPACER STANDOFFS
1858 ETC2-1858 Datasheet
211Kb / 1P
   FEMALE THREADED STANDOFFS
970200487300 ETC-970200487300 Datasheet
1Mb / 12P
   SELF-CLINCHING STANDOFFS
5/13/20
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com