Electronic Components Datasheet Search
Selected language     English  ▼


7-1462039-8 Datasheet(PDF) 4 Page - Tyco Electronics

Part No. 7-1462039-8
Description  IM-Relay
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 4 page
background image
±
±
±
±
±
±
1 PLC
0 PLC
2 PLC
3 PLC
4 PLC
DIMENSIONS:
TOLERANCES UNLESS
OTHERWISE SPECIFIED:
ANGLES
WEIGHT
APPLICATION SPEC
PRODUCT SPEC
OF
MATERIAL
FINISH
DWN
CHK
APVD
NAME
SIZE
CAGE CODE DRAWING NO
SCALE
SHEET
REV
LOC
DIST
REVISIONS
P
LTR
DATE
DWN
APVD
DESCRIPTION
TE 10MAR2011 ProE
A4
RESTRICTED TO
SHOULD BE CONTACTED FOR THE LATEST REVISION.
IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
DRAWING ALIAS
TE Connectivity
HJ
-
IM0C-DOK17
21FEB2003
HD 9121
-
-
mm
21FEB2003
HD 9121
21FEB2003
DIN 7168-m
HD 9121
-
-
-
IM-Relay
-
-
Marking
-
-
-
00779
1462037-1
-
-
CUSTOMER DRAWING
10:1
4
6
B12
Relay-Typ
Mark 1)
Mark 2)
PN (GR)
PN (JR)
PN (TS)
PN (KS/NS)
IM43..
43
5
5-1462037-9
6-1462037-0
5-1462037-8
IM43C..
43C
5
9-1462038-7
IM43NS
43N
5
2-1462038-1
IM43P
43P
5
7-1462039-3
IM44..
44
6
6-1462037-2
6-1462037-3
6-1462037-1
IM44NS
44N
6
2-1462038-2
IM45..
45
9
6-1462037-4
6-1462037-5
3-1462037-2
IM45NS
45
9
2-1462038-3
IM46..
46
12
6-1462037-7
6-1462037-8
6-1462037-6
IM46..L
46
12
5-1462039-2
IM46C..
46C
12
8-1462039-0
IM46NS
46N
12
2-1462038-4
IM46NSL
46N
12
5-1462039-0
IM46PNS
46P
12
6-1462039-4
IM47..
47
24
7-1462037-0
7-1462037-1
6-1462037-9
IM47D..
47D
24
7-1462039-5
IM47NS
47N
24
2-1462038-5
IM48..
48
2.4
1462039-8
IM48D..
48D
2.4
1462039-9
IM48I..
48I
2.4
1462047-1
IM49D..
49D
2
2-1462039-2
IM51D..
51D
3
1-1462039-4
1-1462039-3
IM61..
61
3
7-1462039-7
See sheet 1




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl