Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6208BIRZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL6208BIRZ
Description  High Voltage Synchronous Rectified Buck MOSFET Drivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6208BIRZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL6208BIRZ Datasheet HTML 1Page - Intersil Corporation ISL6208BIRZ Datasheet HTML 2Page - Intersil Corporation ISL6208BIRZ Datasheet HTML 3Page - Intersil Corporation ISL6208BIRZ Datasheet HTML 4Page - Intersil Corporation ISL6208BIRZ Datasheet HTML 5Page - Intersil Corporation ISL6208BIRZ Datasheet HTML 6Page - Intersil Corporation ISL6208BIRZ Datasheet HTML 7Page - Intersil Corporation ISL6208BIRZ Datasheet HTML 8Page - Intersil Corporation ISL6208BIRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
ISL6208, ISL6208B
2
FN9115.6
January 31, 2012
Pin Configurations
Block Diagram
ti
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL6208CBZ
ISL62 08CBZ
-10 to +100
8 Ld SOIC
M8.15
ISL6208CRZ
208Z
-10 to +100
8 Ld 3x3 QFN
L8.3x3
ISL6208BCRZ
8BC
-10 to +100
8 Ld 2x2 DFN
L8.2x2D
ISL6208IBZ
ISL62 08IBZ
-40 to +100
8 Ld SOIC
M8.15
ISL6208IRZ
8IRZ
-40 to +100
8 Ld 3x3 QFN
L8.3x3
ISL6208BIRZ
8BI
-40 to +100
8 Ld 2x2 DFN
L8.2x2D
NOTES:
1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin
plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL6208, ISL6208B. For more information on MSL please see techbrief
TB363.
ISL6208CBZ, ISL6208IBZ
(8 LD SOIC)
TOP VIEW
ISL6208CRZ, ISL6208IRZ
(8 LD 3x3 QFN)
TOP VIEW
ISL6208BCRZ, ISL6208BIRZ
(8 LD 2x2 DFN)
TOP VIEW
UGATE
BOOT
PWM
GND
1
2
3
4
8
7
6
5
PHASE
FCCM
VCC
LGATE
7
8
4
3
1
2
6 FCCM
VCC
BOOT
PWM
5
6
1
6 VCC
LGATE
PWM
GND
5
6
6 PHASE
FCCM
7
8
UGATE
BOOT 2
3
4
VCC
PWM
10K
CONTROL
LOGIC
SHOOT-
THROUGH
PROTECTION
BOOT
UGATE
PHASE
LGATE
GND
VCC
FCCM
THERMAL PAD (FOR QFN AND DFN PACKAGE ONLY)
FIGURE 1. BLOCK DIAGRAM


Similar Part No. - ISL6208BIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6208BIRZ INTERSIL-ISL6208BIRZ Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
ISL6208BIRZ INTERSIL-ISL6208BIRZ Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
ISL6208BIRZ INTERSIL-ISL6208BIRZ Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
January 31, 2012
ISL6208BIRZ-T INTERSIL-ISL6208BIRZ-T Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
July 14, 2014
ISL6208BIRZ-T INTERSIL-ISL6208BIRZ-T Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
July 14, 2014
More results

Similar Description - ISL6208BIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6208CB-T INTERSIL-ISL6208CB-T Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
ISL6208C INTERSIL-ISL6208C Datasheet
336Kb / 11P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
ISL6208 INTERSIL-ISL6208_11 Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
ISL6208BCRZ-T INTERSIL-ISL6208BCRZ-T Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
January 31, 2012
ISL6208CBZ-T INTERSIL-ISL6208CBZ-T Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
logo
Renesas Technology Corp
ISL6208C RENESAS-ISL6208C Datasheet
594Kb / 12P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
logo
Intersil Corporation
ISL6208CBZ INTERSIL-ISL6208CBZ Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
July 14, 2014
ISL6208CHRZ INTERSIL-ISL6208CHRZ Datasheet
338Kb / 11P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
November 29, 2012
ISL6208CBZ INTERSIL-ISL6208CBZ Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
July 14, 2014
logo
Renesas Technology Corp
ISL6208 RENESAS-ISL6208 Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com