Electronic Components Datasheet Search |
|
X9258TS24Z Datasheet(PDF) 9 Page - Intersil Corporation |
|
X9258TS24Z Datasheet(HTML) 9 Page - Intersil Corporation |
9 / 19 page 9 FN8168.6 December 15, 2011 Wiper Counter Register, (8-bit), Volatile One 8-bit Wiper Counter Register for each DCP (four 8-bit registers in total.) {D7~D0}: These bits specify the wiper position of the respective DCP. The Wiper Counter Register is loaded on power-up by the value in Data Register 0. The contents of the WCR can be loaded from any of the other Data Register or directly. The contents of the WCR can be saved in a DR. Instruction Format NOTES: 5. “MACK”/”SACK”: stands for the acknowledge sent by the master/slave. 6. “A3 ~ A0”: stands for the device addresses sent by the master. 7. “X”: indicates that it is a “0” for testing purpose but physically it is a “don’t care” condition. 8. “I”: stands for the increment operation, SDA held high during active SCL phase (high). 9. “D”: stands for the decrement operation, SDA held low during active SCL phase (high). Read Wiper Counter Register (WCR) Write Wiper Counter Register (WCR) Read Data Register (DR) Write Data Register (WR) WP7 WP6 WP5 WP4 WP3 WP2 WP1 WP0 V V V VVV V V (MSB) (LSB) S T A R T DEVICE TYPE IDENTIFIER DEVICE ADDRESSES S A C K INSTRUCTION OPCODE WCR ADDRESSES S A C K WIPER POSITION (SENT BY SLAVE ON SDA) M A C K S T O P 0 1 0 1 A3 A2 A1 A0 1001 0 0 P1 P0 WP7 WP6 WP5 WP4 WP3 WP2 WP1 WP0 S T A R T DEVICE TYPE IDENTIFIER DEVICE ADDRESSES S A C K INSTRUCTION OPCODE WCR ADDRESSES S A C K DATA BYTE (SENT BY MASTER ON SDA) S A C K S T O P 0101 A3 A2 A1 A0 1010 0 0 P1 P0 WP7 WP6 WP5 WP4 WP3 WP2 WP1 WP0 S T A R T DEVICE TYPE IDENTIFIER DEVICE ADDRESSES S A C K INSTRUCTION OPCODE DR AND WCR ADDRESSES S A C K DATA BYTE (SENT BY SLAVE ON SDA) M A C K S T O P 0101 A3 A2 A1 A0 1 0 1 1 R1 R0 P1 P0 WP7 WP6 WP5 WP4 WP3 WP2 WP1 WP0 S T A R T DEVICE TYPE IDENTIFIER DEVICE ADDRESSES S A C K INSTRUCTION OPCODE DR AND WCR ADDRESSES S A C K DATA BYTE (SENT BY MASTER ON SDA) S A C K S T O P HIGH-VOLTAGE WRITE CYCLE 0 1 0 1 A3 A2 A1 A0 1100 R1 R0 P1 P0 WP7 WP6 WP5 WP4 WP3 WP2 WP1 WP0 X9258 |
Similar Part No. - X9258TS24Z |
|
Similar Description - X9258TS24Z |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |