Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9258TS24Z-2.7 Datasheet(PDF) 8 Page - Intersil Corporation

Part # X9258TS24Z-2.7
Description  Low Noise/Low Power/2-Wire Bus/256 Taps
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9258TS24Z-2.7 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button X9258TS24Z-2.7 Datasheet HTML 4Page - Intersil Corporation X9258TS24Z-2.7 Datasheet HTML 5Page - Intersil Corporation X9258TS24Z-2.7 Datasheet HTML 6Page - Intersil Corporation X9258TS24Z-2.7 Datasheet HTML 7Page - Intersil Corporation X9258TS24Z-2.7 Datasheet HTML 8Page - Intersil Corporation X9258TS24Z-2.7 Datasheet HTML 9Page - Intersil Corporation X9258TS24Z-2.7 Datasheet HTML 10Page - Intersil Corporation X9258TS24Z-2.7 Datasheet HTML 11Page - Intersil Corporation X9258TS24Z-2.7 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
FN8168.6
December 15, 2011
All DCP potentiometers share the serial interface and share
a common architecture. Each potentiometer has a Wiper
Counter Register and four Data Registers. A detailed
discussion of the register organization and array operation
follows.
Wiper Counter Register
The X9258 contains four Wiper Counter Registers, one for
each DCP potentiometer. The Wiper Counter Register can
be envisioned as a 8-bit parallel and serial load counter with
its outputs decoded to select one of 256 switches along its
resistor array. The contents of the WCR can be altered in
four ways:
1. Written directly by the host via the Write Wiper Counter
Register instruction (serial load)
2. Written indirectly by transferring the contents of one of
four associated Data Registers via the XFR Data
Register instruction (parallel load)
3. Can be modified one step at a time by the
Increment/Decrement instruction.
4. Loaded with the contents of its data register zero (R0)
upon power-up.
The WCR is a volatile register; that is, its contents are lost
when the X9258 is powered-down. Although the register is
automatically loaded with the value in R0 upon power-up, it
should be noted this may be different from the value present
at power-down.
Data Registers
Each potentiometer has four nonvolatile Data Registers.
These can be read or written directly by the host and data
can be transferred between any of the four Data Registers
and the WCR. It should be noted all operations changing
data in one of these registers is a nonvolatile operation and
will take a maximum of 10ms.
If the application does not require storage of multiple
settings for the potentiometer, these registers can be used
as regular memory locations that could possibly store
system parameters or user preference data.
Register Descriptions
Data Registers, (8-bit), Nonvolatile
Four 8-bit Data Registers for each DCP (sixteen 8-bit
registers in total).
{D7~D0}: These bits are for general purpose not volatile data
storage or for storage of up to four different wiper values.
The contents of Data Register 0 are automatically moved to
the wiper counter register on power-up.
FIGURE 8. DETAILED POTENTIOMETER BLOCK DIAGRAM DETAILED OPERATION
SERIAL DATA PATH
FROM INTERFACE
CIRCUITRY
REGISTER 0
REGISTER 1
REGISTER 2
REGISTER 3
SERIAL
BUS
INPUT
PARALLEL
BUS
INPUT
WIPER
COUNTER
REGISTER
INC/DEC
LOGIC
UP/DN
CLK
MODIFIED SCL
UP/DN
VH/RH
VL/RL
VW/RW
If WCR = 00[H] then VW/RW = VL/RL
If WCR = FF[H] then VW/RW = VH/RH
8
8
(WCR)
WP7
WP6
WP5
WP4
WP3
WP2
WP1
WP0
NV
NV
NV
NV
NV
NV
NV
NV
(MSB)
(LSB)
X9258


Similar Part No. - X9258TS24Z-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9258TS24Z-2.7 INTERSIL-X9258TS24Z-2.7 Datasheet
329Kb / 20P
   Quad Digital Controlled Potentiometers
X9258TS24Z-2.7 INTERSIL-X9258TS24Z-2.7 Datasheet
488Kb / 19P
   Quad Digital Controlled Potentiometers
December 15, 2011
logo
Renesas Technology Corp
X9258TS24Z-2.7 RENESAS-X9258TS24Z-2.7 Datasheet
801Kb / 19P
   Low Noise/Low Power/2-Wire Bus/256 Taps Quad Digital Controlled Potentiometers (XDCP??
More results

Similar Description - X9258TS24Z-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9258 INTERSIL-X9258 Datasheet
348Kb / 20P
   Low Noise/Low Power/2-Wire Bus/256 Taps
X9250 INTERSIL-X9250 Datasheet
359Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps
ISL22343TFV20Z INTERSIL-ISL22343TFV20Z Datasheet
738Kb / 19P
   Low Noise, Low Power, I2C Bus, 256 Taps
August 17, 2015
ISL90840 INTERSIL-ISL90840 Datasheet
1Mb / 12P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL90810 INTERSIL-ISL90810 Datasheet
1Mb / 11P
   Low Noise/Low Power/I2C Bus/256 Taps
ISL95810 INTERSIL-ISL95810_06 Datasheet
1Mb / 13P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL90842 INTERSIL-ISL90842 Datasheet
1Mb / 12P
   Low Noise, Low Power, I2C Bus, 256 Taps
ISL90841 INTERSIL-ISL90841 Datasheet
1Mb / 12P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL22313TFU10Z INTERSIL-ISL22313TFU10Z Datasheet
620Kb / 15P
   Low Noise, Low Power, I2C짰 Bus, 256 Taps
July 17, 2007
logo
Renesas Technology Corp
X9258 RENESAS-X9258 Datasheet
801Kb / 19P
   Low Noise/Low Power/2-Wire Bus/256 Taps Quad Digital Controlled Potentiometers (XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com