Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPM1A-20CDR-A Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # CPM1A-20CDR-A
Description  CPM1A System configuration
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CPM1A-20CDR-A Datasheet(HTML) 5 Page - Omron Electronics LLC

  CPM1A-20CDR-A Datasheet HTML 1Page - Omron Electronics LLC CPM1A-20CDR-A Datasheet HTML 2Page - Omron Electronics LLC CPM1A-20CDR-A Datasheet HTML 3Page - Omron Electronics LLC CPM1A-20CDR-A Datasheet HTML 4Page - Omron Electronics LLC CPM1A-20CDR-A Datasheet HTML 5Page - Omron Electronics LLC CPM1A-20CDR-A Datasheet HTML 6Page - Omron Electronics LLC CPM1A-20CDR-A Datasheet HTML 7Page - Omron Electronics LLC CPM1A-20CDR-A Datasheet HTML 8Page - Omron Electronics LLC CPM1A-20CDR-A Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
Specifications
9
Performance Specifications
Item
10-point I/O
20-point I/O
30-point I/O
40-point I/O
Control method
Stored program method
I/O control method
Combination of the cyclic scan and immediate refresh processing methods.
Programming language
Ladder diagram
Instruction word
1 step per instruction, 1 to 5 words per instruction
Types of
i
i
Basic instructions
14 types
yp
instructions
Special
instructions
79 types, 139 instructions
Instruction
i
i
Basic instructions
0.72 to 16.2
#s
execution time
Special
instructions
MOV instruction = 16.3
#s
Program capacity
2,048 words
Maximum I/O
points
CPU only
10 points (6 input/
4 output points)
20 points (12 input/
8 output points)
30 points (18 input/
12 output points)
40 points (24 input/
16 output points)
po
s
With Expansion
I/O Unit
---
---
90 points (54 input/
36 output points)
100 points (60 input/
40 output points)
Input bits
00000 to 00915 (Words 0 to 9)
Output bits
01000 to 01915 (Words 10 to 19)
Work bits (IR Area)
512: IR 20000 to IR 23115 (IR 200 to IR 231)
Special bits (SR Area)
384: SR 23200 to SR 25515 (SR 232 to SR 255)
Temporary bits (TR Area)
8: TR 0toTR 7
Holding bits (HR Area)
320: HR 0000 to HR 1915 (HR 00 to HR 19)
Auxiliary bits (AR Area)
256: AR 0000 to AR 1515 (AR 00 to AR 15)
Link bits (LR Area)
256: LR 0000 to LR 1515 (LR 00 to LR 15)
Timers/Counters
128: TIM/CNT 000 to 127
100-ms timer: TIM 000 to TIM 127
10-ms timer: TIM 000 to TIM 127
Decremental counter, reversible counter
Data memory
Read/Write
1,024 words (DM 0000 to DM 1023)
y
Read only
512 words (DM 6144 to DM 6655)
Interrupt processing:
External interrupt
2 points (Response
time of 0.3 ms max.)
4 points (Response time of 0.3 ms max.)
Memory protection
Maintains the contents of the HR, AR, Counter and Data Memory Areas.
Memory backup
Flash memory:
User program, data memory (Read only) (Non-battery powered stor-
age)
Super capacitor: Data memory (Read/Write), holding bits, auxiliary memory bits, count-
er (20-day storage at an ambient temperature of 25
"C)
Self-diagnostic function
CPU error (watchdog timer), memory errors, I/O bus errors
Program check
No END instruction programming errors (constantly checked during operation)
Pulse output
1 point: 2 kHz
High-speed counter
1 point: Single phase at 5 kHz or two-phase at 2.5 kHz (linear counting method)
Incremental mode: 0 to 65535 (16-bit)
Decremental mode:--32767 to 32767 (16-bit)
1 point: Single phase at 5 kHz or two-phase at 2.5 kHz (linear counting method)
Incremental mode: 0 to 65535 (16-bit)
Decremental mode:--32767 to 32767 (16-bit)
Quick-response inputs
Together with the external interrupt input (minimum pulse width of 0.2 ms)
Input time constant
Canbeset at 1ms, 2ms, 4ms, 8ms, 16 ms,32ms, 64 ms,or128 ms.
Analog settings
2 points: (0 to 200)
Note: Bits that are not used for the I/O bits can be used as work bits.


Similar Part No. - CPM1A-20CDR-A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CPM1A-40CDR-A-V1 OMRON-CPM1A-40CDR-A-V1 Datasheet
1Mb / 25P
   Micro Programmable Controller CPM1A
More results

Similar Description - CPM1A-20CDR-A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CJ1W-ID211 OMRON-CJ1W-ID211 Datasheet
418Kb / 10P
   System Configuration
logo
Epson Company
SG-8002CE-SCB EPSON-SG-8002CE-SCB Datasheet
175Kb / 1P
   Product Configuration System
SGR-8002JC-PCC EPSON-SGR-8002JC-PCC Datasheet
175Kb / 1P
   Product Configuration System
SG-8002CE-PTB EPSON-SG-8002CE-PTB Datasheet
175Kb / 1P
   Product Configuration System
logo
Omron Electronics LLC
CPM1A-40CDR-A-V1 OMRON-CPM1A-40CDR-A-V1 Datasheet
1Mb / 25P
   Micro Programmable Controller CPM1A
logo
Advantech Co., Ltd.
ESRP-FTS-EKI7712 ADVANTECH-ESRP-FTS-EKI7712 Datasheet
3Mb / 2P
   Auto-Configuration Backup and Restore System
logo
STMicroelectronics
EVAL6207N STMICROELECTRONICS-EVAL6207N Datasheet
411Kb / 34P
   PractiSPIN evaluation system configuration and set up guide
AN1794 STMICROELECTRONICS-AN1794 Datasheet
411Kb / 34P
   PractiSPIN evaluation system configuration and set up guide
logo
Axiomtek Co., Ltd.
DSA-146 AXIOMTEK-DSA-146 Datasheet
288Kb / 1P
   Pluggable engine box: Easy system configuration and maintenance
logo
Xilinx, Inc
XQ18V04 XILINX-XQ18V04 Datasheet
123Kb / 17P
   QPro XQ18V04 (XQR18V04) QML In-System Programmable Configuration PROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com