Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJK2076DPA Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # RJK2076DPA
Description  200V - 20A - MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK2076DPA Datasheet(HTML) 6 Page - Renesas Technology Corp

  RJK2076DPA Datasheet HTML 1Page - Renesas Technology Corp RJK2076DPA Datasheet HTML 2Page - Renesas Technology Corp RJK2076DPA Datasheet HTML 3Page - Renesas Technology Corp RJK2076DPA Datasheet HTML 4Page - Renesas Technology Corp RJK2076DPA Datasheet HTML 5Page - Renesas Technology Corp RJK2076DPA Datasheet HTML 6Page - Renesas Technology Corp RJK2076DPA Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
RJK2076DPA
Preliminary
R07DS0859EJ0200 Rev.2.00
Page 6 of 6
Jan 08, 2013
Package Dimensions
4.23Typ
0.21Typ
0.85Max
1.27Typ
1.27Typ
0.545Typ
5.1 ± 0.2
4.90 ± 0.1
0.42 ± 0.08
3.92 ± 0.22
PWSN0008DE-A
WPAK(3F)V
0.075g
MASS[Typ.]
RENESAS Code
JEITA Package Code
Previous Code
Notice:The reverse pattern of die-pad
support lead described above exists.
Unit: mm
Package Name
WPAK(3F)
Ordering Information
Orderable Part Number
Quantity
Shipping Container
RJK2076DPA-00#J5A
3000 pcs
Taping


Similar Part No. - RJK2076DPA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK2076DPA RENESAS-RJK2076DPA_15 Datasheet
96Kb / 7P
   200V - 20A - MOS FET High Speed Power Switching
More results

Similar Description - RJK2076DPA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK2076DPA RENESAS-RJK2076DPA_15 Datasheet
96Kb / 7P
   200V - 20A - MOS FET High Speed Power Switching
RJK2075DPA RENESAS-RJK2075DPA_15 Datasheet
96Kb / 7P
   200V - 20A - MOS FET High Speed Power Switching
RJK2075DPA RENESAS-RJK2075DPA Datasheet
95Kb / 7P
   200V - 20A - MOS FET High Speed Power Switching
Jan 10, 2013
H5N2005DL RENESAS-H5N2005DL_15 Datasheet
89Kb / 7P
   200V - 6A - MOS FET High Speed Power Switching
RJK2017DPP-M0 RENESAS-RJK2017DPP-M0 Datasheet
86Kb / 7P
   200V - 45A - MOS FET High Speed Power Switching
RJK2017DPP-M0 RENESAS-RJK2017DPP-M0_15 Datasheet
86Kb / 7P
   200V - 45A - MOS FET High Speed Power Switching
RJQ6020DPM RENESAS-RJQ6020DPM Datasheet
83Kb / 4P
   600V - 20A - MOS FET High Speed Power Switching
RJK60S5DPN RENESAS-RJK60S5DPN Datasheet
110Kb / 8P
   600V - 20A - MOS FET High Speed Power Switching
RJK60S5DPQ-E0 RENESAS-RJK60S5DPQ-E0 Datasheet
93Kb / 8P
   600V - 20A - SJ MOS FET High Speed Power Switching
RJL60S5DPP-E0 RENESAS-RJL60S5DPP-E0 Datasheet
114Kb / 8P
   600V - 20A - SJ MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com