Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3X-NA8 Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # E3X-NA8
Description  Manual Fiber Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3X-NA8 Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button E3X-NA8 Datasheet HTML 6Page - Omron Electronics LLC E3X-NA8 Datasheet HTML 7Page - Omron Electronics LLC E3X-NA8 Datasheet HTML 8Page - Omron Electronics LLC E3X-NA8 Datasheet HTML 9Page - Omron Electronics LLC E3X-NA8 Datasheet HTML 10Page - Omron Electronics LLC E3X-NA8 Datasheet HTML 11Page - Omron Electronics LLC E3X-NA8 Datasheet HTML 12Page - Omron Electronics LLC E3X-NA8 Datasheet HTML 13Page - Omron Electronics LLC E3X-NA8 Datasheet HTML 14Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
E3X-NA
11
Amplifier Units with Connectors
● Mounting
Mounting Connectors
1. Insert the Master or Slave Connector into the Amplifier Unit until it
clicks into place.
2. Join Amplifier Units together as required after all the Master and
Slave Connectors have been inserted.
3. Attach the seals (provided as accessories) to the sides of Master
and Slave Connectors that are not connected to other Connectors.
Note: Attach the stickers to the sides with grooves.
Removing Connectors
1. Slide the slave Amplifier Unit for which the Connector is to be
removed away from the rest of the group.
2. After the Amplifier Unit has been separated, press down on the
lever on the Connector and remove it. (Do not attempt to remove
Connectors without separating them from other Amplifier Units
first.)
Mounting End Plate (PFP-M)
Depending on how it is mounted, an Amplifier Unit may move during
operation. In this case, use an End Plate.
Before mounting an End Plate, remove the clip from the master
Amplifier Unit using a nipper or similar tool.
The clip can also be removed using the following mechanism, which
is incorporated in the construction of the section underneath the clip.
1. Insert the clip to be removed into the slit underneath the clip on
another Amplifier Unit.
2. Remove the clip by rotating the Amplifier Unit.
Pull Strengths for Connectors (Including Cables)
E3X-CN11: 30 N max.
E3X-CN12: 12 N max.
Insert
Sticker
Sticker
Remove
Lever
Press down
Clip
Rotate


Similar Part No. - E3X-NA8

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3X-NA11 OMRON-E3X-NA11 Datasheet
2Mb / 20P
   The Highest Level of Power and Precision in the Industry with ?쏥IGA RAY??Giga Power Lighting Element
E3X-NA41 OMRON-E3X-NA41 Datasheet
2Mb / 20P
   Simple Fiber Amplifier
More results

Similar Description - E3X-NA8

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
MEDALLION7200 EMCORE-MEDALLION7200 Datasheet
550Kb / 6P
   CATV Fiber Amplifier
NMOA8200 EMCORE-NMOA8200_11 Datasheet
497Kb / 4P
   CATV Fiber Amplifier
logo
Omron Electronics LLC
E3XNA11V2M OMRON-E3XNA11V2M Datasheet
2Mb / 20P
   Simple Fiber Amplifier
logo
Emcore Corporation
NMOA8200WDM-XX01-1001 EMCORE-NMOA8200WDM-XX01-1001_13 Datasheet
452Kb / 4P
   CATV Fiber Amplifier
MEDALLION7100 EMCORE-MEDALLION7100 Datasheet
532Kb / 5P
   CATV Fiber Amplifier
NMOA8200 EMCORE-NMOA8200 Datasheet
143Kb / 4P
   CATV Fiber Amplifier
logo
Omron Electronics LLC
E3X-NA41 OMRON-E3X-NA41 Datasheet
2Mb / 20P
   Simple Fiber Amplifier
logo
Emcore Corporation
NMOA8100GFF-XX01-1001 EMCORE-NMOA8100GFF-XX01-1001_13 Datasheet
428Kb / 4P
   CATV Fiber Amplifier
MEDALLION7110 EMCORE-MEDALLION7110 Datasheet
545Kb / 6P
   CATV Fiber Amplifier
logo
ON Semiconductor
MC10SX1125 ONSEMI-MC10SX1125 Datasheet
81Kb / 5P
   FIBER OPTIC POST AMPLIFIER
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com