Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPM1A-8ED Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # CPM1A-8ED
Description  CPM1A System configuration
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CPM1A-8ED Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button CPM1A-8ED Datasheet HTML 5Page - Omron Electronics LLC CPM1A-8ED Datasheet HTML 6Page - Omron Electronics LLC CPM1A-8ED Datasheet HTML 7Page - Omron Electronics LLC CPM1A-8ED Datasheet HTML 8Page - Omron Electronics LLC CPM1A-8ED Datasheet HTML 9Page - Omron Electronics LLC CPM1A-8ED Datasheet HTML 10Page - Omron Electronics LLC CPM1A-8ED Datasheet HTML 11Page - Omron Electronics LLC CPM1A-8ED Datasheet HTML 12Page - Omron Electronics LLC CPM1A-8ED Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
Specifications
13
Input Temperature Ranges for CPM1A-TS001/002
The rotary switch can be used to make of the following range and input type settings for CPM1A-TS001/002 models.
Input type
Range (
"C)
Range (
"F)
K
--200 to 1300
--300 to 2300
0.0 to 500.0
0.0 to 900.0
J
--100 to 850
--100 to 1500
0.0 to 400.0
0.0 to 750.0
Input Temperature Ranges for CPM1A-TS101/102
The rotary switch can be used to make of the following range and input type settings for CPM1A-TS101/102 models.
Input type
Range (
"C)
Range (
"F)
Pt100
--200.0 to 650.0
--300 to 1200.0
JPt100
--200.0 to 650.0
--300 to 1200.0
Communications Adapter Specifications
RS-232C Adapter and RS-422 Adapter
Item
Specifications
CPM1-CIF01
CPM1-CIF11
Functions
Level conversion between the CMOS level (CPU side)
and the RS-232C (peripheral device side)
Level conversion between the CMOS level (CPU side)
and the RS-422 (peripheral device side)
Insulation
The RS-232C (peripheral device side) is insulated by a
DC/DC converter and photocoupler.
The RS-422 (peripheral device side) is insulated by a
DC/DC converter and photocoupler.
Power supply
Power is supplied by the CPU.
Power consumption
0.3 A max.
Transmission speed
38.4 Kbits/s max.
Vibration resistance
10 to 57 Hz with an amplitude of 0.075 mm, and 57 to 150 Hz with an acceleration of 9.8 m/s2 in the X, Y and Z
directions for 80 minutes each in accordance (i.e. swept for 8 minutes, 10 times).
Shock resistance
147 m/s2 in the X, Y and Z directions 3 times each.
Ambient temperature
(operating)
0
" to 55"C
Ambient humidity
(operating)
10% to 90% (with no condensation)
Ambient environment
(operating)
With no corrosive gas
Ambient temperature
(storage)
--20
" to 75"C
Weight
200 g max.
Memory Backup
The user program and memory area data in the CPU Unit are backed up by either one of the following methods.
& Flash Memory:
User program, read-only DM area (DM 6144 to DM 6599), and PC Setup area (DM 6600 to DM 6655).
& Internal Capacitor:
DM areas other than the above, HR area, AR area, and
Counter area.
The capacitor provides backup for a power interruption lasting
20 days at room temperature. If the power is expected to remain
OFF for a period exceeding this data backup period, consider-
ation must be given to the design of the system so that no prob-
lems will occur when the set values become undefined ones. For
further details, refer to CPM1A Operation Manual (W317).
Ambient temperature (_C)
20
10
7
1
25
40
80


Similar Part No. - CPM1A-8ED

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CPM1A-40CDR-A-V1 OMRON-CPM1A-40CDR-A-V1 Datasheet
1Mb / 25P
   Micro Programmable Controller CPM1A
More results

Similar Description - CPM1A-8ED

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CJ1W-ID211 OMRON-CJ1W-ID211 Datasheet
418Kb / 10P
   System Configuration
logo
Epson Company
SG-8002CE-SCB EPSON-SG-8002CE-SCB Datasheet
175Kb / 1P
   Product Configuration System
SGR-8002JC-PCC EPSON-SGR-8002JC-PCC Datasheet
175Kb / 1P
   Product Configuration System
SG-8002CE-PTB EPSON-SG-8002CE-PTB Datasheet
175Kb / 1P
   Product Configuration System
logo
Omron Electronics LLC
CPM1A-40CDR-A-V1 OMRON-CPM1A-40CDR-A-V1 Datasheet
1Mb / 25P
   Micro Programmable Controller CPM1A
logo
Advantech Co., Ltd.
ESRP-FTS-EKI7712 ADVANTECH-ESRP-FTS-EKI7712 Datasheet
3Mb / 2P
   Auto-Configuration Backup and Restore System
logo
STMicroelectronics
EVAL6207N STMICROELECTRONICS-EVAL6207N Datasheet
411Kb / 34P
   PractiSPIN evaluation system configuration and set up guide
AN1794 STMICROELECTRONICS-AN1794 Datasheet
411Kb / 34P
   PractiSPIN evaluation system configuration and set up guide
logo
Axiomtek Co., Ltd.
DSA-146 AXIOMTEK-DSA-146 Datasheet
288Kb / 1P
   Pluggable engine box: Easy system configuration and maintenance
logo
Xilinx, Inc
XQ18V04 XILINX-XQ18V04 Datasheet
123Kb / 17P
   QPro XQ18V04 (XQR18V04) QML In-System Programmable Configuration PROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com