Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X40035S14I-C Datasheet(PDF) 1 Page - Intersil Corporation

Part # X40035S14I-C
Description  Triple Voltage Monitor with Integrated CPU Supervisor
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X40035S14I-C Datasheet(HTML) 1 Page - Intersil Corporation

  X40035S14I-C Datasheet HTML 1Page - Intersil Corporation X40035S14I-C Datasheet HTML 2Page - Intersil Corporation X40035S14I-C Datasheet HTML 3Page - Intersil Corporation X40035S14I-C Datasheet HTML 4Page - Intersil Corporation X40035S14I-C Datasheet HTML 5Page - Intersil Corporation X40035S14I-C Datasheet HTML 6Page - Intersil Corporation X40035S14I-C Datasheet HTML 7Page - Intersil Corporation X40035S14I-C Datasheet HTML 8Page - Intersil Corporation X40035S14I-C Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1
®
FN8114.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2005-2006, 2008. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
X40030, X40031, X40034, X40035
Triple Voltage Monitor with Integrated
CPU Supervisor
The X40030, X40031, X40034, X40035 combine power-on
reset control, watchdog timer, supply voltage supervision,
second and third voltage supervision, and manual reset, in one
package. This combination lowers system cost, reduces board
space requirements, and increases reliability.
Applying voltage to VCC activates the power-on reset circuit,
which holds RESET/RESET active for a period of time. This
allows the power supply and system oscillator to stabilize
before the processor can execute code.
Low VCC detection circuitry protects the user’s system from
low voltage conditions, resetting the system when VCC falls
below the minimum VTRIP1 point. RESET/RESET is active
until VCC returns to proper operating level and stabilizes. A
second and third voltage monitor circuit tracks the unregulated
supply to provide a power fail warning or monitors different
power supply voltage. Three common low voltage
combinations are available, however, Intersil’s unique circuits
allows the threshold for either voltage monitor to be
reprogrammed to meet specific system level requirements or to
fine-tune the threshold for applications requiring higher
precision.
Features
• Triple voltage detection and reset assertion
- Standard reset threshold settings; see Table 1 on
page 5.
- Adjust low voltage reset threshold voltages using
special programming sequence
- Reset signal valid to VCC = 1V
- Monitor three separate voltages
• Fault detection register
• Selectable power-on reset time-out (0.05s, 0.2s, 0.4s,
0.8s)
• Selectable watchdog timer interval (25ms, 200ms, 1.4s or
off)
• Debounced manual reset input
• Low power CMOS
- 25µA typical standby current, watchdog on
- 6µA typical standby current, watchdog off
• 400kHz 2-wire interface
• 2.7V to 5.5V power supply operation
• Available in 14 Ld SOIC and 14 Ld TSSOP packages
• Monitor voltages: 5V to 0.9V
• Independent core voltage monitor
• Pb-free available (RoHS compliant)
Applications
• Communication equipment
- Routers, hubs, switches
- Disk arrays, network storage
• Industrial systems
- Process control
- Intelligent instrumentation
• Computer systems
- Computers
- Network servers
Data Sheet
August 25, 2008


Similar Part No. - X40035S14I-C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X40035S14I-C RENESAS-X40035S14I-C Datasheet
917Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
More results

Similar Description - X40035S14I-C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X40430 INTERSIL-X40430_06 Datasheet
405Kb / 26P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40030 RENESAS-X40030 Datasheet
917Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40430 INTERSIL-X40430 Datasheet
381Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40030 INTERSIL-X40030_06 Datasheet
354Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40430 RENESAS-X40430 Datasheet
1,014Kb / 26P
   4Kbit EEPROM Triple Voltage Monitor with Integrated CPU Supervisor
May 24, 2006
logo
Xicor Inc.
X40430 XICOR-X40430 Datasheet
419Kb / 24P
   4kbit EEPROM, Triple Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40030 INTERSIL-X40030 Datasheet
322Kb / 21P
   Triple Voltage Monitor with Intergrated CPU Supervisor
logo
Renesas Technology Corp
X40010 RENESAS-X40010 Datasheet
933Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
logo
Xicor Inc.
X40010 XICOR-X40010 Datasheet
124Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40410 RENESAS-X40410 Datasheet
914Kb / 24P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com