Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2039EYMT Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC2039EYMT
Description  High-Accuracy, High-Side, Adjustable Current Limit Power Switch
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2039EYMT Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC2039EYMT Datasheet HTML 4Page - Micrel Semiconductor MIC2039EYMT Datasheet HTML 5Page - Micrel Semiconductor MIC2039EYMT Datasheet HTML 6Page - Micrel Semiconductor MIC2039EYMT Datasheet HTML 7Page - Micrel Semiconductor MIC2039EYMT Datasheet HTML 8Page - Micrel Semiconductor MIC2039EYMT Datasheet HTML 9Page - Micrel Semiconductor MIC2039EYMT Datasheet HTML 10Page - Micrel Semiconductor MIC2039EYMT Datasheet HTML 11Page - Micrel Semiconductor MIC2039EYMT Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Micrel, Inc.
MIC2039
June 7, 2013
8
Revision 1.1
Typical Characteristics
Input Supply Current
vs. Temperature
0
25
50
75
100
125
150
175
200
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VIN = 5V
IOUT = 0mA
VIN OFF Current
vs. Temperature
0.00
0.25
0.50
0.75
1.00
1.25
1.50
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VIN = 5V
VEN = OFF
IOUT = 0mA
Undervoltage Lockout
vs. Temperature
1.50
1.75
2.00
2.25
2.50
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VIN Falling
VIN Rising
RDS(ON)
vs. Temperature
0
25
50
75
100
125
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VIN = 5V
IOUT = 350mA
RDS(ON)
vs. Output Current
0
25
50
75
100
125
0.0
0.5
1.0
1.5
2.0
2.5
OUTPUT CURRENT (A)
VIN = 5V
TA = 25°C
RDS(ON)
vs. Output Current
0
25
50
75
100
125
0.0
0.5
1.0
1.5
2.0
2.5
OUTPUT CURRENT (A)
VIN = 3.3V
TA = 25°C
0
10
20
30
40
50
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
FAULT/ Response Time
vs. Temperature
VIN = 5V
ILIMIT = 1A
NON-KICKSTART
0
50
100
150
200
250
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
FAULT/ Response Time
vs. Temperature
VIN = 5V
ILIMIT = 1A
KICKSTART
0
50
100
150
200
250
0.0
0.5
1.0
1.5
2.0
2.5
OUTPUT CURRENT (A)
FAULT/ Response Time
vs. Output Current
VIN = 5V
TA = 25°C
KICKSTART


Similar Part No. - MIC2039EYMT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC2039EYMT-T5 MICROCHIP-MIC2039EYMT-T5 Datasheet
2Mb / 28P
   High-Accuracy, High-Side, Adjustable Current-Limit Power Switch
Revision B (May 2022)
MIC2039EYMT-TR MICROCHIP-MIC2039EYMT-TR Datasheet
2Mb / 28P
   High-Accuracy, High-Side, Adjustable Current-Limit Power Switch
Revision B (May 2022)
More results

Similar Description - MIC2039EYMT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC2039 MICROCHIP-MIC2039 Datasheet
2Mb / 28P
   High-Accuracy, High-Side, Adjustable Current-Limit Power Switch
Revision B (May 2022)
logo
Micrel Semiconductor
MIC2033 MICREL-MIC2033_15 Datasheet
701Kb / 21P
   High-Accuracy, High-Side, Fixed Current Limit Power Switch
MIC2033 MICREL-MIC2033 Datasheet
654Kb / 20P
   High-Accuracy, High-Side, Fixed Current Limit Power Switch
logo
Microchip Technology
MIC2033 MICROCHIP-MIC2033 Datasheet
1Mb / 28P
   High-Accuracy, High-Side, Fixed Current-Limit Power Switch
09/14/21
logo
ON Semiconductor
NCV47722. ONSEMI-NCV47722. Datasheet
163Kb / 14P
   High Side Switch with Adjustable Current Limit
April, 2017 ??Rev. 0
logo
Rohm
BD2222G ROHM-BD2222G Datasheet
764Kb / 30P
   1ch Adjustable Current Limit High Side Switch ICs
BD2242G ROHM-BD2242G Datasheet
993Kb / 29P
   1ch Adjustable Current Limit High Side Switch ICs
BD2244G-M ROHM-BD2244G-M_16 Datasheet
2Mb / 29P
   1ch Adjustable Current Limit High Side Switch ICs
BD22441G-C ROHM-BD22441G-C Datasheet
1Mb / 28P
   Automotive 1ch Adjustable Current Limit High Side Switch ICs
11.Apr.2022 Rev.004
logo
ON Semiconductor
NCV47722 ONSEMI-NCV47722 Datasheet
256Kb / 12P
   High Side Switch with Adjustable Current Limit and Diagnostic Features
July, 2020 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com