Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EE-1010 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # EE-1010
Description  Reflective Photomicrosensor with Sensitivity Adjuster
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-1010 Datasheet(HTML) 5 Page - Omron Electronics LLC

  EE-1010 Datasheet HTML 1Page - Omron Electronics LLC EE-1010 Datasheet HTML 2Page - Omron Electronics LLC EE-1010 Datasheet HTML 3Page - Omron Electronics LLC EE-1010 Datasheet HTML 4Page - Omron Electronics LLC EE-1010 Datasheet HTML 5Page - Omron Electronics LLC EE-1010 Datasheet HTML 6Page - Omron Electronics LLC EE-1010 Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
EE-SY671/672
5
Sensitivity Adjustment with Background Object
Sensitivity Adjustment with No Background Object
Point A
Point B
Setting
Check
Sens-
ing
condi-
tions
Ad-
juster
indi-
cator
Adjustment
Procedure
1. Set the sensitivity of the
photomicrosensor to
minimum, place the sensing
object in the sensing
position, turn the sensitivity
adjuster clockwise slowly
until the light indicator is lit
(point A).
2. Remove the sensing object,
at which time the light
indicator will be OFF.
Further turn the sensitivity
adjuster clockwise slowly
until the light indicator is lit
again (point B). The
operation indicator will not
light again if the background
object does not reflect light,
in which case refer to
‘Sensitivity Adjustment with
No Background Object”.
3. Set the sensitivity adjuster
at the center (point C)
between point A and B.
Points A and B will be very
close if the sensor is
influenced by excessive
light reflected by the
background object, in which
case take the following
preventive measures.
(1) Separate the sensor and
the background object
by a distance of 20 mm
min.
(2) Cover the surface of the
background object with
a material with a small
reflection factor, such as
black sponge.
4. After setting the sensitivity
adjuster to point C, check if
the light indicator is lit on
placing the sensing object at
the sensing position and not
lit on removing the sensing
object.
Background object
A
Background object
B
Background object
Black paper with small
reflection factor
C
B
C
Point A
Point B
Check
Sens-
ing
condi-
tions
Ad-
juster
indi-
cator
Adjustment
Procedure
1. Set the sensitivity of the
photomicrosensor to
minimum, place the sensing
object at the sensing
position, turn the sensitivity
adjuster clockwise slowly
until the light indicator is lit
(point A).
2. Set the sensitivity adjuster
at the center (point C)
between points A and B (the
point where the sensitivity is
maximum).
3. After setting the sensitivity
adjuster to point C, check if
the light indicator is not lit on
removing the sensing
object.
A
B
C
A
C


Similar Part No. - EE-1010

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-1010 OMRON-EE-1010 Datasheet
365Kb / 5P
   Accurately detects objects placed in front of shiny Background.
EE-1010-1M OMRON-EE-1010-1M Datasheet
282Kb / 5P
   A Wide Slot Width of 13 mm and Superior Resistance to Light Interference and Noise.
EE-1010-2M OMRON-EE-1010-2M Datasheet
282Kb / 5P
   A Wide Slot Width of 13 mm and Superior Resistance to Light Interference and Noise.
EE-1010-R OMRON-EE-1010-R Datasheet
365Kb / 5P
   Accurately detects objects placed in front of shiny Background.
EE-1010-R-1M OMRON-EE-1010-R-1M Datasheet
282Kb / 5P
   A Wide Slot Width of 13 mm and Superior Resistance to Light Interference and Noise.
More results

Similar Description - EE-1010

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-SY310 OMRON-EE-SY310 Datasheet
221Kb / 4P
   Photomicrosensor (Reflective)
EE-SY171 OMRON-EE-SY171 Datasheet
241Kb / 4P
   Photomicrosensor (Reflective)
EE-SY110 OMRON-EE-SY110 Datasheet
252Kb / 4P
   Photomicrosensor (Reflective)
EE-SY201 OMRON-EE-SY201 Datasheet
174Kb / 2P
   Photomicrosensor (Reflective)
EE-SY169 OMRON-EE-SY169 Datasheet
671Kb / 4P
   Photomicrosensor (Reflective)
EE-SF5 OMRON-EE-SF5 Datasheet
722Kb / 4P
   Photomicrosensor (Reflective)
EE-SY313 OMRON-EE-SY313 Datasheet
219Kb / 4P
   Photomicrosensor (Reflective)
EE-SY124 OMRON-EE-SY124 Datasheet
372Kb / 4P
   Photomicrosensor (Reflective)
EE-SY113 OMRON-EE-SY113 Datasheet
253Kb / 4P
   Photomicrosensor (Reflective)
EE-SY193 OMRON-EE-SY193 Datasheet
302Kb / 6P
   Photomicrosensor (Reflective)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com