Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3X-NA11F Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # E3X-NA11F
Description  Manual Fiber Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3X-NA11F Datasheet(HTML) 3 Page - Omron Electronics LLC

  E3X-NA11F Datasheet HTML 1Page - Omron Electronics LLC E3X-NA11F Datasheet HTML 2Page - Omron Electronics LLC E3X-NA11F Datasheet HTML 3Page - Omron Electronics LLC E3X-NA11F Datasheet HTML 4Page - Omron Electronics LLC E3X-NA11F Datasheet HTML 5Page - Omron Electronics LLC E3X-NA11F Datasheet HTML 6Page - Omron Electronics LLC E3X-NA11F Datasheet HTML 7Page - Omron Electronics LLC E3X-NA11F Datasheet HTML 8Page - Omron Electronics LLC E3X-NA11F Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
E3X-NA
3
Ratings and Specifications
Amplifier Units
*1. When there are 8 or more Units mounted side-by-side, the response time will be 350 s max.
*2. High-speed detection models do not have the mutual interference prevention function.
*3. The dielectric strength for water-resistant models with M8 connectors is 500 VAC.
*4. Add 10 g to the weight for water-resistant models.
Amplifier Unit Connectors
Type
Standard models
High-speed
detection models
Mark-detecting models
Water-resistant models
Model
NPN
output
E3X-NA
@
E3X-NA
@F
E3X-NAG
@
E3X-NA
@V
Item
PNP
output
Light source
(wavelength)
Red LED (680 nm)
Green LED (520 nm)
Red LED (680 nm)
Power supply
voltage
12 to 24 VDC 10%, ripple (p-p): 10% max.
Current
consumption
35 mA max.
35 mA max.
(for 24-VDC power supply)
35 mA max.
Control output
Load current: 50 mA max.; residual voltage: 1 V max.; NPN/PNP (depends on model) open collector; Light-ON/Dark-ON mode selector
Self-diagnosis
output
None
Yes
None
Response time
Operate or reset: 200 s max. *1
Operate: 20 s max.
Reset: 30 s max.
Operate or reset: 200 s max. *1
Sensitivity
adjustment
8-turn sensitivity adjuster (with indicator)
Protection circuits
Reverse polarity, output short-circuit, mutual interference prevention (optically synchronized) *2
Timer function
OFF-delay timer: 40 ms (fixed)
Ambient illumination
(Receiver side)
Incandescent lamp: 10,000 lux max.
Sunlight:
20,000 lux max.
Ambient
temperature range
Operating:Groups of 1 to 3 Amplifiers: 25 C to 55 C
Groups of 4 to11 Amplifiers: 25 C to 50 C
Groups of 12 to16 Amplifiers: 25 C to 45 C
Storage:
30 C to 70 C (with no icing or condensation)
Ambient humidity
range
Operating and storage: 35% to 85% (with no condensation)
Insulation resistance 20 M
min. (at 500 VDC)
Dielectric strength
1,000 VAC at 50/60 Hz for 1 minute *3
Vibration resistance
Destruction: 10 to 55 Hz with a 1.5-mm double amplitude for 2 hrs each in X, Y and Z directions
Shock resistance
Destruction: 500 m/s2, for 3 times each in X, Y and Z directions
Degree of protection
IEC 60529 IP50 (with Protective Cover attached)
IEC 60529 IP66 (with Pro-
tective Cover attached)
Connection method
Pre-wired (standard cable length: 2 m) or connector
Weight
(packed state)
Pre-wired models: approx. 100 g, Connector models: approx. 55 g (See note 4.) *4
Material
Case
Polybutylene terephthalate (PBT)
Cover
Polycarbonate
Polyethersulfone (PES)
Accessories
Instruction manual
Item
Model
E3X-CN11
E3X-CN12
Rated current
2.5 A
Rated voltage
50 V
Contact resistance
20 m
max. (20 mVDC max., 100 mA max.)
(The above figure is for connection to the Amplifier Unit and the adjacent Connector. It does not include the conductor resistance of the cable.)
Number of inser-
tions
Destruction: 50 times (for connection to the Amplifier Unit and the adjacent Connector)
Material
Housing
Polybutylene terephthalate (PBT)
Contact
Phosphor bronze/gold-plated nickel
Weight
(packed state)
Approx. 55 g
Approx. 25 g


Similar Part No. - E3X-NA11F

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3X-NA11 OMRON-E3X-NA11 Datasheet
2Mb / 20P
   The Highest Level of Power and Precision in the Industry with ?쏥IGA RAY??Giga Power Lighting Element
More results

Similar Description - E3X-NA11F

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
MEDALLION7200 EMCORE-MEDALLION7200 Datasheet
550Kb / 6P
   CATV Fiber Amplifier
NMOA8200 EMCORE-NMOA8200_11 Datasheet
497Kb / 4P
   CATV Fiber Amplifier
logo
Omron Electronics LLC
E3XNA11V2M OMRON-E3XNA11V2M Datasheet
2Mb / 20P
   Simple Fiber Amplifier
logo
Emcore Corporation
NMOA8200WDM-XX01-1001 EMCORE-NMOA8200WDM-XX01-1001_13 Datasheet
452Kb / 4P
   CATV Fiber Amplifier
MEDALLION7100 EMCORE-MEDALLION7100 Datasheet
532Kb / 5P
   CATV Fiber Amplifier
NMOA8200 EMCORE-NMOA8200 Datasheet
143Kb / 4P
   CATV Fiber Amplifier
logo
Omron Electronics LLC
E3X-NA41 OMRON-E3X-NA41 Datasheet
2Mb / 20P
   Simple Fiber Amplifier
logo
Emcore Corporation
NMOA8100GFF-XX01-1001 EMCORE-NMOA8100GFF-XX01-1001_13 Datasheet
428Kb / 4P
   CATV Fiber Amplifier
MEDALLION7110 EMCORE-MEDALLION7110 Datasheet
545Kb / 6P
   CATV Fiber Amplifier
logo
ON Semiconductor
MC10SX1125 ONSEMI-MC10SX1125 Datasheet
81Kb / 5P
   FIBER OPTIC POST AMPLIFIER
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com