Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G5LE-14 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # G5LE-14
Description  PCB Relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G5LE-14 Datasheet(HTML) 3 Page - Omron Electronics LLC

  G5LE-14 Datasheet HTML 1Page - Omron Electronics LLC G5LE-14 Datasheet HTML 2Page - Omron Electronics LLC G5LE-14 Datasheet HTML 3Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
PCB Relay
G5LE
J
CHARACTERISTIC DATA
Max. Switching Capacity G5LE
Ambient Temperature
vs. Maximum Voltage
Ambient temperature (°C)
Switching voltage (V)
Life Expectancy G5LE
Switching current (A)
AC re-
sistive
load
DC resistive
load
23
5,000
3,000
1,000
700
500
300
100
70
50
30
10
02
4
6
8
10
12
30-VDC
resistive load
120-VAC
resistive load
30-VDC
inductive
(L/R = 7ms)
120-VAC
inductive
cos
φ= 0.4
10
7
5
3
1
0.7
0.5
0.3
0
10
30 50
125
250 500 1,000
200
180
100
140
120
100
--25 20
30 40
50 60 70
80
90 100
0
Dimensions
Unit: mm (inch)
J
G5LE-1(A)
*Average value
[21.6]*
22.5 max.
(0.89)
[18.5]*
19.0 max.
(0.75) 0.5
(0.02)
3.5
(0.14)
0.2
(0.01)
1
(0.04)
[15.6]*
16.5 max.
(0.65)
1.2
(0.05)
0.4
(0.02)
J
G5LE-1(A)4
*Average value
[21.6]*
22.5 max.
(0.89)
[15.6]*
16.5 max.
(0.65)
[18.5]*
19.0 max.
(0.75)
0.5
(0.02)
3.5
(0.14)
0.2
(0.01)
1.2
(0.05)
0.4
(0.02)
1
(0.04)


Similar Part No. - G5LE-14

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5LE-14 OMRON-G5LE-14 Datasheet
116Kb / 5P
   PCB Relay
G5LE-14 OMRON-G5LE-14 Datasheet
154Kb / 5P
   ACUBIC, SINGLE-POLE 10-A POWER RELAY
G5LE-14 OMRON-G5LE-14 Datasheet
828Kb / 8P
   PCB Relay
G5LE-14 OMRON-G5LE-14 Datasheet
751Kb / 6P
   A Cubic, Single-pole 10-A Power Relay
G5LE-14 OMRON-G5LE-14 Datasheet
751Kb / 6P
   A Cubic, Single-pole 10-A Power Relay
More results

Similar Description - G5LE-14

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5G OMRON-G5G Datasheet
848Kb / 3P
   PCB Relay
G5LE OMRON-G5LE Datasheet
828Kb / 8P
   PCB Relay
G5T OMRON-G5T Datasheet
199Kb / 6P
   PCB Relay
G6RL OMRON-G6RL Datasheet
445Kb / 8P
   PCB Relay
G6B-1114P-US-DC24 OMRON-G6B-1114P-US-DC24 Datasheet
285Kb / 7P
   PCB Relay
P6B-26P OMRON-P6B-26P Datasheet
287Kb / 7P
   PCB Relay
G2RL-1A4-EDC12 OMRON-G2RL-1A4-EDC12 Datasheet
513Kb / 6P
   PCB Relay
G8P-1C4PDC6 OMRON-G8P-1C4PDC6 Datasheet
933Kb / 6P
   PCB Relay
G2RL OMRON-G2RL Datasheet
946Kb / 8P
   PCB Relay
G5CA OMRON-G5CA Datasheet
361Kb / 8P
   PCB Relay
G5SB OMRON-G5SB Datasheet
270Kb / 6P
   PCB Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com