Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G5LE-1A-ACD Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G5LE-1A-ACD
Description  PCB Relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G5LE-1A-ACD Datasheet(HTML) 2 Page - Omron Electronics LLC

  G5LE-1A-ACD Datasheet HTML 1Page - Omron Electronics LLC G5LE-1A-ACD Datasheet HTML 2Page - Omron Electronics LLC G5LE-1A-ACD Datasheet HTML 3Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
PCB Relay
G5LE
Specifications
J
COIL DATA
Rated voltage
3VDC
5VDC
6VDC
9VDC
12 VDC
24 VDC
48 VDC
Rated current
136.4 mA
79.4 mA
66.7 mA
45 mA
33.3 mA
16.7 mA
8.33 mA
Coil resistance
22.5 Ω
63 Ω
90 Ω
200 Ω
360 Ω
1,440 Ω
5,760 Ω
Must operate voltage
75% of rated voltage (max.)
Must release voltage
10% of rated voltage (min.)
Max. voltage
130% of rated voltage at 70°C (158°F), 170% of rated voltage at 23°C(73°F)
Power consumption
Approx. 400 mW
Note:
1. The rated current and coil resistance are measured at a coil temperature of 23°C(73°F) with a tolerance of ±10%.
2. 360 mW coil is available. Contact Omron for details.
3. VDE approved model available. Contact Omron for details.
J
CONTACT DATA
Load
Resistive load (cosφ =1)
Rated load
10 A at 120 VAC; 8 A at 30 VDC
Rated carry current
10 A
Max. switching voltage
250 VAC, 125 VDC
Max. switching
t
AC
10 A
g
current
DC
8A
Max. switching capacity
1,200 VA, 240 W
Min. permissible load
100 mA at 5 VDC
J
CHARACTERISTICS
Contact resistance
100 mΩ max.
Operate time
10 ms max.
Release time
5msmax.
Bounce time
Operate
Approx. 0.6 ms
Release
Approx. 7.2 ms
Max. switching
f
Mechanical
18,000 operations/hr
g
frequency
Electrical
1,800 operations/hr (under rated load)
Insulation resistance
100 MΩ min. (at 500 VDC)
Dielectric strength
750 VAC, 50/60 Hz for 1 min between contacts of same polarity
2,000 VAC, 50/60 Hz for 1 min between coil and contacts
Impulse withstand voltage
4,500 V between coil and contacts
Vibration
i t
Destruction
10 to 55 Hz, 1.5-mm double amplitude
resistance
Malfunction
10 to 55 Hz, 1.5-mm double amplitude
Shock resistance
Destruction
1,000 m/s2 (approx. 100G)
Malfunction
100 m/s2 (approx. 10G)
Life expectancy
Mechanical
10,000,000 operations min. (at 18,000 operations/hr)
p
y
Electrical
100,000 operations min. (at 1,800 operations/hr)
Ambient
temperature
Operating
--40°Cto85°C(--13°F to 185°F)
Ambient humidity
35% to 85%
Weight
Approx. 12 g (0.42 oz)


Similar Part No. - G5LE-1A-ACD

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5LE-1A-ACD OMRON-G5LE-1A-ACD Datasheet
116Kb / 5P
   PCB Relay
G5LE-1A-ACD OMRON-G5LE-1A-ACD Datasheet
154Kb / 5P
   ACUBIC, SINGLE-POLE 10-A POWER RELAY
More results

Similar Description - G5LE-1A-ACD

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5G OMRON-G5G Datasheet
848Kb / 3P
   PCB Relay
G5LE OMRON-G5LE Datasheet
828Kb / 8P
   PCB Relay
G5T OMRON-G5T Datasheet
199Kb / 6P
   PCB Relay
G6RL OMRON-G6RL Datasheet
445Kb / 8P
   PCB Relay
G6B-1114P-US-DC24 OMRON-G6B-1114P-US-DC24 Datasheet
285Kb / 7P
   PCB Relay
P6B-26P OMRON-P6B-26P Datasheet
287Kb / 7P
   PCB Relay
G2RL-1A4-EDC12 OMRON-G2RL-1A4-EDC12 Datasheet
513Kb / 6P
   PCB Relay
G8P-1C4PDC6 OMRON-G8P-1C4PDC6 Datasheet
933Kb / 6P
   PCB Relay
G2RL OMRON-G2RL Datasheet
946Kb / 8P
   PCB Relay
G5CA OMRON-G5CA Datasheet
361Kb / 8P
   PCB Relay
G5SB OMRON-G5SB Datasheet
270Kb / 6P
   PCB Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com