Electronic Components Datasheet Search |
|
G2R-K-1A4-E Datasheet(PDF) 8 Page - Omron Electronics LLC |
|
G2R-K-1A4-E Datasheet(HTML) 8 Page - Omron Electronics LLC |
8 / 14 page 8 G2R PCB Power Relay G 2 R G2RK-1A, G2RK-1 G2RK-2A, G2RK-2 G2R-14, G2R-1A4 G2R-24, G2R-2A4 G2R-1Z4, G2R-1AZ4 ● Ambient Temperature vs. Maximum Coil Voltage ● Ambient Temperature vs. Must Operate and Must Release Voltage G2R-1 G2R-2 Note: The maximum coil voltage refers to the maximum value in a varying range of operating power voltage, not a continuous voltage. ● Shock Malfunction G2R-1 Number of Relays: 5 pcs G2R-2 Number of Relays: 5 pcs ● Keep-power decrement with time G2RK-1 Switching current (A) 1,000 500 300 100 50 30 10 5 3 0 1 2 2.5 3 3.5 4 5 6 250 VAC/30 VDC resistive load 30 VDC inductive load (L/R = 7ms) 250 VAC inductive load (cos φ = 0.4) Switching current (A) 1,000 500 300 100 50 30 10 5 3 0 1 1.5 2 2.5 3 4 250 VAC/30 VDC resistive load 30 VDC inductive load (L/R = 7ms) 250 VAC inductive load (cos φ = 0.4) Fully Sealed Relays Switching current (A) 1,000 500 300 100 50 30 10 5 3 0 2 4 6 8 10 12 250 VAC/30 VDC resistive load 30 VDC inductive load (L/R = 7ms) 250 VAC inductive load (cos φ = 0.4) Switching current (A) 1,000 500 300 100 50 30 10 5 3 0 1 1.5 2 2.5 3 4 5 6 250 VAC/30 VDC resistive load 30 VDC inductive load (L/R = 7ms) 250 VAC inductive load (cos φ = 0.4) Switching current (A) 1,000 500 300 100 50 30 10 5 3 0 1 2 3 4 5 6 250 VAC/30 VDC resistive load 30 VDC inductive load (L/R = 7ms) 250 VAC inductive load (cos φ = 0.4) Ambient temperature (°C) 250 200 150 100 50 0 −25 20 30 40 50 60 70 80 90 100 DC coil AC coil 170 140 110 100 80 60 40 20 0 −60 −40 −20 0 20 40 60 80 Ambient temperature (°C) Sample: G2R-1 Number of Relays: 5 pcs max. min. X max. min. X Must operate voltage Must release voltage 100 80 60 40 20 0 −60 −40 −20 0 20 40 60 80 Ambient temperature (°C) Sample: G2R-2 Number of Relays: 5 pcs max. min. X max. min. X Must operate voltage Must release voltage Z Z' Shock direction Unit: m/s2 Y Y Y' Y' X X X' X' SPST-NO (1a) SPST-NC (1c) 1,000 1,000 800 600 400 200 200 400 600 800 Z Z' Test Conditions: Shock is applied in ±X, ±Y, and ±Z directions three times each with and without energizing the Relays to check the number of contact malfunctions. Requirement: 200 m/s2 when energized; 100m/s2 when de-energized Z Z' Shock direction Unit: m/s2 Y Y Y' Y' X X X' X' SPST-NO (1a) SPST-NC (1c) 1,000 1,000 800 600 400 200 200 400 600 800 Z Z' 270 Test Conditions: Shock is applied in ±X, ±Y, and ±Z directions three times each with and without energizing the Relays to check the number of contact malfunctions. Requirement: 200 m/s2 when energized; 100m/s2 when de-energized Elapsed time (H) Number of Relays: 50 pcs Measurement: after the relay kept static by applying a rated voltage, leave the relay at room temperature of 20°C to 30°C, and high temperature of 80°C ± 2°C respectively, to measure how the keep-power varies with time. 50 100 500 1,000 5,000 10,000 160 140 120 100 80 60 40 20 0 MAX MIN ) MAX MIN ) Room temperature High temperature |
Similar Part No. - G2R-K-1A4-E |
|
Similar Description - G2R-K-1A4-E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |