Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G6CK-2114P-UC3VDC Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # G6CK-2114P-UC3VDC
Description  PCB Power Relay
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6CK-2114P-UC3VDC Datasheet(HTML) 5 Page - Omron Electronics LLC

  G6CK-2114P-UC3VDC Datasheet HTML 1Page - Omron Electronics LLC G6CK-2114P-UC3VDC Datasheet HTML 2Page - Omron Electronics LLC G6CK-2114P-UC3VDC Datasheet HTML 3Page - Omron Electronics LLC G6CK-2114P-UC3VDC Datasheet HTML 4Page - Omron Electronics LLC G6CK-2114P-UC3VDC Datasheet HTML 5Page - Omron Electronics LLC G6CK-2114P-UC3VDC Datasheet HTML 6Page - Omron Electronics LLC G6CK-2114P-UC3VDC Datasheet HTML 7Page - Omron Electronics LLC G6CK-2114P-UC3VDC Datasheet HTML 8Page - Omron Electronics LLC G6CK-2114P-UC3VDC Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
111
Text
110
Text
Model
Contact form
Coil rating
Contact rating
G6C-1114P-US
SPST-NO
3 to 60 VDC
10 A, 250 VAC (general use)
G6C-1114C-US
10 A, 30 VDC (resistive load)
G6C-1117P-US
1/6 hp, 125 VAC
G6C-1117C-US
1/4 hp, 125 VAC
1/4 hp, 250 VAC
1/3 hp, 250 VAC
TV-5
600 W, 120 VAC (tungsten)
G6C-2114P-US
SPST-NO + SPST-NC
3 to 60 VDC
8 A, 250 VAC (general use)
G6C-2114C-US
8 A, 30 VDC (resistive load)
G6C-2117P-US
1/6 hp, 125 VAC
G6C-2117C-US
1/4 hp, 125 VAC
1/4 hp, 250 VAC
TV-5
600 W, 120 VAC (tungsten)
Maximum Switching Power
SPST-NO
Switching voltage (V)
SPST-NO + SPST-NC
Endurance
Switching current (A)
Switching voltage (V)
AC resistive
load
AC inductive load
(cos
φ = 0.4)
DC resistive
load
DC inductive load
(L/R = 7 ms)
AC resistive load
AC inductive load
(cos
φ = 0.4)
DC inductive load
(L/R = 7 ms)
G6C-2114P-US
250-VAC resistive
30-VDC resistive
G6C-1114P-US
250-VAC resistive
30-VDC resistive
G6C-2114P-US
250-VAC induc
tive (cos
φ = 0.4)
30-VDC induc
tive (L/R = 7 ms)
G6C-1114P-US
250-VAC induc
tive (cos
φ = 0.4)
30-VDC inductive
(L/R = 7 ms)
DC resistive
load
Ambient Temperature vs.
Maximum Coil Voltage
Ambient temperature (
°C)
Note: The maximum coil voltage refers to the maxi-
mum value in a varying range of operating
power voltage, not a continuous voltage.
Engineering Data
Approved Standards (continued)
CSA C22.2 No.14 (File No. LR31928)
Model
Contact form
Coil rating
Contact rating
Number of test
operations
G6C-1114P-US
SPST-NO
3, 12, 24VDC
10A, 250VAC (cosφ = 1)
100,000
G6C-1114C-US
5A, 250VAC (cosφ = 0.4)
G6C-1117P-US
G6C-1117C-US
G6C-2114P-US
SPST-NO+SPST-NC Single-stable: 3, 5,
7A, 250VAC (cosφ = 1)
100,000
G6C-2114C-US
12, 24VDC
3.5A, 250VAC (cosφ = 0.4)
G6C-2117P-US
Latching: 5VDC
G6C-2117C-US
G6CU-2117P-VD: 3VDC
VDE (Approval No. 2413) EN61810-1
PCB Power Relay – G6C
PCB Power Relay – G6C
Characteristics
Contact resistance
30 mΩ max.
Operate (set) time
10 ms max. (mean value: approx. 5 ms)
Release (reset) time
10 ms max. (mean value: approx. 2 ms; latching types: mean value: approx. 5 ms)
Bounce Time
Operate: 5 ms max.
Release: 5 ms max.
Min. set/reset signal width
Latching type: 20 ms (at 23˚C)
Max. switching frequency
Mechanical: 18,000 operations/hr
Electrical: 1,800 operations/hr (under rated load)
Insulation resistance
1,000 MΩ min. (at 500 VDC, at 250 VDC between set coil and reset coil)
Dielectric strength
2,000 VAC, 50/60 Hz for 1 min between coil and contacts
2,000 VAC, 50/60 Hz for 1 min between contacts of different polarity
1,000 VAC, 50/60 Hz for 1 min between contacts of same polarity
250 VAC, 50/60 Hz for 1 min between set and reset coils
Creepage (Typ) 5.5 mm
Clearance (Typ) 5.5 mm
Tracking Resistance (CTI)
175 V
Impulse withstand voltage
6.000 V (1.2 x 50 µs) between coil and contacts (latching types: 4,500 V, 1.2
50 µs)
Vibration resistance
Destruction: 10 to 55 to 10 Hz, 0.75-mm single amplitude (1.5-mm double amplitude)
Malfunction: 10 to 55 to 10 Hz, 0.75-mm single amplitude (1.5-mm double amplitude)
Shock resistance
Destruction: 1,000 m/s2
Malfunction: 100 m/s2
Ambient temperature
Operating: -25˚C to 70˚C (with no icing)
Ambient humidity
Operating: 5% to 85%
Endurance
Mechanical: 50,000,000 operations min. (at 18,000 operations/hr)
Electrical: 100,000 operations min. (at 1,800 operations/hr)
Weight
Approx. 5.6 g
Approved Standards
UL508 (File No. E41643)
Model
Contact form
Coil rating
Contact rating
G6C-1114P-US
SPST-NO
3 to 60 VDC
10 A, 250 VAC (general use)
G6C-1114C-US
10 A, 30 VDC (resistive load)
G6C-1117P-US
1/6 hp, 125 VAC
G6C-1117C-US
1/4 hp, 125 VAC
1/4 hp, 250 VAC
1/3 hp, 250 VAC
TV-5
600 W, 120 VAC (tungsten)
530 VA, 20 to 265 VAC, 2 A max. (pilot duty)
43.2 VA, 30 VDC (pilot duty)
12LRA, 2.2FLA, 30 VDC (30,000 cycle)
G6C-2114P-US
SPST-NO + SPST-NC
8 A, 250 VAC (general use)
G6C-2114C–US
8 A, 30 VDC (resistive load)
G6C-2117P-US
1/6 hp, 125 VAC
G6C-2117C-US
1/4 hp, 125 VAC
1/4 hp, 250 VAC
TV-5
600 W, 120 VAC (tungsten)
Insulation
Distance
Omron 08 Cat 1-302
5/10/07
15:39
Page 110


Similar Part No. - G6CK-2114P-UC3VDC

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6CK-2114P-US OMRON-G6CK-2114P-US Datasheet
271Kb / 10P
   Power PCB Relay
G6CK-2114P-US OMRON-G6CK-2114P-US Datasheet
594Kb / 12P
   Power PCB Relay
G6CK-2114P-US OMRON-G6CK-2114P-US Datasheet
512Kb / 10P
   Power PCB Relay
More results

Similar Description - G6CK-2114P-UC3VDC

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6D-1A OMRON-G6D-1A Datasheet
125Kb / 4P
   Power PCB Relay
logo
American Electronic Com...
DM85-INRUSH AEC-DM85-INRUSH Datasheet
210Kb / 2P
   pcb power relay
logo
Willow Technologies Ltd
DG05 WILLOW-DG05 Datasheet
172Kb / 2P
   pcb power relay
logo
American Electronic Com...
DM43 AEC-DM43 Datasheet
261Kb / 3P
   pcb power relay
DM44 AEC-DM44 Datasheet
236Kb / 2P
   pcb power relay
logo
Tyco Electronics
RT2 MACOM-RT2 Datasheet
246Kb / 3P
   Power PCB Relay
42900 MACOM-42900 Datasheet
271Kb / 3P
   Power PCB Relay
logo
Omron Electronics LLC
G8PT OMRON-G8PT Datasheet
2Mb / 8P
   Power PCB Relay
G4W OMRON-G4W Datasheet
180Kb / 6P
   PCB Power Relay
G2R OMRON-G2R Datasheet
562Kb / 14P
   Power PCB Relay
G2R-1A-DC12 OMRON-G2R-1A-DC12 Datasheet
656Kb / 12P
   Power PCB Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com