Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJ1W-MD233 Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # CJ1W-MD233
Description  CJ1 SYSTEM POWER AND EXPANSION
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CJ1W-MD233 Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button CJ1W-MD233 Datasheet HTML 2Page - Omron Electronics LLC CJ1W-MD233 Datasheet HTML 3Page - Omron Electronics LLC CJ1W-MD233 Datasheet HTML 4Page - Omron Electronics LLC CJ1W-MD233 Datasheet HTML 5Page - Omron Electronics LLC CJ1W-MD233 Datasheet HTML 6Page - Omron Electronics LLC CJ1W-MD233 Datasheet HTML 7Page - Omron Electronics LLC CJ1W-MD233 Datasheet HTML 8Page - Omron Electronics LLC CJ1W-MD233 Datasheet HTML 9Page - Omron Electronics LLC CJ1W-MD233 Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
System Power and Expansion
B-115
Programmable Controller
CJ1
Power Supply Units
Specifications (continued)
Item
Specifications
Power Supply Unit
CJ1W-PA205R
CJ1W-PA202
CJ1W-PD025
Noise immunity
Conforms to IEC61000-4-4, 2 kV (power lines)
Vibration resistance
10 to 57 Hz, 0.075-mm amplitude, 57 to 150 Hz, acceleration: 9.8 m/s2 in X, Y, and Z directions for
80 minutes. (Time coefficient: 8 minutes
×coefficient factor 10 = total time 80 min.)
Shock resistance
147 m/s2, 3 times each in X, Y, and Z directions (Relay Output Module: 100 m/s2)
Operating temperature
0to55_C
Operating humidity
10% to 90% (with no condensation)
Atmosphere
Must be free from corrosive gases.
Storage temperature
-20to75_C (excluding battery)
Grounding
Less than 100
Enclosure
Mounted in a panel.
Item
Specifications
CJ1 Series CPU Rack
dimensions
Refer to
“Dimensions” in the Reference Section of this catalog
Dimensions
60
× 90 × 65 mm (W × H × D) power supply only, not including terminal block)
Safety measures
Conforms to cULus and EC directives.


Similar Part No. - CJ1W-MD233

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CJ1W-MD233 OMRON-CJ1W-MD233 Datasheet
344Kb / 15P
   CJ1 Ordering Guide
CJ1W-MD233 OMRON-CJ1W-MD233 Datasheet
480Kb / 5P
   Reference Information
More results

Similar Description - CJ1W-MD233

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CJ1G-CPU44H OMRON-CJ1G-CPU44H Datasheet
487Kb / 10P
   CJ1 SYSTEM POWER AND EXPANSION
CJ1W-ID261 OMRON-CJ1W-ID261 Datasheet
418Kb / 10P
   CJ1 SYSTEM POWER AND EXPANSION
CJ1W-CIF11 OMRON-CJ1W-CIF11 Datasheet
344Kb / 15P
   CJ1 Ordering Guide
CJ1W-DA041 OMRON-CJ1W-DA041 Datasheet
220Kb / 8P
   CJ1 Programmable Controllers
XW2Z-050J-A14 OMRON-XW2Z-050J-A14 Datasheet
344Kb / 15P
   CJ1 Ordering Guide
logo
STMicroelectronics
L9679E STMICROELECTRONICS-L9679E Datasheet
1Mb / 124P
   Automotive battery cut-off circuit and airbag system expansion IC
July 2021 Rev 5
logo
Advantech Co., Ltd.
EPC-B3522 ADVANTECH-EPC-B3522 Datasheet
678Kb / 2P
   Embedded System with AMD AM4 Platform and 3 PCIE Expansion Slots
4-Aug-2022
EPC-B5587 ADVANTECH-EPC-B5587 Datasheet
1Mb / 4P
   Embedded System with 4 PCIE Expansion Slots
8-Sep-2022
EPC-B5505 ADVANTECH-EPC-B5505 Datasheet
1Mb / 2P
   Embedded System with 4 PCIE Expansion Slots
14-Apr-2022
logo
List of Unclassifed Man...
CY8CKIT-035 ETC2-CY8CKIT-035 Datasheet
2Mb / 49P
   POWER MANAGEMENT EXPANSION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com