Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WLH2 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # WLH2
Description  Two-circuit Limit Switch
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WLH2 Datasheet(HTML) 4 Page - Omron Electronics LLC

  WLH2 Datasheet HTML 1Page - Omron Electronics LLC WLH2 Datasheet HTML 2Page - Omron Electronics LLC WLH2 Datasheet HTML 3Page - Omron Electronics LLC WLH2 Datasheet HTML 4Page - Omron Electronics LLC WLH2 Datasheet HTML 5Page - Omron Electronics LLC WLH2 Datasheet HTML 6Page - Omron Electronics LLC WLH2 Datasheet HTML 7Page - Omron Electronics LLC WLH2 Datasheet HTML 8Page - Omron Electronics LLC WLH2 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
WL
WL
4
Adjustable Roller Levers and Adjustable Rod Levers
Type
Total Travel (TT)
Features
Actuator (See note 2.)
yp
(
)
WL-2A100
Adjustable
Roller Lever
WL-4A100
Adjustable Rod
Lever (Adjustable
length: 25 to
140 mm)
WL-3A100
(Adjustable length:
350 to 380 mm)
Standard
One-side operation possible. (See note 3.)
Head can be mounted in any of the four direc-
tions
WLCA12
---
tions.
---
WLCL (WL-4A100)
Over-
l
General
One-side operation possible. (See note 3.)
H d
b
d i
f h f
di
WLH12
WLHL (WL-4A100)
travel
p
p
(
)
Head can be mounted in any of the four direc-
tions.
WLHAL4
(WL-3A100)
High-sen-
sitivity
One-side operation possible. (See note 3.)
Head can be mounted in any of the four direc-
tions.
WLG12
WLGL (WL-4A100)
-2N Series
One-side operation is possible. (See note 3.)
Head can be mounted in any of the two direc-
tions. (When the Head can be mounted hori-
zontally, the Head can be mounted in any of
the four directions.)
WLCA12-2N
WLCL-2N
(WL-4A100)
Note: 1. For the approved standards file numbers, refer to page 1.
2. For external dimensions and other information, refer to page 22 to 25.
3. One-side operation means that three operational directions can be selected electrically, according to the change in direction of the
operating plunger. The operating plunger is set for operation on both sides before delivery. Those models for which one-side opera-
tion is impossible can only operate on both sides. For details, see page 39. The operational plunger is factory-set to both sides.
Rod Spring Levers and Fork Lever Locks
Type
Total travel (TT)
Features
Actuator (See note 2.)
yp
(
)
WL-3A200 Rod
Spring Lever
Fork Lever Locks:
WL-5A100,
WL-5A102,
WL-5A104
Protective
Head can be mounted in any of the four direc-
tions.
---
WLCA32-41
(WL-5A100)
tions.
WLCA32-42
(WL-5A102)
WLCA32-43
(WL-5A104)
Over-
travel
General
One-side operation is possible. (See note 3.)
Head can be mounted in any of the four direc-
tions.
WLHAL5
---
Note:
1. For the approved standard file numbers, refer to page 1.
2. For external dimensions and other information, refer to page 22 to 25.
3. One-side operation means that three operational directions can be selected electrically, according to the change in direction of the
operating plunger. The operating plunger is set for operation on both sides before delivery. Those models for which one-side opera-
tion is impossible can only operate on both sides. For details, see page 39. The operational plunger is factory-set to both sides.


Similar Part No. - WLH2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
WLH2 OMRON-WLH2 Datasheet
2Mb / 42P
   Two-circuit Limit Switch
WLH2-139 OMRON-WLH2-139 Datasheet
10Mb / 52P
   Two-circuit Limit Switch/Long-life Two-circuit Limit Switch
WLH2-140 OMRON-WLH2-140 Datasheet
10Mb / 52P
   Two-circuit Limit Switch/Long-life Two-circuit Limit Switch
WLH2-141 OMRON-WLH2-141 Datasheet
10Mb / 52P
   Two-circuit Limit Switch/Long-life Two-circuit Limit Switch
WLH2-141LD3 OMRON-WLH2-141LD3 Datasheet
10Mb / 52P
   Two-circuit Limit Switch/Long-life Two-circuit Limit Switch
More results

Similar Description - WLH2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
WL-N OMRON-WL-N Datasheet
10Mb / 52P
   Two-circuit Limit Switch/Long-life Two-circuit Limit Switch
WLCA2 OMRON-WLCA2 Datasheet
2Mb / 42P
   Two-circuit Limit Switch
logo
Guangdong Youtai Semico...
SGM3157 UMW-SGM3157 Datasheet
829Kb / 9P
   Two-choice analog switch circuit
ET3157 UMW-ET3157 Datasheet
791Kb / 9P
   Two-choice analog switch circuit
SN74LVC1G3157 UMW-SN74LVC1G3157 Datasheet
845Kb / 9P
   Two-choice analog switch circuit
logo
Honeywell Accelerometer...
GLCA01A4J HONEYWELL-ACC-GLCA01A4J Datasheet
142Kb / 1P
   LIMIT SWITCH
logo
Highly Electric Co., Lt...
AH8111 HIGHLY-AH8111 Datasheet
1Mb / 4P
   LIMIT SWITCH
WL5101 HIGHLY-WL5101 Datasheet
1Mb / 4P
   LIMIT SWITCH
logo
Festo Corporation.
8140400 FESTO-8140400 Datasheet
76Kb / 2P
   Limit switch box
8137104 FESTO-8137104 Datasheet
94Kb / 2P
   Limit switch box
7/20/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com