Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PYC-A1 Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # PYC-A1
Description  General Purpose Relay
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PYC-A1 Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button PYC-A1 Datasheet HTML 5Page - Omron Electronics LLC PYC-A1 Datasheet HTML 6Page - Omron Electronics LLC PYC-A1 Datasheet HTML 7Page - Omron Electronics LLC PYC-A1 Datasheet HTML 8Page - Omron Electronics LLC PYC-A1 Datasheet HTML 9Page - Omron Electronics LLC PYC-A1 Datasheet HTML 10Page - Omron Electronics LLC PYC-A1 Datasheet HTML 11Page - Omron Electronics LLC PYC-A1 Datasheet HTML 12Page - Omron Electronics LLC PYC-A1 Datasheet HTML 13Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
451
General Purpose Relay – LY
LY4
LY4N
LY4-D
LY4N-D2
0.5
5
Fourteen,
3-dia. holes
3
6.4
36 max.
28 max.
41.5 max.
LY4
LY4-D
LY4N
DC Model
AC Model
Terminal Arrangement/Internal Connections
(Bottom View)
LY4N-D2
Note: The DC models have polarity.
LY2-CR
LY2Z-CR
LY2N-CR
LY2ZN-CR
0.5
Eight, 3-dia.
holes
21.5
max.
28 max.
LY2(Z)-CR
LY2(Z)N-CR
5
3
6.4
53 max.
Model: LY2N-CR
CR Element
C: 0.033
µF
R: 120
Terminal Arrangement/Internal Connections
(Bottom View)
LY1-0 LY3-0
LY2-0 LY4-0
0.5
2
1
4.5 (see note 2)
36 max.
21.5
max.
5.75
28 max.
4.1
5.5
14.2
10
14.2
10
10
10
10
10
10
3.4
3.4
5.3
5.3
Five,
2.5-dia.
holes
Eight,
2.5-dia.
holes
Eleven,
2.5-dia.
holes
Fourteen,
2.5-dia.
holes
4.6
13.15
7.15
Note: 1. The above model is the LY2-0.
2. This figure is 6.4 for the LY1-0
Note: 1. The tolerance for the above figures is 0.1 mm.
2. Besides the terminals, some part of the LY1-0
carries current. Due attention should be paid when
mounting the LY1-0 to a double-sided PC board.
PC Board Holes (Bottom View)
Relays with PCB Terminals
Omron A5 Catalogue 2007 419-518
11/9/06
11:03 am
Page 451


Similar Part No. - PYC-A1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
PYC-A1 OMRON-PYC-A1 Datasheet
9Mb / 22P
   Power-switching Compact General-purpose Relays
2021.4
More results

Similar Description - PYC-A1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G2RS ETC-G2RS Datasheet
193Kb / 11P
   General-purpose Relay
logo
Omron Electronics LLC
LY2L4N OMRON-LY2L4N Datasheet
438Kb / 15P
   General Purpose Relay
G4B OMRON-G4B Datasheet
137Kb / 5P
   General Purpose Relay
logo
GOOD SKY ELECTRIC CO., ...
EZ-SS-112DMGF GOODSKY-EZ-SS-112DMGF Datasheet
587Kb / 3P
   General Purpose Relay
GSA GOODSKY-GSA Datasheet
362Kb / 2P
   General Purpose Relay
GL-S-112DMPFC GOODSKY-GL-S-112DMPFC Datasheet
420Kb / 2P
   General Purpose Relay
GU-SS-112DMCF1-5 GOODSKY-GU-SS-112DMCF1-5 Datasheet
362Kb / 4P
   General Purpose Relay
logo
Omron Electronics LLC
G7J-2A2B-BAC50 OMRON-G7J-2A2B-BAC50 Datasheet
810Kb / 10P
   General Purpose Relay
PT14-0 OMRON-PT14-0 Datasheet
674Kb / 16P
   General Purpose Relay
G7L OMRON-G7L Datasheet
446Kb / 14P
   General Purpose Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com