Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G6CK-2117P-UC5VDC Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # G6CK-2117P-UC5VDC
Description  PCB Power Relay
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6CK-2117P-UC5VDC Datasheet(HTML) 9 Page - Omron Electronics LLC

  G6CK-2117P-UC5VDC Datasheet HTML 1Page - Omron Electronics LLC G6CK-2117P-UC5VDC Datasheet HTML 2Page - Omron Electronics LLC G6CK-2117P-UC5VDC Datasheet HTML 3Page - Omron Electronics LLC G6CK-2117P-UC5VDC Datasheet HTML 4Page - Omron Electronics LLC G6CK-2117P-UC5VDC Datasheet HTML 5Page - Omron Electronics LLC G6CK-2117P-UC5VDC Datasheet HTML 6Page - Omron Electronics LLC G6CK-2117P-UC5VDC Datasheet HTML 7Page - Omron Electronics LLC G6CK-2117P-UC5VDC Datasheet HTML 8Page - Omron Electronics LLC G6CK-2117P-UC5VDC Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
115
Text
114
Text
Mounting Holes (Bottom View)
Mounting Height of Relay
with Connecting Socket
P6C-08P
Note: Rated current of socket max. 5 A
Back Connecting Sockets
P6C-06P
23.2 max.
(23)*
15 max.
(14.9)*
3.1
10.8 max.
(10.6)*
7.5
3.5
0.8
0.4
10.16
7.62
10.16
17 mm max.
7.5 mm max.
7.62
10.16
10.16
(2.61)
(2.4)
(2.61)
Six, 1.1-dia holes
7.62
10.16
7.62
(2.61)
(2.4)
(2.61)
Eight, 1.1-dia holes
2.54
Removal Tool
P6B-Y1
Hold-down Clips
P6B-C2
23.2 max.
(23)*
15 max.
(14.9)*
3.1
10.8 max.
(10.6)*
7.5
3.5
2.54
0.8
0.4
7.62
7.62
10.16
*Average value
*Average value
Mounting Holes (Bottom View)
PCB Power Relay – G6C
CAT. No. K018-E2-05A-X
PCB Power Relay – G6C
Omron 08 Cat 1-302
5/10/07
15:39
Page 114


Similar Part No. - G6CK-2117P-UC5VDC

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6CK-2117P-US OMRON-G6CK-2117P-US Datasheet
271Kb / 10P
   Power PCB Relay
G6CK-2117P-US OMRON-G6CK-2117P-US Datasheet
594Kb / 12P
   Power PCB Relay
G6CK-2117P-US OMRON-G6CK-2117P-US Datasheet
512Kb / 10P
   Power PCB Relay
G6CK-2117P-US OMRON-G6CK-2117P-US Datasheet
594Kb / 12P
   SPST-NO Type Breaks 10-A Loads; SPST-NO SPST-NC Breaks 8-A Load
More results

Similar Description - G6CK-2117P-UC5VDC

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6D-1A OMRON-G6D-1A Datasheet
125Kb / 4P
   Power PCB Relay
logo
American Electronic Com...
DM85-INRUSH AEC-DM85-INRUSH Datasheet
210Kb / 2P
   pcb power relay
logo
Willow Technologies Ltd
DG05 WILLOW-DG05 Datasheet
172Kb / 2P
   pcb power relay
logo
American Electronic Com...
DM43 AEC-DM43 Datasheet
261Kb / 3P
   pcb power relay
DM44 AEC-DM44 Datasheet
236Kb / 2P
   pcb power relay
logo
Tyco Electronics
RT2 MACOM-RT2 Datasheet
246Kb / 3P
   Power PCB Relay
42900 MACOM-42900 Datasheet
271Kb / 3P
   Power PCB Relay
logo
Omron Electronics LLC
G8PT OMRON-G8PT Datasheet
2Mb / 8P
   Power PCB Relay
G4W OMRON-G4W Datasheet
180Kb / 6P
   PCB Power Relay
G2R OMRON-G2R Datasheet
562Kb / 14P
   Power PCB Relay
G2R-1A-DC12 OMRON-G2R-1A-DC12 Datasheet
656Kb / 12P
   Power PCB Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com