Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJ1W-TC102 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # CJ1W-TC102
Description  CJ1 Programmable Controllers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CJ1W-TC102 Datasheet(HTML) 4 Page - Omron Electronics LLC

  CJ1W-TC102 Datasheet HTML 1Page - Omron Electronics LLC CJ1W-TC102 Datasheet HTML 2Page - Omron Electronics LLC CJ1W-TC102 Datasheet HTML 3Page - Omron Electronics LLC CJ1W-TC102 Datasheet HTML 4Page - Omron Electronics LLC CJ1W-TC102 Datasheet HTML 5Page - Omron Electronics LLC CJ1W-TC102 Datasheet HTML 6Page - Omron Electronics LLC CJ1W-TC102 Datasheet HTML 7Page - Omron Electronics LLC CJ1W-TC102 Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Type
Points
Rating
Connection
Current usage
Model
DC input
16 inputs
7 mA, 24 VDC
Terminal block
0.08 A, 5 VDC
CJ1W-ID211
32 inputs
4.1 mA, 24 VDC
Fujitsu connector
0.09 A, 5 VDC
CJ1W-ID231
32 inputs
4.1 mA, 24 VDC
MIL-type connector
0.09 A, 5 VDC
CJ1W-ID232
64 inputs
4.1 mA, 24 VDC
Fujitsu connector
0.09 A, 5 VDC
CJ1W-ID261
64 inputs
4.1 mA, 24 VDC
MIL-type connector
0.09 A, 5 VDC
CJ1W-ID262
AC input
16 inputs
7 mA, 100-120 VAC
Terminal block
0.09 A, 5 VDC
CJ1W-IA111
Interrupt input
16 inputs
7 mA, 24 VDC
Terminal block
0.08 A, 5 VDC
CJ1W-INT01
Relay bit
output
8 outputs
2 A, 250 VAC/24 VDC,
independent contacts
Terminal block
0.048 A, 24 VDC
CJ1W-OC201
16 outputs
2 A, 250 VAC/24 VDC,
independent contacts
Terminal block
0.096 A, 24 VDC
CJ1W-OC211
Transistor
output
16 outputs
0.5 A, 12 to 24 VDC, NPN
(sinking)
Terminal block
0.10 A, 5 VDC
CJ1W-OD211
16 outputs
0.5 A, 24 VDC, PNP (sourcing)
load short-circuit protection,
disconnection detection, alarm
Terminal block
0.10 A, 5 VDC
CJ1W-OD212
32 outputs
0.5 A, 12 to 24 VDC, NPN
(sinking)
Fujitsu connector
0.14 A, 5 VDC
CJ1W-OD231
64 outputs
0.3 A, 12 to 24 VDC, NPN
(sinking)
Fujitsu connector
0.17 A, 5 VDC
CJ1W-OD261
Item
Models
Dimensions H x W x D mm
8-/16-point I/O modules
CJ1W-ID201/211, CJ1W-IA11/-201
90 x 31 x 89
CJ1W-OD201/202/203/204
90 x 31 x 89
CJ1W-OD211/212
90 x 31 x 89
CJ1W-OC201/211
90 x 31 x 89
CJ1W-OA201
90 x 31 x 89
32-point I/O modules
CJ1W-ID231/232
90 x 20 x 69.3 (140 w/connector)
CJ1W-OD231/232
90 x 20 x 69.3 (140 w/connector)
64-point I/O modules
CJ1W-ID261/ID262
90 x 31 x 66.5 (112.5 w/connector)
CJ1W-OD261/262/263
90 x 31 x 66.5 (112.5 w/connector)
Interrupt input module
CJ1W-INT01
90 x 31 x 69.3 (140 w/connector)
Digital Input and Output Modules
Dimensions
Type
Axes
I/O type
Rating
Connection
Current usage
Model
Position
control
module
1 axis
Open collector, 24 V
500 kpps pulse outputs, inputs
for origin, limit switches, stop
interrupt
Connector
0.25 A, 5 VDC
CJ1W-NC113
1 axis
Line driver
Connector
0.25 A, 5 VDC
CJ1W-NC133
2 axes
Open collector, 24 V
Connector
0.25 A, 5 VDC
CJ1W-NC213
2 axes
Line driver
Connector
0.25 A, 5 VDC
CJ1W-NC233
4 axes
Open collector, 24 V
Connector
0.36 A, 5 VDC
CJ1W-NC413
4 axes
Line driver
Connector
0.36 A, 5 VDC
CJ1W-NC433
16 axes
MECHATROLINK-II provides
instant communications
between the position
controller and Omron’s
W-Series servo drives
Use CX-Motion-NCF software
Response: 0.25 to 8 ms for 16
axes
Functions: Position, speed and
torque control; accesses all
drive parameters
ML-II connector
0.36 A, 5 VDC
CJ1W-NCF71
Special I/O and Control Modules


Similar Part No. - CJ1W-TC102

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CJ1W-TCjjj OMRON-CJ1W-TCjjj Datasheet
480Kb / 5P
   Reference Information
More results

Similar Description - CJ1W-TC102

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP626 TOSHIBA-TLP626_07 Datasheet
240Kb / 8P
   Programmable Controllers
TLP620 TOSHIBA-TLP620_07 Datasheet
267Kb / 9P
   Programmable Controllers
logo
Panasonic Semiconductor
FPG-XY64D2T PANASONIC-FPG-XY64D2T Datasheet
2Mb / 24P
   Programmable Controllers
logo
Toshiba Semiconductor
TLP628 TOSHIBA-TLP628_07 Datasheet
252Kb / 8P
   Programmable Controllers
logo
Omron Electronics LLC
3G2A5-LK010-E OMRON-3G2A5-LK010-E Datasheet
1Mb / 182P
   Programmable Controllers
logo
Toshiba Semiconductor
TLP624 TOSHIBA-TLP624 Datasheet
263Kb / 8P
   Programmable Controllers
TLP631 TOSHIBA-TLP631_07 Datasheet
197Kb / 8P
   Programmable Controllers
TLP627A TOSHIBA-TLP627A Datasheet
208Kb / 4P
   PROGRAMMABLE CONTROLLERS
TLP531 TOSHIBA-TLP531_07 Datasheet
713Kb / 9P
   Programmable Controllers
TLP130 TOSHIBA-TLP130_07 Datasheet
210Kb / 9P
   Programmable Controllers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com