Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WL-1H1100-1 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # WL-1H1100-1
Description  Two-circuit Limit Switch
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WL-1H1100-1 Datasheet(HTML) 2 Page - Omron Electronics LLC

  WL-1H1100-1 Datasheet HTML 1Page - Omron Electronics LLC WL-1H1100-1 Datasheet HTML 2Page - Omron Electronics LLC WL-1H1100-1 Datasheet HTML 3Page - Omron Electronics LLC WL-1H1100-1 Datasheet HTML 4Page - Omron Electronics LLC WL-1H1100-1 Datasheet HTML 5Page - Omron Electronics LLC WL-1H1100-1 Datasheet HTML 6Page - Omron Electronics LLC WL-1H1100-1 Datasheet HTML 7Page - Omron Electronics LLC WL-1H1100-1 Datasheet HTML 8Page - Omron Electronics LLC WL-1H1100-1 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
WL
WL
2
Specifications
Page
Features
High-
precision
Overtravel
Standard
Envi-
Airtight-seal
WLj-55
Yes (Cannot be used with heat-resis-
i
d l
d l )
Uses an airtight-sealed built-in switch.
29
ron-
ment-
resist-
ant
models
Her-
metic
seal
Molded
termi-
nals
WLj-139
(
tive and low-temperature models.)
Lead wires are attached.
The case cover and conduit section are
molded from epoxy resin to improve seal-
ing performance.
models
(See
note 3.)
WLj-140
WLj-141
Lead wires are attached.
The case is filled with epoxy resin, to en-
sure high sealing performance.
The Head opening is protected from cut-
ting powder. (WLj-141)
Only WLG2, WLCA2, and WLGCA2 can
be fabricated. (WLj-141 models.)
Anti-
coolant
WLj-RP60
Lead wires are attached.
The case is filled with epoxy resin, to en-
sure high sealing performance. To im-
prove the anti-coolant properties (water-
soluble coolant), rubber with high chemi-
cal-resistance has been used.
Spatter-preven-
tion
WLj-S
Yes
To improve spatter prevention during
welding, a heat-resistant resin is used,
and screws and rollers are all made from
stainless steel.
26 to
29
Heat-resistive
WLj-TH
Yes (Cannot be used with airtight, her-
metic, low-temperature, corrosion-
proof, or lamp-equipped models.)
To improve heat resistance, silicone rub-
ber is used for rubber parts and for the
built-in switch.
The operating temperature range is +5_C
to 120_C.
29
Low-temperature
WLj-TC
Yes (Cannot be used with airtight, her-
metic, heat-resistive, corrosion-proof,
or lamp-equipped models.)
To improve low temperature resistance,
silicone rubber is used.
The operating temperature range is
--40_Cto40_C.
Corrosion-proof
(See note 4.)
WLj-RP
Yes (Cannot be used with lamp-
equipped models.)
Diecast parts such as the switch box are
made of corrosion-proof aluminum. Rub-
ber-sealing parts are made of fluorine
rubber and exposed nuts and screws are
made of stainless steel. These all aid in
resisting oil, chemicals and adverse
weather conditions.
Outdoor specifi-
cations
WLj-P1
---
(See note
5.)
Yes
(See note
6.)
---
Rotary shafts are made of unquenched
(i.e., untreated) stainless steel to improve
corrosion resistance. Exposed nuts and
screws are made of stainless steel and
rubber sealing parts of silicone rubber.
These factors all combine to create a
product which is resistant to temperature
changes and adverse weather condi-
tions.
Lamp-equipped
WLj-LE
Yes
Operating status can be checked at a
glance.
Lit when operating and not lit when not
operating
31
WLj-LD
Yes
operating.
WLj-LE: 100 VAC/VDC min.
WLj-LD: 115 VAC/VDC min. (Refer to
page 27 for detailed ratings.)
Relevant pages
Pages 11 to 31
---
---
Note: 1. Do not expose to extreme changes in temperature.
2. Standard Models:
Operate on each side at an angle of 45_.
Possible to set to one-side operation on either side.
Pretravel (PT) is 15_.
Overtravel Models:
Standard and high-sensitivity models operate on each side at an angle of 80_.
Not possible to set to one-side operation.
-2N Series operate on each side at an angle of 90_.
Possible to set to one-side operation on either side.
High-precision Models: Operate on each side at an angle of 45_.
Possible to set to one-side operation on either side.
Pretravel (PT) is 5_.
3. When ordering, add the suffix for the environment-resistant model or indicator specifications required according to the operating
environment and purpose.


Similar Part No. - WL-1H1100-1

ManufacturerPart #DatasheetDescription
logo
3M Electronics
WL-1 3M-WL-1 Datasheet
71Kb / 2P
   WL Wire Pulling Lubricant
2000
logo
Laird Tech Smart Techno...
WL-1000 LSTD-WL-1000 Datasheet
594Kb / 3P
   Adjustable Flow Rate
WL-1500 LSTD-WL-1500 Datasheet
1Mb / 9P
   Input power must be rated for 230 VAC at 50 or 60 Hz
logo
List of Unclassifed Man...
WL-18606130 ETC2-WL-18606130 Datasheet
505Kb / 1P
   T3 MINIATURE BAYONET BASE LED LAMP
WL-18606131 ETC2-WL-18606131 Datasheet
505Kb / 1P
   T3 MINIATURE BAYONET BASE LED LAMP
More results

Similar Description - WL-1H1100-1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
WL-N OMRON-WL-N Datasheet
10Mb / 52P
   Two-circuit Limit Switch/Long-life Two-circuit Limit Switch
WLCA2 OMRON-WLCA2 Datasheet
2Mb / 42P
   Two-circuit Limit Switch
logo
Guangdong Youtai Semico...
SGM3157 UMW-SGM3157 Datasheet
829Kb / 9P
   Two-choice analog switch circuit
ET3157 UMW-ET3157 Datasheet
791Kb / 9P
   Two-choice analog switch circuit
SN74LVC1G3157 UMW-SN74LVC1G3157 Datasheet
845Kb / 9P
   Two-choice analog switch circuit
logo
Honeywell Accelerometer...
GLCA01A4J HONEYWELL-ACC-GLCA01A4J Datasheet
142Kb / 1P
   LIMIT SWITCH
logo
Highly Electric Co., Lt...
AH8111 HIGHLY-AH8111 Datasheet
1Mb / 4P
   LIMIT SWITCH
WL5101 HIGHLY-WL5101 Datasheet
1Mb / 4P
   LIMIT SWITCH
logo
Festo Corporation.
8140400 FESTO-8140400 Datasheet
76Kb / 2P
   Limit switch box
8137104 FESTO-8137104 Datasheet
94Kb / 2P
   Limit switch box
7/20/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com