Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G2R-K-1Z4-U Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # G2R-K-1Z4-U
Description  PCB Power Relay
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G2R-K-1Z4-U Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button G2R-K-1Z4-U Datasheet HTML 3Page - Omron Electronics LLC G2R-K-1Z4-U Datasheet HTML 4Page - Omron Electronics LLC G2R-K-1Z4-U Datasheet HTML 5Page - Omron Electronics LLC G2R-K-1Z4-U Datasheet HTML 6Page - Omron Electronics LLC G2R-K-1Z4-U Datasheet HTML 7Page - Omron Electronics LLC G2R-K-1Z4-U Datasheet HTML 8Page - Omron Electronics LLC G2R-K-1Z4-U Datasheet HTML 9Page - Omron Electronics LLC G2R-K-1Z4-U Datasheet HTML 10Page - Omron Electronics LLC G2R-K-1Z4-U Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
G2R
PCB Power Relay
G
2
R
G2RK-1A, G2RK-1
G2RK-2A, G2RK-2
G2R-14, G2R-1A4
G2R-24, G2R-2A4
G2R-1Z4, G2R-1AZ4
● Durability
G2R-1, G2R-1A, G2R-1-T, G2R-1A-T
G2R-1-E, G2R-1A-E
G2R-1Z, G2R-1AZ
G2R-1-H, G2R-1A-H, G2R-2, G2R-2A
G2R-2-H, G2R-2A-H
Switching voltage (V)
50
10
5
1
0.5
0.1
0
5
10
20 30 50
100
500
AC resistive load
DC resistive load
DC inductive load
(L/R = 7 ms)
AC
inductive load
(cos
φ = 0.4)
Switching voltage (V)
50
10
5
3
1
0.5
0.1
0
5
10
20 30 50
100
500
AC
inductive load
(cos
φ = 0.4)
AC resistive load
DC resistive load
DC inductive load
(L/R = 7 ms)
Fully Sealed Relays
Switching voltage (V)
50
10
5
1
0.5
0.1
0
5
10
20 30 50
100
300 500
AC
inductive load
(cos
φ = 0.4)
AC resistive load
DC resistive load
DC inductive load
(L/R = 7 ms)
Switching voltage (V)
50
10
5
1
0.5
0.1
0
5
10
20 30 50
100
300 500
AC
inductive load
(cos
φ = 0.4)
AC resistive load
DC resistive load
DC inductive load
(L/R = 7 ms)
Switching voltage (V)
50
10
5
1
0.5
0.1
0
5
10
20 30 50
100
300 500
AC
inductive load
(cos
φ = 0.4)
AC resistive load
DC resistive load
DC inductive load
(L/R = 7 ms)
Flux Protection/Plug-in Relays
250 VAC/30 VDC
resistive load
30 VDC inductive load (L/R = 7ms)
Switching current (A)
1,000
500
300
100
50
30
10
5
3
0
2
4
5
6
7.5 8
10
12
14
250 VAC inductive load
(cos
φ = 0.4)
Switching current (A)
1,000
500
300
100
50
30
10
5
3
0
2
4
6
8
10
12
14
16
18
250 VAC inductive load (cos
φ = 0.4)
30 VDC inductive load (L/R = 7ms)
250 VAC/30 VDC
resistive load
Switching current (A)
1,000
500
300
100
50
30
10
5
3
0
1
2
3
4
5
6
250 VAC/30 VDC
resistive load
30 VDC inductive load (L/R = 7ms)
250 VAC inductive load
(cos
φ = 0.4)
Switching current (A)
1,000
500
300
100
50
30
10
5
3
0
1
2
3
4
5
6
30 VDC inductive load (L/R = 7ms)
250 VAC/30 VDC
resistive load
250 VAC inductive load
(cos
φ = 0.4)
Switching current (A)
1,000
500
300
100
50
30
10
5
3
0
1
1.5
2
3
4
250 VAC/30 VDC
resistive load
250 VAC inductive load
(cos
φ = 0.4)
30 VDC inductive load
(L/R = 7ms)


Similar Part No. - G2R-K-1Z4-U

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R-1 OMRON-G2R-1 Datasheet
1Mb / 19P
   PCB Relay A Power Relay for a Variety of Purposes with Various Models
G2R-1 OMRON-G2R-1 Datasheet
562Kb / 14P
   Power PCB Relay
G2R-1 OMRON-G2R-1 Datasheet
1Mb / 15P
   A POWER RELAY FOR A VARIETY OF PURPOSES WITH VARIOUS MODELS
G2R-1 OMRON-G2R-1 Datasheet
656Kb / 12P
   Creepage distance of 8.0 mm min. between coil and con tact.
G2R-1 OMRON-G2R-1 Datasheet
656Kb / 12P
   Power PCB Relay
More results

Similar Description - G2R-K-1Z4-U

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6D-1A OMRON-G6D-1A Datasheet
125Kb / 4P
   Power PCB Relay
logo
American Electronic Com...
DM85-INRUSH AEC-DM85-INRUSH Datasheet
210Kb / 2P
   pcb power relay
logo
Willow Technologies Ltd
DG05 WILLOW-DG05 Datasheet
172Kb / 2P
   pcb power relay
logo
American Electronic Com...
DM43 AEC-DM43 Datasheet
261Kb / 3P
   pcb power relay
DM44 AEC-DM44 Datasheet
236Kb / 2P
   pcb power relay
logo
Tyco Electronics
RT2 MACOM-RT2 Datasheet
246Kb / 3P
   Power PCB Relay
42900 MACOM-42900 Datasheet
271Kb / 3P
   Power PCB Relay
logo
Omron Electronics LLC
G8PT OMRON-G8PT Datasheet
2Mb / 8P
   Power PCB Relay
G4W OMRON-G4W Datasheet
180Kb / 6P
   PCB Power Relay
G2R OMRON-G2R Datasheet
562Kb / 14P
   Power PCB Relay
G2R-1A-DC12 OMRON-G2R-1A-DC12 Datasheet
656Kb / 12P
   Power PCB Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com