Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WL-2H1100 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # WL-2H1100
Description  Two-circuit Limit Switch
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WL-2H1100 Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button WL-2H1100 Datasheet HTML 2Page - Omron Electronics LLC WL-2H1100 Datasheet HTML 3Page - Omron Electronics LLC WL-2H1100 Datasheet HTML 4Page - Omron Electronics LLC WL-2H1100 Datasheet HTML 5Page - Omron Electronics LLC WL-2H1100 Datasheet HTML 6Page - Omron Electronics LLC WL-2H1100 Datasheet HTML 7Page - Omron Electronics LLC WL-2H1100 Datasheet HTML 8Page - Omron Electronics LLC WL-2H1100 Datasheet HTML 9Page - Omron Electronics LLC WL-2H1100 Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
WL
WL
6
Symbol
Actuator type
Switches without levers
SD
Plunger: Horizontal plunger
---
SD2
Plunger: Horizontal-roller plunger
---
SD3
Plunger: Horizontal-ball plunger
---
NJ
Flexible rod: Coil spring
---
NJ-30
Flexible rod: Coil spring, multi-wire
---
NJ-2
Flexible rod: Coil spring, resin rod
---
NJ-S2
Flexible rod: Steel wire
---
3. Environment-resistant Model Specifications
Blank:
Standard
RP:
Corrosion-proof (See note 1.)
P1:
Weather-resistant (See note 1.)
4. Built-in Switch Specifications
Blank:
General-purpose built-in switch
55:
Hermetically-sealed built-in switch (See note 1.)
5. Temperature Specifications
Blank:
Standard: --10_Cto80_C
TH:
Heat-resistive: 5_C to 120_C (See note 1.)
TC:
Low temperature: --40_Cto40_C (See note 1.)
6. Special Hermetic Model Specifications
Blank: No cables or molding
139:
General-purpose built-in switch with cables attached and molded conduit opening and cover (cover cannot be removed). (See note 1.)
140:
Airtight built-in switch with cables attached and molded conduit opening, cover, and case cover (cover cannot be removed).
(See note 1.)
141:
Airtight built-in switch with cables attached and molded conduit opening, cover, and case cover (cover cannot be removed).
The Head opening is created to protect it from cutting powder. (See note 1.)
RP40: Airtight built-in switch with cables attached, SC Connector can be used, molded conduit opening, cover, and case cover
(cover cannot be removed). (See note 1.)
RP60: Airtight built-in switch with cables attached, fluorine rubber-molded conduit opening, cover, and case cover
(cover cannot be removed). (See note 1.)
7. Conduit Size, Ground Terminal Specifications
Blank:
G 1/2
Without ground terminal
G1:
G 1/2
With ground terminal
G:
Pg13.5
With ground terminal
Y:
M20
With ground terminal
TS:
1/2-14NPT
With ground terminal
8. Indicator Type
Element
Voltage
Leakage Current
Blank:
No indicators
LE:
Neon lamp
125 to 250 VAC
Approx. 0.6 to 1.9 mA
LD:
LED
10 to 115 VAC/VDC
Approx. 1 mA
9. Lever Type
Blank:
Allen-head lever (standard)
A:
Double nut lever
10.
Blank:
Standard
S:
Spatter-proof model (See note 2.)
11. Conduit Wiring Specifications
Blank:
Screw-tightened terminal (G1/2 conduit)
K13:
Direct-wired Connector (2-core, DC)
K13A:
Direct-wired Connector (2-core, AC)
K43:
Direct-wired Connector (4-core, DC)
K43A:
Direct-wired Connector (4-core, AC)
-M1J:
Pre-wired Connector (2-core, DC) with 0.3-m cable attached.
-AGJ03:
Pre-wired Connector (4-core, AC) with 0.3-m cable attached.
-DGJ03:
Pre-wired Connector (4-core, DC) with 0.3-m cable attached.
-DK1EJ03:
Pre-wired Connector (3-core, DC) with 0.3-m cable attached.
Note:
1. For information on applicable models, see page 29 to 31.
2. For information on applicable models, see pages 26 to 29.


Similar Part No. - WL-2H1100

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
WL-2000 LSTD-WL-2000 Datasheet
1Mb / 3P
   Adjustable Flow Rate
logo
Omron Electronics LLC
WL-2A100 OMRON-WL-2A100 Datasheet
3Mb / 43P
   Wide Range of Two-circuit Switches; Select One for the Operating Environment/Application
WL-2A104 OMRON-WL-2A104 Datasheet
3Mb / 43P
   Wide Range of Two-circuit Switches; Select One for the Operating Environment/Application
WL-2A105 OMRON-WL-2A105 Datasheet
3Mb / 43P
   Wide Range of Two-circuit Switches; Select One for the Operating Environment/Application
WL-2A106 OMRON-WL-2A106 Datasheet
3Mb / 43P
   Wide Range of Two-circuit Switches; Select One for the Operating Environment/Application
More results

Similar Description - WL-2H1100

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
WL-N OMRON-WL-N Datasheet
10Mb / 52P
   Two-circuit Limit Switch/Long-life Two-circuit Limit Switch
WLCA2 OMRON-WLCA2 Datasheet
2Mb / 42P
   Two-circuit Limit Switch
logo
Guangdong Youtai Semico...
SGM3157 UMW-SGM3157 Datasheet
829Kb / 9P
   Two-choice analog switch circuit
ET3157 UMW-ET3157 Datasheet
791Kb / 9P
   Two-choice analog switch circuit
SN74LVC1G3157 UMW-SN74LVC1G3157 Datasheet
845Kb / 9P
   Two-choice analog switch circuit
logo
Honeywell Accelerometer...
GLCA01A4J HONEYWELL-ACC-GLCA01A4J Datasheet
142Kb / 1P
   LIMIT SWITCH
logo
Highly Electric Co., Lt...
AH8111 HIGHLY-AH8111 Datasheet
1Mb / 4P
   LIMIT SWITCH
WL5101 HIGHLY-WL5101 Datasheet
1Mb / 4P
   LIMIT SWITCH
logo
Festo Corporation.
8140400 FESTO-8140400 Datasheet
76Kb / 2P
   Limit switch box
8137104 FESTO-8137104 Datasheet
94Kb / 2P
   Limit switch box
7/20/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com