Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5363 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC5363
Description  High-PSRR, 300mA, 關Cap LDO in 1.2mm1.2mm Thin MLF짰
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5363 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC5363 Datasheet HTML 4Page - Micrel Semiconductor MIC5363 Datasheet HTML 5Page - Micrel Semiconductor MIC5363 Datasheet HTML 6Page - Micrel Semiconductor MIC5363 Datasheet HTML 7Page - Micrel Semiconductor MIC5363 Datasheet HTML 8Page - Micrel Semiconductor MIC5363 Datasheet HTML 9Page - Micrel Semiconductor MIC5363 Datasheet HTML 10Page - Micrel Semiconductor MIC5363 Datasheet HTML 11Page - Micrel Semiconductor MIC5363 Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Micrel, Inc.
MIC5363/4
April 2012
10
M9999-043012-A
Evaluation Board Schematic
Bill of Materials
Item
Part Number
Manufacturer
Description
Qty.
C1, C2
GRM155R61A105KE15D
Murata
(1)
1µF/6.3V ceramic capacitor, X5R, size 0402
2
R1
CRCW04021003FKED
Vishay
(2)
Resistor, 100k (0403 size), 1%
1
U1
MIC5363/4-xxYMT
Micrel, Inc.
(3)
300mA µCap LDO in 1.2mm
× 1.2mm Thin MLF®
1
Notes:
1.
Murata Tel: www.murata.com.
2.
Vishay: www.vishay.com.
3.
Micrel, Inc.: www.micrel.com.


Similar Part No. - MIC5363

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5365 MICREL-MIC5365 Datasheet
421Kb / 15P
   High Performance Single 150mA LDO
MIC5365 MICREL-MIC5365 Datasheet
336Kb / 15P
   High Performance Single 150mA LDO
MIC5365-1.0YC5 MICREL-MIC5365-1.0YC5 Datasheet
336Kb / 15P
   High Performance Single 150mA LDO
MIC5365-1.0YMT MICREL-MIC5365-1.0YMT Datasheet
336Kb / 15P
   High Performance Single 150mA LDO
MIC5365-1.2YC5 MICREL-MIC5365-1.2YC5 Datasheet
336Kb / 15P
   High Performance Single 150mA LDO
More results

Similar Description - MIC5363

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5338 MICREL-MIC5338 Datasheet
344Kb / 12P
   Dual 300mA 關Cap LDO in 1.6mm x 1.6mm Thin MLF짰
MIC5330 MICREL-MIC5330_11 Datasheet
385Kb / 10P
   Dual 300mA 關Cap LDO in 2mm x 2mm MLF짰
MIC9404X MICREL-MIC9404X Datasheet
1Mb / 13P
   28m廓 RDSON 3A High Side Load Switch in 1.2mm x 1.2mm MLF짰 package
MIC94044 MICREL-MIC94044 Datasheet
431Kb / 9P
   28m廓 RDSON 3A High Side Load Switch in 1.2mm x 1.2mm MLF짰 Package
MIC5259 MICREL-MIC5259_06 Datasheet
1Mb / 11P
   300mA High PSRR, Low Noise 關Cap CMOS LDO
MIC5350 MICREL-MIC5350 Datasheet
445Kb / 12P
   Dual 300mA/500mA LDO in 2mm x 2mm Thin MLF짰
MIC5374 MICREL-MIC5374 Datasheet
896Kb / 22P
   Triple 200mA 關Cap LDO and 1mA RTC LDO in 2.5mm x 2.5mm Thin MLF짰
MIC5323 MICREL-MIC5323 Datasheet
474Kb / 15P
   High PSRR Low Noise 300mA 關Cap Ultra-Low Dropout LDO Regulator
MIC5310 MICREL-MIC5310_11 Datasheet
372Kb / 11P
   Dual 150mA 關Cap LDO in 2mm x 2mm MLF짰
logo
Global Mixed-mode Techn...
G984 GMT-G984 Datasheet
49Kb / 1P
   300mA High PSRR LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com