Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WL-7H100 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # WL-7H100
Description  Two-circuit Limit Switch
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WL-7H100 Datasheet(HTML) 3 Page - Omron Electronics LLC

  WL-7H100 Datasheet HTML 1Page - Omron Electronics LLC WL-7H100 Datasheet HTML 2Page - Omron Electronics LLC WL-7H100 Datasheet HTML 3Page - Omron Electronics LLC WL-7H100 Datasheet HTML 4Page - Omron Electronics LLC WL-7H100 Datasheet HTML 5Page - Omron Electronics LLC WL-7H100 Datasheet HTML 6Page - Omron Electronics LLC WL-7H100 Datasheet HTML 7Page - Omron Electronics LLC WL-7H100 Datasheet HTML 8Page - Omron Electronics LLC WL-7H100 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
WL
WL
3
4. The overtravel model (-2N Series), fork lever lock model (WLCA32-41 to 44), horizontal plunger (WLSDj) model, heat-resistive
model, low-temperature model, and lamp-equipped model cannot be used with the corrosion-proof model.
5. Outdoor specifications are available for some standard models. Consult your OMRON representative for details.
6. Outdoor specifications are only available for general models and high-sensitivity models.
List of Models
Rotating Lever Models
Roller Lever Models: Short, Medium, and Long Lever Models
Type
Total travel (TT)
Features
Actuator (See note 2.)
yp
(
)
WL-1A100 Roller
Lever: Short
lever (R38)
WL-1A200 Roller
Lever: Medium
lever (R50)
WL-1A300 Roller
Lever: Long
lever (R63)
Standard
One-side operation is
possible. (See note 3.)
Head can be mounted in
any of the four directions.
WLCA2
WLCA2-7
WLCA2-8
Over-
travel
General
One-side operation is im-
possible. (See note 3.)
Head can be mounted in
any of the four directions.
WLH2
---
---
High-sen-
sitivity
One-side operation is
possible. (See note 3.)
Head can be mounted in
any of the four directions.
WLG2
---
---
-2N Series
One-side operation is
possible. (See note 3.)
Head can be mounted in
any of the two directions.
(When the Head can be
mounted horizontally, the
Head can be mounted in
any of the four directions.)
WLCA2-2N
---
---
High-precision
One-side operation is
possible. (See note 3.)
Head can be mounted in
any of the four directions.
WLGCA2
---
---
Note: 1. For the approved standards file numbers, refer to page 1.
2. For external dimensions and other information, refer to pages 22 to 25.
3. One-side operation means that three operational directions can be selected electrically, according to the change in direction of the
operating plunger. Those models for which one-side operation is impossible can only operate on both sides. For details, see page
39.


Similar Part No. - WL-7H100

ManufacturerPart #DatasheetDescription
logo
3M Electronics
WL-1 3M-WL-1 Datasheet
71Kb / 2P
   WL Wire Pulling Lubricant
2000
logo
Laird Tech Smart Techno...
WL-1000 LSTD-WL-1000 Datasheet
594Kb / 3P
   Adjustable Flow Rate
WL-1500 LSTD-WL-1500 Datasheet
1Mb / 9P
   Input power must be rated for 230 VAC at 50 or 60 Hz
logo
List of Unclassifed Man...
WL-18606130 ETC2-WL-18606130 Datasheet
505Kb / 1P
   T3 MINIATURE BAYONET BASE LED LAMP
WL-18606131 ETC2-WL-18606131 Datasheet
505Kb / 1P
   T3 MINIATURE BAYONET BASE LED LAMP
More results

Similar Description - WL-7H100

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
WL-N OMRON-WL-N Datasheet
10Mb / 52P
   Two-circuit Limit Switch/Long-life Two-circuit Limit Switch
WLCA2 OMRON-WLCA2 Datasheet
2Mb / 42P
   Two-circuit Limit Switch
logo
Guangdong Youtai Semico...
SGM3157 UMW-SGM3157 Datasheet
829Kb / 9P
   Two-choice analog switch circuit
ET3157 UMW-ET3157 Datasheet
791Kb / 9P
   Two-choice analog switch circuit
SN74LVC1G3157 UMW-SN74LVC1G3157 Datasheet
845Kb / 9P
   Two-choice analog switch circuit
logo
Honeywell Accelerometer...
GLCA01A4J HONEYWELL-ACC-GLCA01A4J Datasheet
142Kb / 1P
   LIMIT SWITCH
logo
Highly Electric Co., Lt...
AH8111 HIGHLY-AH8111 Datasheet
1Mb / 4P
   LIMIT SWITCH
WL5101 HIGHLY-WL5101 Datasheet
1Mb / 4P
   LIMIT SWITCH
logo
Festo Corporation.
8140400 FESTO-8140400 Datasheet
76Kb / 2P
   Limit switch box
8137104 FESTO-8137104 Datasheet
94Kb / 2P
   Limit switch box
7/20/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com