Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5317-1.5YM5 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5317-1.5YM5
Description  High-Performance Single 150mA LDO
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5317-1.5YM5 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5317-1.5YM5 Datasheet HTML 1Page - Micrel Semiconductor MIC5317-1.5YM5 Datasheet HTML 2Page - Micrel Semiconductor MIC5317-1.5YM5 Datasheet HTML 3Page - Micrel Semiconductor MIC5317-1.5YM5 Datasheet HTML 4Page - Micrel Semiconductor MIC5317-1.5YM5 Datasheet HTML 5Page - Micrel Semiconductor MIC5317-1.5YM5 Datasheet HTML 6Page - Micrel Semiconductor MIC5317-1.5YM5 Datasheet HTML 7Page - Micrel Semiconductor MIC5317-1.5YM5 Datasheet HTML 8Page - Micrel Semiconductor MIC5317-1.5YM5 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
MIC5317
High-Performance Single 150mA LDO
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
August 23, 2013
Revision 1.0
General Description
The MIC5317 is a high performance 150mA low dropout
regulator offering high power supply rejection (PSRR) in
an ultra-small 1mm × 1mm package for stringent space
requirements and demanding performance. The MIC5317
operates from an input voltage from 2.5V to 6.0V and is
capable of providing the output voltages of 1.0V to 3.6V
making it ideal for USB port or 6V AC adaptor applications.
The MIC5317 offers 2% initial accuracy, low dropout
voltage (155mV @ 150mA), and low ground current
(typically 29µA). The MIC5317 can also be put into a zero-
off-mode current state, drawing virtually no current when
disabled.
The MIC5317 is available in several advanced packages
including a lead-free (RoHS-compliant) 1mm × 1mm Thin
DFN occupying only 1mm
2 of PCB area, a 75% reduction
in board area compared to SC-70 and 2mm × 2mm DFN
packages. It is also available in a SOT23-5 and TSOT23-5
package.
The MIC5317 has an operating junction temperature range
of –40°C to 125°C.
Datasheets and support documentation are available on
Micrel’s web site at: www.micrel.com.
Features
• Tiny 1mm × 1mm Thin DFN, SOT23-5 and
TSOT23-5 packages
• Wide 2.5V to 6V operating range
• 150mA guaranteed output current
• Stable with 1µF ceramic output capacitors
• Low dropout voltage: 155mV @ 150mA
• Excellent load/line transient response
• Low quiescent current: 29µA
• High PSRR: 70dB
• Thermal-shutdown and current-limit protection
Applications
• USB dongles
• Wireless LANs
• PC Desktops, laptops, and tablets
• Battery-powered equipment
• Digital still and video cameras
• 5V general purpose
Typical Application


Similar Part No. - MIC5317-1.5YM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5310 MICREL-MIC5310 Datasheet
282Kb / 10P
   Dual, 150mA uCap LDO in 2mm x 2mm MLF
MIC5310 MICREL-MIC5310 Datasheet
372Kb / 11P
   Dual 150mA 關Cap LDO in 2mm x 2mm MLF짰
MIC5310-1.5YML MICREL-MIC5310-1.5YML Datasheet
282Kb / 10P
   Dual, 150mA uCap LDO in 2mm x 2mm MLF
MIC5310-1.8 MICREL-MIC5310-1.8 Datasheet
282Kb / 10P
   Dual, 150mA uCap LDO in 2mm x 2mm MLF
MIC5310-1.8/1.5YML MICREL-MIC5310-1.8/1.5YML Datasheet
372Kb / 11P
   Dual 150mA 關Cap LDO in 2mm x 2mm MLF짰
More results

Similar Description - MIC5317-1.5YM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5365 MICREL-MIC5365 Datasheet
421Kb / 15P
   High Performance Single 150mA LDO
MIC5365_0909 MICREL-MIC5365_0909 Datasheet
336Kb / 15P
   High Performance Single 150mA LDO
logo
Advanced Analogic Techn...
AAT3215 ANALOGICTECH-AAT3215_06 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
logo
Micrel Semiconductor
MIC5392 MICREL-MIC5392 Datasheet
89Kb / 2P
   High-Performance Dual 150mA LDO
logo
Advanced Analog Technol...
AAT3215 AAT-AAT3215 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
logo
Advanced Analogic Techn...
AAT3218 ANALOGICTECH-AAT3218 Datasheet
372Kb / 18P
   150mA MicroPower??High Performance LDO
logo
List of Unclassifed Man...
AAT3218 ETC-AAT3218 Datasheet
321Kb / 18P
   150mA MicroPower??High Performance LDO
logo
Advanced Analogic Techn...
AAT3215 ANALOGICTECH-AAT3215 Datasheet
283Kb / 16P
   150mA CMOS High Performance LDO
logo
KEC(Korea Electronics)
KIC3213MF12 KEC-KIC3213MF12 Datasheet
450Kb / 9P
   150mA CMOS High Performance LDO Regulator
logo
Micrel Semiconductor
MIC5375 MICREL-MIC5375 Datasheet
344Kb / 18P
   High Performance Low Dropout 150mA LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com