Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC24055 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC24055
Description  12V, 12A High-Efficiency Buck Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC24055 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC24055 Datasheet HTML 4Page - Micrel Semiconductor MIC24055 Datasheet HTML 5Page - Micrel Semiconductor MIC24055 Datasheet HTML 6Page - Micrel Semiconductor MIC24055 Datasheet HTML 7Page - Micrel Semiconductor MIC24055 Datasheet HTML 8Page - Micrel Semiconductor MIC24055 Datasheet HTML 9Page - Micrel Semiconductor MIC24055 Datasheet HTML 10Page - Micrel Semiconductor MIC24055 Datasheet HTML 11Page - Micrel Semiconductor MIC24055 Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Micrel, Inc.
MIC24055
December 2012
8
M9999-120712-A
Typical Characteristics (Continued)
Die Temperature* : The temperature measurement was taken at the hottest point on the MIC24055 case mounted on a 5 square inch, 4 layer,
0.62 inch, FR-4 PCB with 2oz finish copper weight per layer, see Thermal Measurement section. Actual results will depend upon the size of the PCB,
ambient temperature and proximity to other heat emitting components.
0
5
10
15
20
25
30
-50
-25
0
25
50
75
100
125
TEMPERATURE (
°C)
Output Current Limit
vs. Temperature
VIN = 12V
V
OUT = 1.8V
0.792
0.796
0.800
0.804
0.808
0
2
4
6
8
10
12
OUTPUT CURRENT (A)
Feedback Voltage
vs. Output Current
VIN = 12V
V
OUT = 1.8V
1.782
1.787
1.791
1.796
1.800
1.805
1.810
1.814
1.819
0
2
4
6
8
10
12
OUTPUT CURRENT (A)
Output Voltage
vs. Output Current
VIN = 12V
V
OUT = 1.8V
-1.0%
-0.5%
0.0%
0.5%
1.0%
0
2
4
6
8
10
12
OUTPUT CURRENT (A)
Line Regulation
vs. Output Current
VIN = 4.5V to 19V
V
OUT = 1.8V
500
550
600
650
700
0
2
4
6
8
10
12
OUTPUT CURRENT (A)
Switching Frequency
vs. Output Current
VIN = 12V
V
OUT = 1.8V
3.0
3.4
3.8
4.2
4.6
5.0
0
3
6
9
12
15
OUTPUT CURRENT (A)
Output Voltage (VIN = 5V)
vs. Output Current
T
A
25ºC
85ºC
125ºC
VIN = 5V
V
FB < 0.8V
50
55
60
65
70
75
80
85
90
95
100
0
3
6
9
12
15
OUTPUT CURRENT (A)
Efficiency (VIN = 5V)
vs. Output Current
3.3V
2.5V
1.8V
1.5V
1.2V
1.0V
0.9V
0.8V
VIN = 5V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
3
6
9
12
OUTPUT CURRENT (A)
IC Power Dissipation (VIN = 5V)
vs. Output Current
VIN = 5V
V
OUT = 3.3V
V
OUT = 0.8V
0
20
40
60
80
100
0
2
4
6
8
10
12
OUTPUT CURRENT (A)
Die Temperature* (VIN = 5V)
vs. Output Current
VIN = 5V
V
OUT = 1.8V


Similar Part No. - MIC24055

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC24051 MICREL-MIC24051 Datasheet
1Mb / 30P
   12V, 6A High-Efficiency Buck Regulator
logo
Microchip Technology
MIC24051 MICROCHIP-MIC24051 Datasheet
1Mb / 34P
   No External Compensation
11/07/16
logo
Micrel Semiconductor
MIC24051YJL MICREL-MIC24051YJL Datasheet
1Mb / 30P
   12V, 6A High-Efficiency Buck Regulator
logo
Microchip Technology
MIC24051YJL MICROCHIP-MIC24051YJL Datasheet
2Mb / 36P
   Gigabit Ethernet Switch Evaluation Board
11/07/16
logo
Micrel Semiconductor
MIC24052 MICREL-MIC24052 Datasheet
1Mb / 30P
   12V, 6A High-Efficiency Buck Regulator
More results

Similar Description - MIC24055

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC24056 MICREL-MIC24056 Datasheet
1Mb / 30P
   12V, 12A High-Efficiency Buck Regulator
MIC24054 MICREL-MIC24054 Datasheet
1Mb / 30P
   12V, 9A High-Efficiency Buck Regulator
MIC24051 MICREL-MIC24051 Datasheet
1Mb / 30P
   12V, 6A High-Efficiency Buck Regulator
MIC24053 MICREL-MIC24053 Datasheet
1Mb / 30P
   12V, 9A High-Efficiency Buck Regulator
MIC24052 MICREL-MIC24052 Datasheet
1Mb / 30P
   12V, 6A High-Efficiency Buck Regulator
logo
List of Unclassifed Man...
ZSPM4022-12 ETC2-ZSPM4022-12 Datasheet
1Mb / 38P
   12V/12A Synchronous DC/DC Buck Regulator
logo
Renesas Technology Corp
ZSPM4022-12 RENESAS-ZSPM4022-12 Datasheet
1Mb / 37P
   12V/12A Synchronous DC/DC Buck Regulator
January 29, 2016
logo
Texas Instruments
LM21212MHX-1 TI1-LM21212MHX-1 Datasheet
1Mb / 33P
[Old version datasheet]   12A High Efficiency Synchronous Point of Load Buck Regulator
LM21212-2 TI1-LM21212-2_14 Datasheet
1Mb / 32P
[Old version datasheet]   12A High Efficiency Synchronous Buck Regulator with Adjustable Switching Frequency
LM21212-2 TI-LM21212-2_15 Datasheet
1Mb / 31P
[Old version datasheet]   12A High Efficiency Synchronous Buck Regulator with Adjustable Switching Frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com