Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC261203-ZAYJL Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC261203-ZAYJL
Description  28V, 12A Hyper Speed Control Synchronous DC/DC Buck Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC261203-ZAYJL Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC261203-ZAYJL Datasheet HTML 1Page - Micrel Semiconductor MIC261203-ZAYJL Datasheet HTML 2Page - Micrel Semiconductor MIC261203-ZAYJL Datasheet HTML 3Page - Micrel Semiconductor MIC261203-ZAYJL Datasheet HTML 4Page - Micrel Semiconductor MIC261203-ZAYJL Datasheet HTML 5Page - Micrel Semiconductor MIC261203-ZAYJL Datasheet HTML 6Page - Micrel Semiconductor MIC261203-ZAYJL Datasheet HTML 7Page - Micrel Semiconductor MIC261203-ZAYJL Datasheet HTML 8Page - Micrel Semiconductor MIC261203-ZAYJL Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Micrel, Inc.
MIC261203-ZA
June 11, 2013
4
Revision 1.0
Absolute Maximum Ratings
(1)
PVIN to PGND...............................................
−0.3V to +29V
VIN to PGND .................................................
−0.3V to PVIN
PVDD, VDD to PGND .....................................
−0.3V to +6V
VSW, VCS to PGND .............................−0.3V to (PVIN +0.3V)
VBST to VSW ........................................................ −0.3V to 6V
VBST to PGND .................................................. −0.3V to 35V
VFB, VPG to PGND............................. −0.3V to (VDD + 0.3V)
VEN to PGND ....................................... −0.3V to (VIN +0.3V)
PGND to SGND............................................
−0.3V to +0.3V
Junction Temperature .............................................. +150°C
Storage Temperature (TS)......................... −65°C to +150°C
Lead Temperature (soldering, 10s)............................ 260°C
ESD Rating
(3)................................................. ESD Sensitive
Operating Ratings
(2)
Supply Voltage (PVIN, VIN) .............................. 4.5V to 28V
PVDD, VDD Supply Voltage ............................ 4.5V to 5.5V
Enable Input (VEN) .................................................0V to VIN
Junction Temperature (TJ) ........................ −40°C to +125°C
Maximum Power Dissipation......................................Note 4
Package Thermal Resistance
(4)
5mm x 6mm QFN (
θ
JA) ..................................... 28°C/W
Electrical Characteristics
(5)
PVIN = VIN = VEN = 12V, VBST – VSW = 5V; TA = 25°C, unless noted. Bold values indicate −40°C ≤ TJ ≤ +125°C.
Parameter
Condition
Min.
Typ.
Max.
Units
Power Supply Input
Input Voltage Range (VIN, PVIN)
4.5
28
V
Quiescent Supply Current
VFB = 1.5V (non-switching)
730
1500
µA
Shutdown Supply Current
VEN = 0V
5
10
µA
VDD Supply Voltage
VDD Output Voltage
VIN = 7V to 28V, IDD = 40mA
4.8
5
5.4
V
VDD UVLO Threshold
VDD Rising
3.7
4.2
4.5
V
VDD UVLO Hysteresis
400
mV
Dropout Voltage (VIN – VDD)
IDD = 25mA
380
600
mV
DC/DC Controller
Output Voltage Adjust Range (VOUT)
−40°C ≤ T
J ≤ 85°C
0.6
5.5
V
Reference
Feedback Voltage
0°C
≤ T
J ≤ 85°C, ±1.0%
0.594
0.6
0.606
V
−40°C ≤ T
J
≤ 125°C, ±1.5%
0.591
0.6
0.609
Load Regulation
IOUT = 0A to 12A
0.25
%
Line Regulation
VIN = 4.5V to 28V
0.25
%
FB Bias Current
VFB = 0.6V
50
nA
Notes:
1.
Exceeding the absolute maximum ratings may damage the device.
2.
The device is not guaranteed to function outside its operating ratings.
3.
Devices are ESD sensitive. Handling precautions are recommended. Human body model, 1.5k
Ω in series with 100pF.
4.
PD(MAX) = (TJ(MAX) – TA)/ θJA, where θJA depends upon the printed circuit layout. A 5-in
2 4 layer, 0.62”, FR-4 PCB with 2oz finish copper weight per
layer is used for the
θ
JA.
5.
Specification for packaged product only.


Similar Part No. - MIC261203-ZAYJL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC261203-ZAYJL MICREL-MIC261203-ZAYJL Datasheet
1Mb / 29P
   Synchronous DC-to-DC Buck Regulator
More results

Similar Description - MIC261203-ZAYJL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC261201 MICREL-MIC261201 Datasheet
1Mb / 30P
   28V, 12A Hyper Speed Control??Synchronous DC/DC Buck Regulator
logo
Microchip Technology
MIC261201 MICROCHIP-MIC261201 Datasheet
2Mb / 40P
   28V, 12A Hyper Speed Control짰 Synchronous DC/DC Buck Regulator
09/14/21
logo
Micrel Semiconductor
MIC26950 MICREL-MIC26950 Datasheet
683Kb / 27P
   12A Hyper Speed Control Synchronous DC-DC Buck Regulator
MIC26601 MICREL-MIC26601 Datasheet
1Mb / 30P
   28V, 6A Hyper Speed Control??Synchronous DC/DC Buck Regulator
MIC26603ZA MICREL-MIC26603ZA Datasheet
1Mb / 28P
   28V, 6A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC26903ZA MICREL-MIC26903ZA Datasheet
1Mb / 28P
   28V, 9A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC26901 MICREL-MIC26901 Datasheet
1Mb / 30P
   28V, 9A Hyper Speed Control??Synchronous DC/DC Buck Regulator
MIC26603ZA MICREL-MIC26603ZA_14 Datasheet
1Mb / 29P
   28V, 6A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC26903ZA MICREL-MIC26903ZA_14 Datasheet
1Mb / 29P
   28V, 9A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC261203 MICREL-MIC261203 Datasheet
1Mb / 31P
   28V, 12A Hyper Light Load??Synchronous DC/DC Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com