Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G6CK-1117C-UC24VDC Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # G6CK-1117C-UC24VDC
Description  PCB Power Relay
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6CK-1117C-UC24VDC Datasheet(HTML) 3 Page - Omron Electronics LLC

  G6CK-1117C-UC24VDC Datasheet HTML 1Page - Omron Electronics LLC G6CK-1117C-UC24VDC Datasheet HTML 2Page - Omron Electronics LLC G6CK-1117C-UC24VDC Datasheet HTML 3Page - Omron Electronics LLC G6CK-1117C-UC24VDC Datasheet HTML 4Page - Omron Electronics LLC G6CK-1117C-UC24VDC Datasheet HTML 5Page - Omron Electronics LLC G6CK-1117C-UC24VDC Datasheet HTML 6Page - Omron Electronics LLC G6CK-1117C-UC24VDC Datasheet HTML 7Page - Omron Electronics LLC G6CK-1117C-UC24VDC Datasheet HTML 8Page - Omron Electronics LLC G6CK-1117C-UC24VDC Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
109
Text
108
Text
Double-winding Latching Type
Rated voltage
3 VDC
5 VDC
6 VDC
12 VDC
24 VDC
Set coil
Rated current
93.5 mA
56.0 mA
46.7 mA
23.3 mA
11.7 mA
Coil resistance
32.1 Ω
89.3 Ω
129 Ω
514 Ω
2,056 Ω
Coil inductance
Armature OFF
0.03
0.07
0.10
0.37
1.56
(H) (ref. value)
Armature OFF
0.02
0.06
0.08
0.32
1.18
Reset coil
Rated current
93.5 mA
56.0 mA
46.7 mA
23.3 mA
11.7 mA
Coil resistance
32.1 Ω
89.3 Ω
129 Ω
514 Ω
2,056 Ω
Coil inductance
Armature OFF
0.03
0.08
0.12
0.47
1.46
(H) (ref. value)
Armature OFF
0.02
0.07
0.10
0.38
1.13
Must set voltage
70% max. of rated voltage
Must reset voltage
70% min. of rated voltage
Max. voltage
130% of rated voltage (at 23°C)
Power consumption
Set coil: Approx. 280 mW
Reset coil: Approx. 280 mW
Note: 1. The rated current and coil resistance are measured at a coil temperature of 23°C with a tolerance of ±10%.
2. Operating characteristics are measured at a coil temperature of 23°C.
3. The minimum pulse width of the set and reset voltage is 20 ms.
Contact Ratings
Item
SPST-NO
SPST-NO+SPST-NC
Load
Resistive load
Inductive load
Resistive load
Inductive load
(cosφ = 1)
(cosφ = 0.4; L/R = 7 ms) (cosφ = 1)
cosφ = 0.4; L/R = 7 ms)
Rated load
10 A at 250 VAC;
5 A at 250 VAC;
8A at 250 VAC;
3.5 A at 250 VAC;
10A at 30 VDC
5 A at 30 VDC
8A at 30 VDC;
3.5 A at 30 VDC
Contact material
AgNi (FD type = AgSnIn)
Rated carry current
10 A
8 A
Max. switching voltage
380 VAC, 125 VDC (the case of latching 250 VAC, 125 VDC)
Max. switching current
10 A
8 A
Max. switching power
2,500 VA, 300 W
1,250 VA, 220 W
2,000 VA, 240 W
875 VA, 170 W
Failure rate (reference value)
10 mA at 5 VDC
PCB Power Relay – G6C
Note: P level: λ60 = 0.1 x 10-6/operation
PCB Power Relay – G6C
Specifications
Coil Rating
Single-side Stable Type
Rated voltage
3 VDC
5 VDC
6 VDC
12 VDC
24 VDC
Rated current
67 mA
40 mA
33.3 mA
16.7 mA
8.3 mA
Coil resistance
45 Ω
125 Ω
180 Ω
720 Ω
2,880 Ω
0.078
0.22
0.36
1.32
4.96
0.067
0.18
0.29
1.13
4.19
Must operate voltage
70% max. of rated voltage
Must release voltage
10% min. of rated voltage
Max. voltage
160% of rated voltage (at 23°C)
Power consumption
Approx. 200 mW
Coil inductance Armature OFF
(H) (ref. value)
Armature OFF
Single-side Latching Type
Rated voltage
3 VDC
5 VDC
6 VDC
12 VDC
24 VDC
Rated current
67 mA
40 mA
33.3 mA
16.7 mA
8.3 mA
Coil resistance
45 Ω
125 Ω
180 Ω
720 Ω
2,880 Ω
0.09
0.25
0.36
1.75
5.83
0.06
0.20
0.24
1.17
3.84
Must operate voltage
70% max. of rated voltage
Must release voltage
70% min. of rated voltage
Max. voltage
160% of rated voltage (at 23°C)
Power consumption
Approx. 200 mW
Coil inductance Armature OFF
(H) (ref. value)
Armature OFF
Accessories (Order Separately)
Back Connecting Sockets
Applicable relay
Back connecting socket*
G6C(U)-1114P-US
P6C-06P
G6C(U)-1117P-US
G6C(U)-2114P-US
G6C(U)-2117P-US
G6CK-1114P-US
P6C-08P
G6CK-1117P-US
G6CK-2114P-US
G6CK-2117P-US
*Not applicable to the self-clinching type.
The operating current for the socket is 5 A max
Removal Tool
P6B-Y1
Hold-down Clips
P6B-C2
Omron 08 Cat 1-302
5/10/07
15:39
Page 108


Similar Part No. - G6CK-1117C-UC24VDC

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6CK-1117C-US OMRON-G6CK-1117C-US Datasheet
594Kb / 12P
   Power PCB Relay
G6CK-1117C-US OMRON-G6CK-1117C-US Datasheet
512Kb / 10P
   Power PCB Relay
More results

Similar Description - G6CK-1117C-UC24VDC

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6D-1A OMRON-G6D-1A Datasheet
125Kb / 4P
   Power PCB Relay
logo
American Electronic Com...
DM85-INRUSH AEC-DM85-INRUSH Datasheet
210Kb / 2P
   pcb power relay
logo
Willow Technologies Ltd
DG05 WILLOW-DG05 Datasheet
172Kb / 2P
   pcb power relay
logo
American Electronic Com...
DM43 AEC-DM43 Datasheet
261Kb / 3P
   pcb power relay
DM44 AEC-DM44 Datasheet
236Kb / 2P
   pcb power relay
logo
Tyco Electronics
RT2 MACOM-RT2 Datasheet
246Kb / 3P
   Power PCB Relay
42900 MACOM-42900 Datasheet
271Kb / 3P
   Power PCB Relay
logo
Omron Electronics LLC
G8PT OMRON-G8PT Datasheet
2Mb / 8P
   Power PCB Relay
G4W OMRON-G4W Datasheet
180Kb / 6P
   PCB Power Relay
G2R OMRON-G2R Datasheet
562Kb / 14P
   Power PCB Relay
G2R-1A-DC12 OMRON-G2R-1A-DC12 Datasheet
656Kb / 12P
   Power PCB Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com