Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSS-SMT Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center

Part # FSS-SMT
Description  Low Profile Force Sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

FSS-SMT Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  FSS-SMT_13 Datasheet HTML 1Page - Honeywell Solid State Electronics Center FSS-SMT_13 Datasheet HTML 2Page - Honeywell Solid State Electronics Center FSS-SMT_13 Datasheet HTML 3Page - Honeywell Solid State Electronics Center FSS-SMT_13 Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Low Profile Force Sensor
Honeywell Sensing and Control
3
Table 3. Absolute Maximum Ratings
1
Characteristic
Parameter
Storage temperature
2
-40 °C to 100 °C [-40 °F to 212 °F]
Solderability
3
10 s at 260 °C [500 °F]
ESD
Meets ESD Sensitivity Classification Level 3B
Notes:
1. The extreme limits that the product can withstand without damage to the product.
2. The temperature range over which the product may safely be exposed without excitation or force applied. Under these conditions, the product will
remain in the specification after excursions to any temperature in this range. Exposure to temperatures beyond this range may cause permanent
damage to the product.
3. The maximum temperature and time to which the product may be exposed for processing the solder electrical connections.
Figure 1. Excitation Schematic (Excitation 5 Vdc Typ., 6 Vdc max.)
Vs
1
3
4
2
+
-
Vo
+
-
1. Circled numbers refer to sensor terminals (pins).
Pin 1 = Supply Vs (+), Pin 2 = Output Vo (+), Pin 3 = Ground Vg (-), Pin 4 = Output Vo (-)
2. The force sensor may be powered by voltage or current. Maximum supply voltage is not to
exceed 6 V. Maximum supply current is not to exceed 1.2 mA. Power is applied across Pin 1
and Pin 3.
3. The sensor output should be measured as a differential voltage across Pin 2 and Pin 4
(Vo = Vo(+)-Vo(-)). The output is ratiometric to the supply voltage. Shifts in supply voltage
will cause shifts in output. Neither Pin 2 nor Pin 4 should be tied to ground or voltage supply.
Figure 2. Sensor Mounting Diagram (For reference only: mm/[in].)
FSS005WNSX, FSS010WNSX, FSS015WNSX, FSS020WNSX
Suggested Land Pattern
1,90
[0.074]
3,80
[0.150]
15,25
[0.600]
11,40
[0.449]
1,60
[0.063]
Force Sensing Range
Ball (Actuator) Height
0 N to 5 N
0.375 ±0.10 mm [0.0148 ±0.0039 in]
0 N to 10 N
0.452 ±0.10 mm [0. 0178 ±0.0039 in]
0 N to 15 N
0.504 ±0.10 mm [0.01984 ±0.0039 in]
0 N to 20 N
0.562 ±0.10 mm [0.0221 ±0.0039 in]
Figure 3. Packaging Dimensions (For reference only.)
Short Tube: 43,9 mm
[1.73 in] long, 5 units/tube
Standard Tube: 584 mm
[22.99 in] long, 100 units/
tube
Tape and Reel (mm)
1. Pocket position
relative to sprocket
hole measured as
true position of
pocket, not pocket
hole.
2. 10 sprocket hole pitch
cumulative tolerance
is ±0.2 mm.
 Camber is in
compliance with EIA
481.
 Ao and Bo are
calculated on a plane
at a distance “R”
above the bottom of
the pocket.


Similar Part No. - FSS-SMT_13

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
FSS-SMT HONEYWELL-FSS-SMT Datasheet
213Kb / 6P
   Low Profile Force Sensor
More results

Similar Description - FSS-SMT_13

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
FSS-SMT HONEYWELL-FSS-SMT Datasheet
213Kb / 6P
   Low Profile Force Sensor
logo
Sensortechnics GmbH
FSS1500NST SENSORTECHNICS-FSS1500NST Datasheet
90Kb / 3P
   Low profile force sensor
RFU15001P SENSORTECHNICS-RFU15001P Datasheet
50Kb / 3P
   Low profile force sensor
logo
ALPS ELECTRIC CO.,LTD.
HSFPAR003A ALPS-HSFPAR003A Datasheet
1Mb / 19P
   Force Sensor
logo
HOKURIKU ELECTRIC INDUS...
HFD-500S HOKURIKU-HFD-500S Datasheet
159Kb / 1P
   Force Sensor
logo
ALPS ELECTRIC CO.,LTD.
HSFPAR ALPS-HSFPAR Datasheet
250Kb / 1P
   Force Sensor
HSFPAR303A ALPS-HSFPAR303A Datasheet
2Mb / 14P
   Force Sensor UNIT
logo
KISTLER INSTRUMENT CORP...
913XCA-SET KISTLER-913XCA-SET Datasheet
305Kb / 3P
   Piezoelectric force sensor kit SlimLine Piezoelectric force sensor kit
9306A KISTLER-9306A Datasheet
1Mb / 5P
   6-Axis Force/Torque Sensor
logo
Toshiba Semiconductor
TA8553FN TOSHIBA-TA8553FN Datasheet
421Kb / 12P
   G-FORCE SENSOR AMP IC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com