Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJK4002DPH-E0T2 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RJK4002DPH-E0T2
Description  400V - 3A - MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK4002DPH-E0T2 Datasheet(HTML) 4 Page - Renesas Technology Corp

  RJK4002DPH-E0T2 Datasheet HTML 1Page - Renesas Technology Corp RJK4002DPH-E0T2 Datasheet HTML 2Page - Renesas Technology Corp RJK4002DPH-E0T2 Datasheet HTML 3Page - Renesas Technology Corp RJK4002DPH-E0T2 Datasheet HTML 4Page - Renesas Technology Corp RJK4002DPH-E0T2 Datasheet HTML 5Page - Renesas Technology Corp RJK4002DPH-E0T2 Datasheet HTML 6Page - Renesas Technology Corp RJK4002DPH-E0T2 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
RJK4002DPH-E0
Preliminary
R07DS1037EJ0100 Rev.1.00
Page 4 of 6
Mar 18, 2013
800
0
16
600
12
400
8
200
0
4
246
8
10
0
Gate Charge
Qg (nC)
Dynamic Input Characteristics (Typical)
0
0.4
0.8
1.2
1.6
2.0
5
2
Source to Drain Voltage
VSD (V)
Reverse Drain Current vs.
Source to Drain Voltage (Typical)
5.0
4.5
4.0
3.5
3.0
2.5
2.0
-25
0
50
100
150
25
125
75
Case Temperature
Tc (
°C)
Gate to Source Cutoff Voltage
vs. Case Temperature (Typical)
VDS = 10 V
1 mA
0.1 mA
1
0
3
4
ID = 3 A
Ta = 25
°C
VDS
VGS
VDD = 100 V
200 V
320 V
VDD = 320 V
200 V
100 V
VGS = 0
Ta = 25
°C
Pulse Test
ID = 10 mA
040
160
120
80
200
1000
100
10
1
VGS = 0
f = 1 MHz
Tc = 25
°C
Ciss
Coss
Crss
Drain to Source Voltage
VDS (V)
Typical Capacitance vs.
Drain to Source Voltage


Similar Part No. - RJK4002DPH-E0T2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK4002DPD RENESAS-RJK4002DPD Datasheet
89Kb / 7P
   400V - 3A - MOS FET High Speed Power Switching
RJK4002DPD RENESAS-RJK4002DPD Datasheet
82Kb / 7P
   High Speed Power Switching
logo
VBsemi Electronics Co.,...
RJK4002DPD VBSEMI-RJK4002DPD Datasheet
1Mb / 9P
   Power MOSFET
logo
SHENZHEN DOINGTER SEMIC...
RJK4002DPD DOINGTER-RJK4002DPD Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
Renesas Technology Corp
RJK4002DPD-00J2 RENESAS-RJK4002DPD-00J2 Datasheet
89Kb / 7P
   400V - 3A - MOS FET High Speed Power Switching
More results

Similar Description - RJK4002DPH-E0T2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK4002DPP-M0 RENESAS-RJK4002DPP-M0_12 Datasheet
99Kb / 7P
   400V - 3A - MOS FET High Speed Power Switching
RJK4036DP3-A0 RENESAS-RJK4036DP3-A0 Datasheet
71Kb / 4P
   400V - 3A - MOS FET High Speed Power Switching
RJK4002DPP-M0 RENESAS-RJK4002DPP-M0_15 Datasheet
99Kb / 7P
   400V - 3A - MOS FET High Speed Power Switching
RJK4002DPD RENESAS-RJK4002DPD_15 Datasheet
82Kb / 7P
   400V - 3A - MOS FET High Speed Power Switching
RJK4002DJE RENESAS-RJK4002DJE_15 Datasheet
95Kb / 7P
   400V - 3A - MOS FET High Speed Power Switching
RJK4002DJE RENESAS-RJK4002DJE Datasheet
95Kb / 7P
   400V - 3A - MOS FET High Speed Power Switching
RJK4002DPD RENESAS-RJK4002DPD Datasheet
89Kb / 7P
   400V - 3A - MOS FET High Speed Power Switching
RJK4034DJE RENESAS-RJK4034DJE_15 Datasheet
83Kb / 7P
   400V - 1.6A - MOS FET High Speed Power Switching
RJK4012DPE RENESAS-RJK4012DPE_12 Datasheet
87Kb / 7P
   400V - 15A - MOS FET High Speed Power Switching
RJK4012DPE RENESAS-RJK4012DPE_15 Datasheet
87Kb / 7P
   400V - 15A - MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com