Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJK4012DPE-00J3 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RJK4012DPE-00J3
Description  400V - 15A - MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK4012DPE-00J3 Datasheet(HTML) 1 Page - Renesas Technology Corp

  RJK4012DPE-00J3 Datasheet HTML 1Page - Renesas Technology Corp RJK4012DPE-00J3 Datasheet HTML 2Page - Renesas Technology Corp RJK4012DPE-00J3 Datasheet HTML 3Page - Renesas Technology Corp RJK4012DPE-00J3 Datasheet HTML 4Page - Renesas Technology Corp RJK4012DPE-00J3 Datasheet HTML 5Page - Renesas Technology Corp RJK4012DPE-00J3 Datasheet HTML 6Page - Renesas Technology Corp RJK4012DPE-00J3 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
R07DS0439EJ0200 Rev.2.00
Page 1 of 6
Jun 21, 2012
Preliminary Datasheet
RJK4012DPE
400V - 15A - MOS FET
High Speed Power Switching
Features
 Low on-resistance
RDS(on) = 0.34  typ. (at ID = 7.5 A, VGS = 10 V, Ta = 25C)
 Low leakage current
 High speed switching
Outline
1
2
3
4
RENESAS Package code: PRSS0004AE-B
(Package name: LDPAK(S)-(1) )
1. Gate
2. Drain
3. Source
4. Drain
D
S
G
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
VDSS
400
V
Gate to source voltage
VGSS
30
V
Drain current
ID
15
A
Drain peak current
ID (pulse)
Note1
45
A
Body-drain diode reverse drain current
IDR
15
A
Body-drain diode reverse drain peak current
IDR (pulse)
Note1
45
A
Avalanche current
IAP
Note3
5
A
Avalanche energy
EAR
Note3
1.4
mJ
Channel dissipation
Pch
Note2
100
W
Channel to case thermal impedance
ch-c
1.25
C/W
Channel temperature
Tch
150
C
Storage temperature
Tstg
–55 to +150
C
Notes: 1. PW
 10 s, duty cycle  1%
2. Value at Tc = 25
C
3. STch = 25
C, Tch  150C
R07DS0439EJ0200
(Previous: REJ03G1575-0100)
Rev.2.00
Jun 21, 2012


Similar Part No. - RJK4012DPE-00J3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK4012DPE-00-J3 RENESAS-RJK4012DPE-00-J3 Datasheet
76Kb / 4P
   Silicon N Channel MOS FET High Speed Power Switching
logo
VBsemi Electronics Co.,...
RJK4012DPE-00-J3 VBSEMI-RJK4012DPE-00-J3 Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
More results

Similar Description - RJK4012DPE-00J3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK4012DPE RENESAS-RJK4012DPE_15 Datasheet
87Kb / 7P
   400V - 15A - MOS FET High Speed Power Switching
RJK4002DPP-M0 RENESAS-RJK4002DPP-M0_12 Datasheet
99Kb / 7P
   400V - 3A - MOS FET High Speed Power Switching
RJK4036DP3-A0 RENESAS-RJK4036DP3-A0 Datasheet
71Kb / 4P
   400V - 3A - MOS FET High Speed Power Switching
RJK4034DJE RENESAS-RJK4034DJE_15 Datasheet
83Kb / 7P
   400V - 1.6A - MOS FET High Speed Power Switching
RJK4015DPK RENESAS-RJK4015DPK_15 Datasheet
83Kb / 7P
   400V - 30A - MOS FET High Speed Power Switching
RJK4002DPP-M0 RENESAS-RJK4002DPP-M0_15 Datasheet
99Kb / 7P
   400V - 3A - MOS FET High Speed Power Switching
RJK4002DPD RENESAS-RJK4002DPD_15 Datasheet
82Kb / 7P
   400V - 3A - MOS FET High Speed Power Switching
RJK4002DJE RENESAS-RJK4002DJE_15 Datasheet
95Kb / 7P
   400V - 3A - MOS FET High Speed Power Switching
RJK4015DPK RENESAS-RJK4015DPK Datasheet
83Kb / 7P
   400V - 30A - MOS FET High Speed Power Switching
RJK4034DJE RENESAS-RJK4034DJE Datasheet
83Kb / 7P
   400V - 1.6A - MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com