Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61WV10248BLL Datasheet(PDF) 9 Page - Integrated Silicon Solution, Inc

Part # IS61WV10248BLL
Description  1M x 8 HIGH-SPEED CMOS STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61WV10248BLL Datasheet(HTML) 9 Page - Integrated Silicon Solution, Inc

Back Button IS61WV10248BLL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61WV10248BLL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61WV10248BLL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61WV10248BLL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61WV10248BLL Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61WV10248BLL Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61WV10248BLL Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS61WV10248BLL Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS61WV10248BLL Datasheet HTML 13Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
9
Rev. B
06/03/08
IS61WV10248ALL
IS61WV10248BLL
IS64WV10248BLL
READ CYCLE SWITCHING CHARACTERISTICS(1) (Over Operating Range)
-20 ns
Symbol
Parameter
Min.
Max.
Unit
tRC
Read Cycle Time
20
ns
tAA
Address Access Time
20
ns
tOHA
Output Hold Time
2.5
ns
tACE
CE Access Time
20
ns
tDOE
OE Access Time
8
ns
tHZOE(2)
OE to High-Z Output
0
8
ns
tLZOE(2)
OE to Low-Z Output
0
ns
tHZCE(2
CE to High-Z Output
0
8
ns
tLZCE(2)
CE to Low-Z Output
3
ns
tPU
PowerUpTime
0
ns
tPD
PowerDownTime
20
ns
Notes:
1. Test conditions assume signal transition times of 1.5 ns or less, timing reference levels of 1.25V, input pulse levels of 0.4V to
VDD-0.3V and output loading specified in Figure 1.
2. Tested with the load in Figure 2. Transition is measured ±500 mV from steady-state voltage. Not 100% tested.
3. Not 100% tested.


Similar Part No. - IS61WV10248BLL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61WV10248EDBLL ISSI-IS61WV10248EDBLL Datasheet
814Kb / 18P
   TTL compatible inputs and outputs
More results

Similar Description - IS61WV10248BLL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV10248 ISSI-IS61LV10248 Datasheet
116Kb / 16P
   1M x 8 HIGH-SPEED CMOS STATIC RAM
logo
Sharp Corporation
LH51BV1000J SHARP-LH51BV1000J Datasheet
77Kb / 11P
   CMOS 1M (128K x 8) Static Ram
LH52D1000 SHARP-LH52D1000 Datasheet
81Kb / 12P
   CMOS 1M (128K x 8) Static Ram
logo
Pyramid Semiconductor C...
P4C107 PYRAMID-P4C107 Datasheet
544Kb / 8P
   ULTRA HIGH SPEED 1M x 1 STATIC CMOS RAM
logo
Sharp Corporation
LH5P8128 SHARP-LH5P8128 Datasheet
116Kb / 13P
   CMOS 1M (128K x 8) Pseudo-Static RAM
logo
Taiwan Memory Technolog...
T14M1024A TMT-T14M1024A Datasheet
74Kb / 10P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Winbond
W24129A WINBOND-W24129A Datasheet
199Kb / 9P
   16K X 8 HIGH-SPEED CMOS STATIC RAM
W24L257A WINBOND-W24L257A Datasheet
209Kb / 9P
   32K X 8 High Speed CMOS Static RAM
logo
Pyramid Semiconductor C...
P4C1024 PYRAMID-P4C1024 Datasheet
87Kb / 8P
   HIGH SPEED 128K X 8 CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61C256AL ISSI-IS61C256AL Datasheet
633Kb / 12P
   32K X 8 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com