Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS46DR83200A Datasheet(PDF) 2 Page - Integrated Silicon Solution, Inc

Part # IS46DR83200A
Description  32Mx8, 16Mx16 DDR2 DRAM
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46DR83200A Datasheet(HTML) 2 Page - Integrated Silicon Solution, Inc

  IS46DR83200A Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS46DR83200A Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS46DR83200A Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS46DR83200A Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS46DR83200A Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS46DR83200A Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS46DR83200A Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS46DR83200A Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS46DR83200A Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
2
Integrated Silicon Solution, Inc. — www.issi.com
Rev. D
08/16/2012
IS43/46DR83200A, IS43/46DR16160A
GENERAL DESCRIPTION
Read and write accesses to the DDR2 SDRAM are burst oriented; accesses start at a selected location and continue
for a burst length of four or eight in a programmed sequence. Accesses begin with the registration of an Active
command, which is then followed by a Read or Write command. The address bits registered coincident with the active
command are used to select the bank and row to be accessed (BA0-BA1 select the bank; A0-A12 select the row). The
address bits registered coincident with the Read or Write command are used to select the starting column location
(A0-A8 for x16) and (A0-A9 for x8) for the burst access and to determine if the auto precharge A10 command is to
be issued. Prior to normal operation, the DDR2 SDRAM must be initialized. The following sections provide detailed
information covering device initialization, register definition, command descriptions and device operation.
FUNCTIONAL BLOCK DIAGRAM
RDQS, RDQS
DMa - DMb
Notes:
1. An:n = no. of address pins - 1
2. DQm: m = no. of data pins - 1
3. For x8 devices:
DMa - DMb = DM; DQSa - DQSb = DQS; DQSa - DQSb = DQS; RDQS, RDQS available only for x8
4. For x16 devices:
DMa - DMb = UDM, LDM; DQSa - DQSb = UDQS, LDQS; DQSa - DQSb = UDQS, LDQS


Similar Part No. - IS46DR83200A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS46DR81280C ISSI-IS46DR81280C Datasheet
1Mb / 49P
   Differential data strobe
IS46DR86400B-25EBLA1 ISSI-IS46DR86400B-25EBLA1 Datasheet
729Kb / 30P
   512Mb (x8, x16) DDR2 SDRAM
IS46DR86400B-37CBLA1 ISSI-IS46DR86400B-37CBLA1 Datasheet
729Kb / 30P
   512Mb (x8, x16) DDR2 SDRAM
IS46DR86400B-37CBLA2 ISSI-IS46DR86400B-37CBLA2 Datasheet
729Kb / 30P
   512Mb (x8, x16) DDR2 SDRAM
IS46DR86400B-3DBLA1 ISSI-IS46DR86400B-3DBLA1 Datasheet
729Kb / 30P
   512Mb (x8, x16) DDR2 SDRAM
More results

Similar Description - IS46DR83200A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43DR83200A ISSI-IS43DR83200A Datasheet
1Mb / 48P
   32Mx8, 16Mx16 DDR2 DRAM
IS43R83200B ISSI-IS43R83200B Datasheet
932Kb / 41P
   32Mx8, 16Mx16 256Mb DDR Synchronous DRAM
IS42VS83200J ISSI-IS42VS83200J Datasheet
430Kb / 16P
   32Mx8, 16Mx16, 8Mx32 256Mb Synchronous DRAM
IS43R83200D ISSI-IS43R83200D Datasheet
1Mb / 32P
   8Mx32, 16Mx16, 32Mx8 256Mb DDR SDRAM
IS43DR32801B ISSI-IS43DR32801B Datasheet
999Kb / 44P
   256Mb DDR2 DRAM
IS43DR32800A ISSI-IS43DR32800A Datasheet
913Kb / 41P
   256Mb DDR2 DRAM
IS43DR82560B ISSI-IS43DR82560B Datasheet
1Mb / 48P
   256Mx8, 128Mx16 DDR2 DRAM
IS43DR86400C ISSI-IS43DR86400C Datasheet
1Mb / 48P
   64Mx8, 32Mx16 DDR2 DRAM
logo
Hanbit Electronics Co.,...
HSD32M64F8R HANBIT-HSD32M64F8R Datasheet
1Mb / 30P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), SMM ,16Mx16, 4Banks, 8K Ref. 3.3V
HSD64M64F8K HANBIT-HSD64M64F8K Datasheet
204Kb / 12P
   Synchronous DRAM Module 512Mbyte (64Mx64bit), SMM, based on 32Mx8, 4Banks, 4K Ref., 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com