Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS62WV102416ALL-35TLI Datasheet(PDF) 9 Page - Integrated Silicon Solution, Inc

Part # IS62WV102416ALL-35TLI
Description  1M x 16 HIGH-SPEED LOW POWER ASYNCHRONOUS CMOS STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS62WV102416ALL-35TLI Datasheet(HTML) 9 Page - Integrated Silicon Solution, Inc

Back Button IS62WV102416ALL-35TLI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS62WV102416ALL-35TLI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS62WV102416ALL-35TLI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS62WV102416ALL-35TLI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS62WV102416ALL-35TLI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS62WV102416ALL-35TLI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS62WV102416ALL-35TLI Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS62WV102416ALL-35TLI Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS62WV102416ALL-35TLI Datasheet HTML 13Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
9
Rev. A
01/18/08
IS62WV102416ALL
IS62WV102416BLL
IS65WV102416BLL
DATA VALID
PREVIOUS DATA VALID
tAA
tOHA
tOHA
tRC
DQ0-D15
ADDRESS
AC WAVEFORMS
READ CYCLE NO. 1(1,2) (Address Controlled) (CS1 = OE = VIL, CS2 = WE = VIH, UB or LB = VIL)
READ CYCLE SWITCHING CHARACTERISTICS(1) (Over Operating Range)
25 ns
35 ns
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
tRC
Read Cycle Time
25
35
ns
tAA
Address Access Time
25
35
ns
tOHA
Output Hold Time
3
3
ns
tACS1/tACS2
CS1/CS2 Access Time
25
35
ns
tDOE
OE Access Time
12
15
ns
tHZOE(2)
OE to High-Z Output
8
10
ns
tLZOE(2)
OE to Low-Z Output
5
5
ns
tHZCS1/tHZCS2(2)
CS1/CS2 to High-Z Output
0
8
0
10
ns
tLZCS1/tLZCS2(2)
CS1/CS2 to Low-Z Output
10
10
ns
tBA
LB, UB Access Time
25
35
ns
tHZB
LB, UB to High-Z Output
0
8
0
10
ns
tLZB
LB, UB to Low-Z Output
0
0
ns
Notes:
1. Testconditionsassumesignaltransitiontimesof5nsorless,timingreferencelevelsof0.9V/1.5V,inputpulselevelsof0.4toVDD-0.2V/0.4VtoVDD-0.3Vand
outputloadingspecifiedinFigure1.
2. TestedwiththeloadinFigure2.Transitionismeasured±500mVfromsteady-statevoltage.Not100%tested.


Similar Part No. - IS62WV102416ALL-35TLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62WV102416DALL ISSI-IS62WV102416DALL Datasheet
1,004Kb / 15P
   Industrial and Automotive temperature support
IS62WV102416DBLL ISSI-IS62WV102416DBLL Datasheet
1,004Kb / 15P
   Industrial and Automotive temperature support
IS62WV102416EALL ISSI-IS62WV102416EALL Datasheet
1Mb / 15P
   TTL compatible interface levels
IS62WV102416EBLL ISSI-IS62WV102416EBLL Datasheet
1Mb / 15P
   TTL compatible interface levels
More results

Similar Description - IS62WV102416ALL-35TLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61WV102416ALL-20TLI ISSI-IS61WV102416ALL-20TLI Datasheet
323Kb / 20P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV102416ALL ISSI-IS61WV102416ALL Datasheet
127Kb / 21P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV102416ALL_0610 ISSI-IS61WV102416ALL_0610 Datasheet
131Kb / 21P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV102416ALL ISSI-IS61WV102416ALL_12 Datasheet
323Kb / 20P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV6416DALL ISSI-IS61WV6416DALL Datasheet
783Kb / 21P
   64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV12816DALL ISSI-IS61WV12816DALL_11 Datasheet
201Kb / 21P
   128K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV3216DALL ISSI-IS61WV3216DALL Datasheet
678Kb / 20P
   32K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV12816DALL ISSI-IS61WV12816DALL Datasheet
272Kb / 21P
   128K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV25616ALL ISSI-IS61WV25616ALL Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV25616BLL-10BLI ISSI-IS61WV25616BLL-10BLI Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com