Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS64WV51232BLS Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS64WV51232BLS
Description  512K x 32 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS64WV51232BLS Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS64WV51232BLS Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS64WV51232BLS Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS64WV51232BLS Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS64WV51232BLS Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS64WV51232BLS Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS64WV51232BLS Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS64WV51232BLS Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS64WV51232BLS Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS64WV51232BLS Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
Integrated Silicon Solution, Inc. — www.issi.com
Rev. 00B
04/23/08
IS61WV51232ALL/ALS
IS61WV51232BLL/BLS
IS64WV51232BLL/BLS
DC ELECTRICAL CHARACTERISTICS (Over Operating Range)
VDD = 2.4V-3.6V
Symbol
Parameter
Test Conditions
Min.
Max.
Unit
VOH
Output HIGH Voltage
VDD = Min., IOH = –1.0 mA
1.8
V
VOL
Output LOW Voltage
VDD = Min., IOL = 1.0 mA
0.4
V
VIH
Input HIGH Voltage
2.0
VDD + 0.3
V
VIL
Input LOW Voltage(1)
–0.3
0.8
V
ILI
Input Leakage
GND
≤ VIN ≤ VDD
–1
1
µA
ILO
Output Leakage
GND
≤ VOUT ≤ VDD, Outputs Disabled
–1
1
µA
Note:
1. VIL(min.)=–0.3VDC;VIL(min.)=–2.0VAC(pulsewidth-2.0ns).Not100%tested.
VIH(max.) =VDD+0.3VDC;VIH(max.)=VDD+2.0VAC(pulsewidth-2.0ns).Not100%tested.
DC ELECTRICAL CHARACTERISTICS (Over Operating Range)
VDD = 3.3V + 5%
Symbol
Parameter
Test Conditions
Min.
Max.
Unit
VOH
Output HIGH Voltage
VDD = Min., IOH = –4.0 mA
2.4
V
VOL
Output LOW Voltage
VDD = Min., IOL = 8.0 mA
0.4
V
VIH
Input HIGH Voltage
2
VDD + 0.3
V
VIL
Input LOW Voltage(1)
–0.3
0.8
V
ILI
Input Leakage
GND
≤ VIN ≤ VDD
–1
1
µA
ILO
Output Leakage
GND
≤ VOUT ≤ VDD, Outputs Disabled
–1
1
µA
Note:
1. VIL(min.)=–0.3VDC;VIL(min.)=–2.0VAC(pulsewidth-2.0ns).Not100%tested.
VIH(max.) =VDD+0.3VDC;VIH(max.)=VDD+2.0VAC(pulsewidth-2.0ns).Not100%tested.
DC ELECTRICAL CHARACTERISTICS (Over Operating Range)
VDD = 1.65V-2.2V
Symbol
Parameter
Test Conditions
VDD
Min.
Max.
Unit
VOH
Output HIGH Voltage
IOH = -0.1 mA
1.65-2.2V
1.4
V
VOL
Output LOW Voltage
IOL = 0.1 mA
1.65-2.2V
0.2
V
VIH
Input HIGH Voltage
1.65-2.2V
1.4
VDD + 0.2
V
VIL(1)
Input LOW Voltage
1.65-2.2V
–0.2
0.4
V
ILI
Input Leakage
GND
≤ VIN ≤ VDD
–1
1
µA
ILO
Output Leakage
GND
≤ VOUT ≤ VDD, Outputs Disabled
–1
1
µA
Notes:
1. VIL(min.)= –0.3VDC; VIL(min.)= –2.0VAC(pulsewidth-2.0ns).Not100%tested.
VIH(max.) = VDD+0.3VDC;VIH(max.) = VDD+2.0VAC(pulsewidth-2.0ns).Not100%tested.


Similar Part No. - IS64WV51232BLS

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS64WV51216BLL ISSI-IS64WV51216BLL Datasheet
204Kb / 20P
   512K x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS64WV51216BLL-10CTA3 ISSI-IS64WV51216BLL-10CTA3 Datasheet
204Kb / 20P
   512K x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS64WV51216BLL-10CTLA3 ISSI-IS64WV51216BLL-10CTLA3 Datasheet
204Kb / 20P
   512K x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS64WV51216BLL-10MA3 ISSI-IS64WV51216BLL-10MA3 Datasheet
204Kb / 20P
   512K x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS64WV51216BLL-10MLA3 ISSI-IS64WV51216BLL-10MLA3 Datasheet
204Kb / 20P
   512K x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
More results

Similar Description - IS64WV51232BLS

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS64LV51216 ISSI-IS64LV51216 Datasheet
117Kb / 15P
   512K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV51216ALL ISSI-IS61WV51216ALL Datasheet
204Kb / 20P
   512K x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV5128ALL ISSI-IS61WV5128ALL Datasheet
585Kb / 25P
   512K x 8 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS61LV25616 ICSI-IS61LV25616 Datasheet
461Kb / 10P
   256 X 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Silicon Solu...
IS61WV102416ALL-20TLI ISSI-IS61WV102416ALL-20TLI Datasheet
323Kb / 20P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV5128BLL-10TLI ISSI-IS61WV5128BLL-10TLI Datasheet
586Kb / 26P
   512K x 8 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV102416ALL ISSI-IS61WV102416ALL Datasheet
127Kb / 21P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS64LV25616AL ISSI-IS64LV25616AL Datasheet
125Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616AL-10TL ISSI-IS61LV25616AL-10TL Datasheet
382Kb / 16P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616L ISSI-IS61LV25616L Datasheet
64Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com