Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

175 Datasheet(PDF) 7 Page - Honeywell Solid State Electronics Center

Part # 175
Description  Temperature Sensors Line Guide
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

175 Datasheet(HTML) 7 Page - Honeywell Solid State Electronics Center

Back Button 175 Datasheet HTML 3Page - Honeywell Solid State Electronics Center 175 Datasheet HTML 4Page - Honeywell Solid State Electronics Center 175 Datasheet HTML 5Page - Honeywell Solid State Electronics Center 175 Datasheet HTML 6Page - Honeywell Solid State Electronics Center 175 Datasheet HTML 7Page - Honeywell Solid State Electronics Center 175 Datasheet HTML 8Page - Honeywell Solid State Electronics Center 175 Datasheet HTML 9Page - Honeywell Solid State Electronics Center 175 Datasheet HTML 10Page - Honeywell Solid State Electronics Center 175 Datasheet HTML 11Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
www.honeywell.com/sensing
7
173 Series
175 Series
192 Series
Description
EIA 0805 surface mount, end-banded
EIA 1206 surface mount, end-banded
Uni-Curve with bare leads and epoxy
Operating temperature range
-60 °C to 125 °C [-76 °F to 257 °F]
-60 °C to 125 °C [-76 °F to 257 °F]
-60 °C to 150 °C [-76 °F to 302 °F]
Dissipation constant in still air
3,5 mW/°C
3,5 mW/°C
0,75 mW/°C
Time constant in air
10.0 s
10.0 s
15.0 s
Nominal resistance
at [25 °F to 77 °F]
500 Ohm, 5,000 Ohm, 10,000 Ohm,
22,000 Ohm, 33,000 Ohm, 47,000 Ohm,
50,000 Ohm, 100,000 Ohm
5,000 Ohm, 10,000 Ohm, 50,000 Ohm,
100,000 Ohm, 440,000 Ohm
500 Ohm, 1,000 Ohm, 2,252 Ohm,
3,000 Ohm, 5,000 Ohm, 10,000 Ohm,
30,000 Ohm, 50,000 Ohm, 100,000 Ohm
Maximum diameter
EIA 0805 SMD
EIA 1206 SMD
2,413 mm [0.095 in]
Termination material
solder plated NI barrier
solder plated NI barrier
tinned copper, alloy 180
Lead length
N/A
N/A
38,1 mm [1.50 in]
194 Series
196 Series
Description
Uni-Curve with insulated leads and epoxy
chip with silver top and bottom surface electrode
Operating temperature range
-60 °C to 150 °C [-76 °F to 302 °F]
-60 °C to 150 °C [-76 °F to 302 °F]
Dissipation constant in still air
0,75 mW/°C
0,75 mW/°C
Time constant in air
15.0 s
10 .0 s
Nominal resistance
at [25 °F to 77 °F]
2,252 Ohm, 3,000 Ohm, 5,000 Ohm, 10,000 Ohm, 30,000
Ohm, 100,000 Ohm, 50,000 Ohm
500 Ohm, 1,000 Ohm, 2,000 Ohm,
5,000 Ohm, 10,000 Ohm, 50,000 Ohm, 100,000 Ohm
Maximum diameter
2,413 mm [0.095 in]
2,413 mm [0.095 in]
Termination material
solid nickel, Teflon insulated
metalized silver
Lead length
38,1 mm [1.50 in]
N/A
discrete Thermistors
discrete Thermistors


Similar Part No. - 175

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
175 ETC2-175 Datasheet
115Kb / 2P
   RUGGED and LIGHTWEIGHT ALUMINUM BATTERY HOLDERS
logo
3M Electronics
175 3M-175 Datasheet
127Kb / 2P
   3M??Temflex??Vinyl Electrical Tape 175
logo
Honeywell Accelerometer...
175-103LAE-301 HONEYWELL-ACC-175-103LAE-301 Datasheet
689Kb / 11P
   Temperature Sensors Line Guide
logo
List of Unclassifed Man...
175-4001 ETC2-175-4001 Datasheet
2Mb / 54P
   standard straight tips
175-4011 ETC2-175-4011 Datasheet
2Mb / 54P
   standard straight tips
More results

Similar Description - 175

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
135-105QAF-J01 HONEYWELL-135-105QAF-J01 Datasheet
689Kb / 11P
   Temperature Sensors Line Guide
logo
Honeywell Accelerometer...
ICL1250002-01 HONEYWELL-ACC-ICL1250002-01 Datasheet
689Kb / 11P
   Temperature Sensors Line Guide
135-502FAF-J10 HONEYWELL-ACC-135-502FAF-J10 Datasheet
689Kb / 11P
   Temperature Sensors Line Guide
HEL-776-A-U-0 HONEYWELL-ACC-HEL-776-A-U-0 Datasheet
689Kb / 11P
   Temperature Sensors Line Guide
HEL-777-A-T-0 HONEYWELL-ACC-HEL-777-A-T-0 Datasheet
689Kb / 11P
   Temperature Sensors Line Guide
175-103LAE-301 HONEYWELL-ACC-175-103LAE-301 Datasheet
689Kb / 11P
   Temperature Sensors Line Guide
logo
Honeywell Solid State E...
121-104KAH-Q01 HONEYWELL-121-104KAH-Q01 Datasheet
689Kb / 11P
   Temperature Sensors Line Guide
135-103FAD-J01 HONEYWELL-135-103FAD-J01 Datasheet
689Kb / 11P
   Temperature Sensors Line Guide
SD5410-001 HONEYWELL-SD5410-001 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
logo
Honeywell Accelerometer...
HOA7720-M22 HONEYWELL-ACC-HOA7720-M22 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com