Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9H301S Datasheet(PDF) 1 Page - Isahaya Electronics Corporation

Part # RT9H301S
Description  Adjustable Precision Shunt Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

RT9H301S Datasheet(HTML) 1 Page - Isahaya Electronics Corporation

  RT9H301S Datasheet HTML 1Page - Isahaya Electronics Corporation RT9H301S Datasheet HTML 2Page - Isahaya Electronics Corporation RT9H301S Datasheet HTML 3Page - Isahaya Electronics Corporation RT9H301S Datasheet HTML 4Page - Isahaya Electronics Corporation RT9H301S Datasheet HTML 5Page - Isahaya Electronics Corporation RT9H301S Datasheet HTML 6Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
<Linear IC>
RT9H301C/P/S
Adjustable Precision Shunt Regulator
111027
DESCRIPTION
The
RT9H301C/P/S
is
adjustable
shunt
regulator, which provides a highly accurate
1.0%. Output voltage can be set to any value
between VREF and 36V with two external
resistors.
FEATURE
● Reference voltage:
VREF=2.495V±1%(Ta=25℃)
● Adjustable output voltage:
VREF to 36V
● Low output impedance:
|ZKA|=0.2Ω(Typ.)
● Small package:
SC-59,SC-62(SOT-89)
APPLICATION
●Source of reference voltage,
such as a general electric device
●Secondary side control of a
switching power supply
PIN CONFIGURATION [UNIT:mm]
RT9H301C
RT9H301P
0.5
1.5
0.5
2.5
2.4
1.0
3.9
Outline : SC-59
Reference voltage(VREF)
Cathode(K)
Anode(A)
Outline : SC-62(SOT-89)
Reference voltage(VREF)
Anode(A)
Cathode(K)
RT9H301S
2.5
2.5
0.45
0.1
4.0
①②
Outline : TO-92S
Cathode(K)
Anode(A)
Reference voltage(VREF)


Similar Part No. - RT9H301S

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
RT9H321C ISAHAYA-RT9H321C Datasheet
127Kb / 4P
   Adjustable Precision Shunt Regulator
More results

Similar Description - RT9H301S

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com