Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS43DR83200A-37CBI Datasheet(PDF) 10 Page - Integrated Silicon Solution, Inc

Part # IS43DR83200A-37CBI
Description  32Mx8, 16Mx16 DDR2 DRAM
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43DR83200A-37CBI Datasheet(HTML) 10 Page - Integrated Silicon Solution, Inc

Back Button IS43DR83200A-37CBI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS43DR83200A-37CBI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS43DR83200A-37CBI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS43DR83200A-37CBI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS43DR83200A-37CBI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS43DR83200A-37CBI Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS43DR83200A-37CBI Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS43DR83200A-37CBI Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS43DR83200A-37CBI Datasheet HTML 14Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
10
Integrated Silicon Solution, Inc. — www.issi.com
Rev. D
08/16/2012
IS43/46DR83200A, IS43/46DR16160A
Differential input AC Logic Level
Symbol
Parameter
Min.
Max.
Units Notes
VID (ac)
ac differential input voltage
0.5
VDDQ
V
1,3
VIX (ac)
ac differential crosspoint voltage 0.5 x VDDQ - 0.175
0.5 x VDDQ + 0.175
V
2
Notes:
1. VID(AC) specifies the input differential voltage |VTR -VCP | required for switching, where VTR is the true input signal (such as CK, DQS and
VCP is the complementary input signal (such as CK or DQS). The minimum value is equal to VIH(AC) - VIL(AC).
2. The typical value of VIX(AC) is expected to be about 0.5 x VDDQ of the transmitting device and VIX(AC) is expected to track variations in
VDDQ. VIX(AC) indicates the voltage at which differential input signals must cross.
3. Refer to Overshoot/undershoot specifications for Vpeak value: maximum peak amplitude allowed for overshoot and undershoot.
Differential signal levels
VDDQ
Crossing point
VSSQ
VTR
VCP
VID
VIX or VOX
Differential AC Output Parameters
Symbol Parameter
Min.
Max.
Units Notes
VOX (ac) ac differential crosspoint voltage
0.5 x VDDQ - 0.125
0.5 x VDDQ + 0.125
V
1
Note:
1. The typical value of VOX(AC) is expected to be about 0.5 x VDDQ of the transmitting device and VOX(AC) is expected to track variations in
VDDQ. VOX(AC) indicates the voltage at which differential output signals must cross.


Similar Part No. - IS43DR83200A-37CBI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43DR83200A ISSI-IS43DR83200A Datasheet
1Mb / 48P
   32Mx8, 16Mx16 DDR2 DRAM
More results

Similar Description - IS43DR83200A-37CBI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43DR83200A ISSI-IS43DR83200A Datasheet
1Mb / 48P
   32Mx8, 16Mx16 DDR2 DRAM
IS43R83200B ISSI-IS43R83200B Datasheet
932Kb / 41P
   32Mx8, 16Mx16 256Mb DDR Synchronous DRAM
IS42VS83200J ISSI-IS42VS83200J Datasheet
430Kb / 16P
   32Mx8, 16Mx16, 8Mx32 256Mb Synchronous DRAM
IS43R83200D ISSI-IS43R83200D Datasheet
1Mb / 32P
   8Mx32, 16Mx16, 32Mx8 256Mb DDR SDRAM
IS43DR32801B ISSI-IS43DR32801B Datasheet
999Kb / 44P
   256Mb DDR2 DRAM
IS43DR32800A ISSI-IS43DR32800A Datasheet
913Kb / 41P
   256Mb DDR2 DRAM
IS43DR82560B ISSI-IS43DR82560B Datasheet
1Mb / 48P
   256Mx8, 128Mx16 DDR2 DRAM
IS43DR86400C ISSI-IS43DR86400C Datasheet
1Mb / 48P
   64Mx8, 32Mx16 DDR2 DRAM
logo
Hanbit Electronics Co.,...
HSD32M64F8R HANBIT-HSD32M64F8R Datasheet
1Mb / 30P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), SMM ,16Mx16, 4Banks, 8K Ref. 3.3V
HSD64M64F8K HANBIT-HSD64M64F8K Datasheet
204Kb / 12P
   Synchronous DRAM Module 512Mbyte (64Mx64bit), SMM, based on 32Mx8, 4Banks, 4K Ref., 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com