Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

48248 Datasheet(PDF) 3 Page - FCI connector

Part # 48248
Description  MINI PV RECEPTACLE CRIMP TO WIRE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

48248 Datasheet(HTML) 3 Page - FCI connector

  48248 Datasheet HTML 1Page - FCI connector 48248 Datasheet HTML 2Page - FCI connector 48248 Datasheet HTML 3Page - FCI connector 48248 Datasheet HTML 4Page - FCI connector 48248 Datasheet HTML 5Page - FCI connector 48248 Datasheet HTML 6Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PDM: Rev:AN
Released
.
STATUS:
Printed: Jul 14, 2012


Similar Part No. - 48248

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
48248-000 ETC1-48248-000 Datasheet
379Kb / 3P
   Discrete Crimp-to-Wire Pins/Receptacles/Housings
logo
Festo Corporation.
4824833 FESTO-4824833 Datasheet
67Kb / 1P
   Axial kit
12/28/22
More results

Similar Description - 48248

ManufacturerPart #DatasheetDescription
logo
FCI connector
48046-000LF FCI-CONNECTOR-48046-000LF Datasheet
281Kb / 6P
   MINI PV RECEPTACLE CRIMP TO WIRE
47565-002LF FCI-CONNECTOR-47565-002LF Datasheet
281Kb / 6P
   MINI PV RECEPTACLE CRIMP TO WIRE
47212 FCI-CONNECTOR-47212 Datasheet
281Kb / 6P
   MINI PV RECEPTACLE CRIMP TO WIRE
logo
Molex Electronics Ltd.
0505398000 MOLEX11-0505398000 Datasheet
118Kb / 2P
   3.96 WIRE TO BOARD CONN CRIMP RECEPTACLE
ATS-638952800 MOLEX-ATS-638952800 Datasheet
326Kb / 5P
   Mini-Mac Applicator for PV Solar Pin and Socket Crimp Terminals
01-03-12
ATS-638952900 MOLEX-ATS-638952900 Datasheet
325Kb / 5P
   Mini-Mac Applicator for PV Solar Pin and Socket Crimp Terminals
01-03-12
logo
TE Connectivity Ltd
353908-9 TEC-353908-9 Datasheet
219Kb / 5P
   Housing, Receptacle, Wire-to-Wire / Wire-to-Board / Wire-to-Panel, 9 Position, 1.5 mm [.059 in] Centerline, Crimp, 1 Row, White, AMP Mini CT
09/30/2022
logo
Molex Electronics Ltd.
ATS-638233400 MOLEX-ATS-638233400 Datasheet
594Kb / 8P
   Hand Crimp Tool for Mini-Lock??Wire-to-Board Terminals
04-09-10
ATS-639009700 MOLEX-ATS-639009700 Datasheet
238Kb / 5P
   Fine Adjust Applicator for 4.00mm (.157) Pitch Wire to Wire Crimp Receptacle
07-24-08
0022011024 MOLEX2-0022011024 Datasheet
96Kb / 2P
   2.50mm (.098) Pitch Mini SPOX??Wire-to-Wire and Wire-to-Board Receptacle Housing, 2 Circuits
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com