Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61LPS51236A-200TQI Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS61LPS51236A-200TQI
Description  256Kx72,512Kx36,1024Kx18 18Mb SYNCHRONOUS PIPELINED,SINGLE CYCLE DESELECT STATIC RAM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LPS51236A-200TQI Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS61LPS51236A-200TQI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61LPS51236A-200TQI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61LPS51236A-200TQI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61LPS51236A-200TQI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61LPS51236A-200TQI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61LPS51236A-200TQI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61LPS51236A-200TQI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LPS51236A-200TQI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61LPS51236A-200TQI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
5
Rev. N
02/12/2010
IS61VPS25672A,IS61LPS25672A
IS61VPS51236A, IS61LPS51236A, IS61VPS102418A, IS61LPS102418A
119 BGA PACKAGE PIN CONFIGURATION-512K X 36 (TOP VIEW)
PIN DESCRIPTIONS
123456
7
A
VDDQ
AA
ADSP
AA
VDDQ
B
NC
A
A
ADSC
A
A
NC
C
NC
A
A
VDD
A
A
NC
D
DQc
DQPc
Vss
NC
Vss
DQPb
DQb
E
DQc
DQc
Vss
CE
Vss
DQb
DQb
F
VDDQ
DQc
Vss
OE
Vss
DQb
VDDQ
G
DQc
DQc
BWc
ADV
BWb
DQb
DQb
H
DQc
DQc
Vss
GW
Vss
DQb
DQb
J
VDDQ
VDD
NC
VDD
NC
VDD
VDDQ
K
DQd
DQd
Vss
CLK
Vss
DQa
DQa
L
DQd
DQd
BWd
NC
BWa
DQa
DQa
M
VDDQ
DQd
Vss
BWE
Vss
DQa
VDDQ
N
DQd
DQd
Vss
A1*
Vss
DQa
DQa
P
DQd
DQPd
Vss
A0*
Vss
DQPa
DQa
R
NC
A
MODE
VDD
NC
A
NC
T
NC
NC
A
A
A
NC
ZZ
U
VDDQ
TMS
TDI
TCK
TDO
NC
VDDQ
Symbol
Pin Name
A
Address Inputs
A0, A1
Synchronous Burst Address Inputs
ADV
Synchronous Burst Address
Advance
ADSP
Address Status Processor
ADSC
Address Status Controller
GW
Global Write Enable
CLK
Synchronous Clock
CE
Synchronous Chip Select
BWx (x=a-d) Synchronous Byte Write Controls
BWE
Byte Write Enable
Symbol
Pin Name
OE
Output Enable
ZZ
Power Sleep Mode
MODE
Burst Sequence Selection
TCK, TDO
JTAG Pins
TMS, TDI
NC
No Connect
DQa-DQd
Data Inputs/Outputs
DQPa-Pd
Output Power Supply
VDD
Power Supply
VDDQ
Output Power Supply
Vss
Ground
Note: * A0 and A1 are the two least significant bits (LSB) of the address field and set the internal burst counter if burst is desired.


Similar Part No. - IS61LPS51236A-200TQI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LPS51236A-200TQI ISSI-IS61LPS51236A-200TQI Datasheet
220Kb / 34P
   256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
More results

Similar Description - IS61LPS51236A-200TQI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LPS25636A-200B3LI ISSI-IS61LPS25636A-200B3LI Datasheet
630Kb / 35P
   9 Mb SYNCHRONOUS PIPELINED, Single CYCLE DESELECT STATIC RAM
IS61VPD51236A ISSI-IS61VPD51236A Datasheet
207Kb / 29P
   512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, DOUBLE CYCLE DESELECT STATIC RAM
IS61VPS25672A ISSI-IS61VPS25672A Datasheet
220Kb / 34P
   256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61VPS102436A ISSI-IS61VPS102436A Datasheet
281Kb / 21P
   1Mb x 36, 2Mb x 18 36Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61VPS25636A ISSI-IS61VPS25636A Datasheet
209Kb / 32P
   256K x 36, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61VPD25636A ISSI-IS61VPD25636A Datasheet
208Kb / 32P
   256K x 36, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, DOUBLE CYCLE DESELECT STATIC RAM
IS61LPS51218A ISSI-IS61LPS51218A_12 Datasheet
803Kb / 35P
   256K x 36, 256K x 32, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61LPS12832A ISSI-IS61LPS12832A Datasheet
168Kb / 26P
   128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
logo
Integrated Device Techn...
IDT71V632 IDT-IDT71V632_17 Datasheet
861Kb / 18P
   3.3V Synchronous SRAM Pipelined Outputs Burst Counter, Single Cycle Deselect
logo
NEC
UPD4482162 NEC-UPD4482162 Datasheet
445Kb / 28P
   8M-BIT CMOS SYNCHRONOUS FAST SRAM PIPELINED OPERATION SINGLE CYCLE DESELECT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com