Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSA931 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KSA931
Description  Low Frequency Amplifier & Medium Speed Switching
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSA931 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KSA931 Datasheet HTML 1Page - Fairchild Semiconductor KSA931 Datasheet HTML 2Page - Fairchild Semiconductor KSA931 Datasheet HTML 3Page - Fairchild Semiconductor KSA931 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A2, September 2002
PNP Epitaxial Silicon Transistor
Absolute Maximum Ratings T
a=25°C unless otherwise noted
Electrical Characteristics T
a=25°C unless otherwise noted
* Pulse Test: PW
≤350µs, Duty cycle≤2%
hFE Classification
Symbol
Parameter
Ratings
Units
VCBO
Collector-Base Voltage
-80
V
VCEO
Collector-Emitter Voltage
-60
V
VEBO
Emitter-Base Voltage
-8
V
IC
Collector Current
-700
mA
PC
Collector Power Dissipation
1
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
-55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
BVCBO
Collector-Base Breakdown Voltage
IC= -100µA, IE=0
-80
V
BVCEO
Collector-Emitter Breakdown Voltage
IC= -10mA, IB=0
-60
V
BVEBO
Emitter-Base Breakdown Voltage
IE= -100µA, IC=0
-8
V
ICBO
Collector Cut-off Current
VCB= -60V, IE=0
-0.1
µA
IEBO
Emitter Cut-off Current
VEB= -5V, IC=0
-0.1
µA
hFE
* DC Current Gain
VCE= -2V, IC= -50mA
40
240
VCE (sat)
* Collector-Emitter Saturation Voltage
IC= -500mA, IB= -50mA
-0.3
-0.7
V
VBE (sat)
* Base-Emitter Saturation Voltage
IC= -500mA, IB= -50mA
-0.9
-1.2
V
fT
Current Gain Bandwidth Productor
VCE= -10V, IC= -50mA
100
MHz
Cob
Output Capacitance
VCB= -10V, IE=0, f=1MHz
13
pF
Classification
R
O
Y
hFE
40 ~ 80
70 ~ 140
120 ~ 240
KSA931
Low Frequency Amplifier & Medium Speed
Switching
• Complement to KSC2331
• Collector-Base Voltage : VCBO= -80V
• Collector Power Dissipation : PC=1W
TO-92L
1
1. Emitter 2. Collector 3. Base


Similar Part No. - KSA931

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
KSA931 FOSHAN-KSA931 Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-92LM Plastic Package.
logo
Jiangsu Changjiang Elec...
KSA931 JIANGSU-KSA931 Datasheet
3Mb / 3P
   TO-92MOD Plastic-Encapsulate Transistors
logo
Fairchild Semiconductor
KSA931YTA FAIRCHILD-KSA931YTA Datasheet
47Kb / 4P
   Low Frequency Amplifier & Medium Speed Switching
More results

Similar Description - KSA931

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC1707 HITACHI-2SC1707 Datasheet
61Kb / 1P
   LOW FREQUENCY AMPLIFIER MEDIUM SPEED SWITCHING
logo
Fairchild Semiconductor
KSC1008 FAIRCHILD-KSC1008 Datasheet
39Kb / 4P
   Low Frequency Amplifier Medium Speed Switching
logo
List of Unclassifed Man...
2SA708 ETC-2SA708 Datasheet
86Kb / 2P
   LOW FREQUENCY AMPLIFIER MEDIUM SPEED SWITCHING
logo
Fairchild Semiconductor
KSA708YTA FAIRCHILD-KSA708YTA Datasheet
45Kb / 4P
   Low Frequency Amplifier & Medium Speed Switching
KSA931YTA FAIRCHILD-KSA931YTA Datasheet
47Kb / 4P
   Low Frequency Amplifier & Medium Speed Switching
KSA708YBU FAIRCHILD-KSA708YBU Datasheet
45Kb / 4P
   Low Frequency Amplifier & Medium Speed Switching
KSC2331 FAIRCHILD-KSC2331 Datasheet
40Kb / 4P
   Low Frequency Amplifier & Medium Speed Switching
KSA708 FAIRCHILD-KSA708 Datasheet
39Kb / 4P
   Low Frequency Amplifier & Medium Speed Switching
logo
Samsung semiconductor
KSC2331 SAMSUNG-KSC2331 Datasheet
81Kb / 2P
   NPN LOW FREQUENCY AMPLIFIER MEDIUM SPEED SWITCHING)
KSC1008 SAMSUNG-KSC1008 Datasheet
71Kb / 2P
   NPN (LOW FREQUENCY AMPLIFIER MEDIUM SPEED SWITCHING)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com