Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CKR04BX220K Datasheet(PDF) 6 Page - AVX Corporation

Part # CKR04BX220K
Description  MIL-PRF-39014/Radial Leads
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

CKR04BX220K Datasheet(HTML) 6 Page - AVX Corporation

Back Button CKR04BX220K Datasheet HTML 2Page - AVX Corporation CKR04BX220K Datasheet HTML 3Page - AVX Corporation CKR04BX220K Datasheet HTML 4Page - AVX Corporation CKR04BX220K Datasheet HTML 5Page - AVX Corporation CKR04BX220K Datasheet HTML 6Page - AVX Corporation CKR04BX220K Datasheet HTML 7Page - AVX Corporation CKR04BX220K Datasheet HTML 8Page - AVX Corporation CKR04BX220K Datasheet HTML 9Page - AVX Corporation CKR04BX220K Datasheet HTML 10Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
55
MIL-PRF-39014/Axial Leads
Military
Failure Rate Level (%/1,000 Hours)
Capacitance
Type
Capacitance
Tolerance
Designation
1.0 (M)
0.1 (P)
0.01 (R)
0.001 (S)
(pF)
±Percent
WVDC
CKR11 (BX)
CKR11BX100K_
2601
2801
2001
2201
10
10
100
CKR11BX100M_
2602
2802
2002
2202
10
20
100
CKR11BX120K_
2603
2803
2003
2203
12
10
100
CKR11BX150K_
2604
2804
2004
2204
15
10
100
CKR11BX150M_
2605
2805
2005
2205
15
20
100
CKR11BX180K_
2606
2806
2006
2206
18
10
100
CKR11BX220K_
2607
2807
2007
2207
22
10
100
CKR11BX220M_
2608
2808
2008
2208
22
20
100
CKR11BX270K_
2609
2809
2009
2209
27
10
100
CKR11BX330K_
2610
2810
2010
2210
33
10
100
CKR11BX330M_
2611
2811
2011
2211
33
20
100
CKR11BX390K_
2612
2812
2012
2212
39
10
100
CKR11BX470K_
2613
2813
2013
2213
47
10
100
CKR11BX470M_
2614
2814
2014
2214
47
20
100
CKR11BX560K_
2615
2815
2015
2215
56
10
100
CKR11BX680K_
2616
2816
2016
2216
68
10
100
CKR11BX680M_
2617
2817
2017
2217
68
20
100
CKR11BX820K_
2618
2818
2018
2218
82
10
100
CKR11BX101K_
2619
2819
2019
2219
100
10
100
CKR11BX101M_
2620
2820
2020
2220
100
20
100
CKR11BX121K_
2621
2821
2021
2221
120
10
100
CKR11BX151K_
2622
2822
2022
2222
150
10
100
CKR11BX151M_
2623
2823
2023
2223
150
20
100
CKR11BX181K_
2624
2824
2024
2224
180
10
100
CKR11BX221K_
2625
2825
2025
2225
220
10
100
CKR11BX221M_
2626
2826
2026
2226
220
20
100
CKR11BX271K_
2627
2827
2027
2227
270
10
100
CKR11BX331K_
2628
2828
2028
2228
330
10
100
CKR11BX331M_
2629
2829
2029
2229
330
20
100
CKR11BX391K_
2630
2830
2030
2230
390
10
100
CKR11BX471K_
2631
2831
2031
2231
470
10
100
CKR11BX471M_
2632
2832
2032
2232
470
20
100
CKR11BX561K_
2633
2833
2033
2233
560
10
100
CKR11BX681K_
2634
2834
2034
2234
680
10
100
CKR11BX681M_
2635
2835
2035
2235
680
20
100
CKR11BX821K_
2636
2836
2036
2236
820
10
100
CKR11BX102K_
2637
2837
2037
2237
1000
10
100
CKR11BX102M_
2638
2838
2038
2238
1000
20
100
CKR11BX122K_
2639
2839
2039
2239
1200
10
100
CKR11BX152K_
2640
2840
2040
2240
1500
10
100
CKR11BX152M_
2641
2841
2041
2241
1500
20
100
CKR11BX182K_
2642
2842
2042
2242
1800
10
100
CKR11BX222K_
2643
2843
2043
2243
2200
10
100
CKR11BX222M_
2644
2844
2044
2244
2200
20
100
CKR11BX272K_
2645
2845
2045
2245
2700
10
100
CKR11BX332K_
2646
2846
2046
2246
3300
10
100
CKR11BX332M_
2647
2847
2047
2247
3300
20
100
CKR11BX392K_
2648
2848
2048
2248
3900
10
100
CKR11BX472K_
2649
2849
2049
2249
4700
10
100
CKR11BX472M_
2650
2850
2050
2250
4700
20
100
CKR11BX562K_
2651
2851
2051
2251
5600
10
50
CKR11BX682K_
2652
2852
2052
2252
6800
10
50
CKR11BX682M_
2653
2853
2053
2253
6800
20
50
CKR11BX822K_
2654
2854
2054
2254
8200
10
50
CKR11BX103K_
2655
2855
2055
2255
10,000
10
50
CKR11BX103M_
2656
2856
2056
2256
10,000
20
50
Add appropriate failure rate level letter (M, P, R or S)
MILITARY DASH NUMBER IDENTIFICATION CKR11 TO MIL-PRF-39014/05
(Dash Number From Table)


Similar Part No. - CKR04BX220K

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CKR05BX100K AVX-CKR05BX100K Datasheet
542Kb / 14P
   MIL-PRF-39014/Radial Leads
CKR05BX100M AVX-CKR05BX100M Datasheet
542Kb / 14P
   MIL-PRF-39014/Radial Leads
CKR05BX101K AVX-CKR05BX101K Datasheet
542Kb / 14P
   MIL-PRF-39014/Radial Leads
logo
Kemet Corporation
CKR05BX101KR KEMET-CKR05BX101KR Datasheet
62Kb / 1P
   Ceramic, Military/High Reliability, MIL-39014, 100 pF, 10%, 200 V, BX, R (0.01%/1000 Hrs), Lead Spacing = 5.08mm
CKR05BX101KS KEMET-CKR05BX101KS Datasheet
62Kb / 1P
   Ceramic, Military/High Reliability, MIL-39014, 100 pF, 10%, 200 V, BX, S (0.001%/1000 Hrs), Lead Spacing = 5.08mm
More results

Similar Description - CKR04BX220K

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
MIL-PRF-39014 AVX-MIL-PRF-39014 Datasheet
545Kb / 14P
   MIL-PRF-39014/Radial Leads
CKR05BX103KRV AVX-CKR05BX103KRV Datasheet
542Kb / 14P
   MIL-PRF-39014/Radial Leads
M39014-22-0776 AVX-M39014-22-0776 Datasheet
542Kb / 14P
   MIL-PRF-39014/Radial Leads
CCR06CG103FRV AVX-CCR06CG103FRV Datasheet
161Kb / 6P
   MIL-PRF-20/Radial Leads
logo
Kemet Corporation
C052G102J1G5CR KEMET-C052G102J1G5CR Datasheet
1Mb / 23P
   CERAMIC MOLDED/AXIAL & RADIAL - MIL-PRF-20
logo
AVX Corporation
CDR31-35 AVX-CDR31-35 Datasheet
60Kb / 4P
   MIL-PRF-55681/Chips
M123 AVX-M123 Datasheet
143Kb / 5P
   MIL-PRF-123/Chips
logo
Kyocera Kinseki Corpota...
CDR31 KSS-CDR31 Datasheet
281Kb / 4P
   MIL-PRF-55681/Chips
logo
AVX Corporation
CDR31BX102BKUR AVX-CDR31BX102BKUR Datasheet
51Kb / 4P
   MIL-PRF-55681/Chips
M123A11BXB104KS AVX-M123A11BXB104KS Datasheet
143Kb / 5P
   MIL-PRF-123/Chips
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com