Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAV0020DP Datasheet(PDF) 1 Page - AVX Corporation

Part # MAV0020DP
Description  Miniature AC Varistor ??MAV Low Power AC Circuit Protection
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

MAV0020DP Datasheet(HTML) 1 Page - AVX Corporation

  MAV0020DP Datasheet HTML 1Page - AVX Corporation MAV0020DP Datasheet HTML 2Page - AVX Corporation MAV0020DP Datasheet HTML 3Page - AVX Corporation MAV0020DP Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
19
GENERAL DESCRIPTION
AVX Miniature AC Varistors are designed for use in low power
AC circuit protection. MAV series devices are an ideal
solution to transient suppression in LC resonant circuits
intended for signal & power transfer. The AVX part provides
low loss in the resonant circuit yet is able to clamp large
amounts of transients in a bi-directional manner.
The ability to handle large transients makes the MAV series
useful in low power AC circuit protection and the AEC Q200
qualification allows for use in automotive applications.
HOW TO ORDER
MAV
Series
002
Size
001 = 0603
002 = 0405
004 = 0402
0
Capacitance
0 = Low
W
Packaging
D = 7" reel (1,000 pcs)
R = 7" reel (4,000 pcs)
T = 13" reel (10,000 pcs)
W = 7" Reel (10,000 pcs 0402 and 201 only)
P
Termination
P = Plated Sn over Ni barrier
Miniature AC Varistor – MAV
Low Power AC Circuit Protection
FEATURES
• 110 Pk-Pk @ 125kHz capability
• AEC Q200 qualified
• ESD rated to 25kV (HBM ESD Level 6)
• EMI/RFI attenuation in off state
• Bi-Directional protection
APPLICATIONS
• LC resonant circuits
• AC sampling circuitry
• Transformer secondaries
• GFI modules
ANTENNAGUARD CATALOG PART NUMBERS/ELECTRICAL VALUES
AVX Part Number
VW (DC)
VW (AC)
VB
VC
IVC
ET
IP
IL
Cap
Elements
MAV0010_P
70
52
120 ±15%
225
1
0.015
2
10
22pF Max
1
MAV0020_P
70
52
120 ±15%
225
1
0.020
3
10
8pF Max
2
MAV0040_P
70
52
120 ± 15%
225
1
0.020
1
10
6pF Max
1
V
W (DC)
DC Working Voltage [V]
V
W (AC)
AC Working Voltage [V]
V
B
Breakdown Voltage [V @ 1mA
DC]
V
C
Clamping Voltage [V @ I
VC]
I
L
Maximum leakage current at the working voltage [μA]
E
T
Transient Energy Rating [J, 10x100μS]
I
P
Peak Current Rating [A, 8x10μS]
Cap
Maximum capacitance @ 1MHz and 0.5V
RMS
Packaging Code


Similar Part No. - MAV0020DP

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
MAV0020DP AVX-MAV0020DP Datasheet
128Kb / 4P
   Miniature AC Varistor
MAV0020DP AVX-MAV0020DP Datasheet
125Kb / 3P
   Low Power AC and Low Capacitance DC Circuit Protection
More results

Similar Description - MAV0020DP

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MAV0020WP TOTAL-POWER-MAV0020WP Datasheet
125Kb / 3P
   Miniature AC Varistor ??MAV
logo
AVX Corporation
MAV0020WP AVX-MAV0020WP Datasheet
88Kb / 3P
   Miniature AC Varistor ??MAV
MAV0010 AVX-MAV0010 Datasheet
128Kb / 4P
   Miniature AC Varistor
MAV0020WP AVX-MAV0020WP_17 Datasheet
125Kb / 3P
   Low Power AC and Low Capacitance DC Circuit Protection
logo
Microsemi Corporation
LTW-593DS MICROSEMI-LTW-593DS Datasheet
191Kb / 3P
   AIRCRAFT AC POWER BUS PROTECTION
logo
Texas Instruments
BQ24750 TI1-BQ24750_14 Datasheet
1Mb / 39P
[Old version datasheet]   AC Overpower Protection
logo
PHOENIX CONTACT
2949428 PHOENIX-2949428 Datasheet
65Kb / 2P
   Rectifier module, with varistor protective circuit, operating voltage 230 V AC
logo
Littelfuse
KXXX0YH LITTELFUSE-KXXX0YH Datasheet
1Mb / 10P
   AC Circuit Oriented
logo
STMicroelectronics
STEVAL-XPLM01CPL STMICROELECTRONICS-STEVAL-XPLM01CPL Datasheet
212Kb / 4P
   Power line communication AC coupling circuit
June 2017 Rev 1
logo
List of Unclassifed Man...
LM-DIN-240V ETC-LM-DIN-240V Datasheet
102Kb / 1P
   Volt AC Protection Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com