Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15-21SYGC Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # 15-21SYGC
Description  Technical Data Sheet 1206 Package Chip LED (1.0 mm Height)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

15-21SYGC Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  15-21SYGC_13 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 15-21SYGC_13 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 15-21SYGC_13 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 15-21SYGC_13 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 15-21SYGC_13 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 15-21SYGC_13 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 15-21SYGC_13 Datasheet HTML 7Page - Everlight Electronics Co., Ltd 15-21SYGC_13 Datasheet HTML 8Page - Everlight Electronics Co., Ltd 15-21SYGC_13 Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
15-21SYGC/S530-E2/TR8
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev
2
Page: 4 of 9
Device No:DSE-151-066
Prepared date:7-Apr -2009
Prepared by: Huang yongxin
Typical Electro-Optical Characteristics Curves


Similar Part No. - 15-21SYGC_13

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
15-21SYGC/S530-XX/TR8 EVERLIGHT-15-21SYGC/S530-XX/TR8 Datasheet
158Kb / 9P
   Chip LED (1.1 mm Height)
More results

Similar Description - 15-21SYGC_13

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
15-21-B6C-ZQ1R1N-2T EVERLIGHT-15-21-B6C-ZQ1R1N-2T Datasheet
151Kb / 10P
   1206 Package Chip LED (1.0 mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
15-21-BHC-AN1P2-2T TO-GRACE-15-21-BHC-AN1P2-2T Datasheet
647Kb / 10P
   1206 Package Chip LED (1.0 mm Height)
logo
Everlight Electronics C...
15-21-GHC-YR1S1-2T EVERLIGHT-15-21-GHC-YR1S1-2T Datasheet
122Kb / 10P
   1206 Package Chip LED (1.0 mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
15-21-G6C-FM1N2B-2T TO-GRACE-15-21-G6C-FM1N2B-2T Datasheet
1Mb / 10P
   1206 Package Chip LED (1.0 mm Height)
15-21-B6C-ZQ1R1N-2T TO-GRACE-15-21-B6C-ZQ1R1N-2T Datasheet
648Kb / 10P
   1206 Package Chip LED (1.0 mm Height)
logo
Everlight Electronics C...
15-21-BHC-AN1P2-2T EVERLIGHT-15-21-BHC-AN1P2-2T Datasheet
151Kb / 10P
   1206 Package Chip LED (1.0 mm Height)
16-213SYGC EVERLIGHT-16-213SYGC_13 Datasheet
169Kb / 10P
   Technical Data Sheet 0402 Package Chip LED (0.45 mm Height)
11-21-BHC-AP2R1-2T EVERLIGHT-11-21-BHC-AP2R1-2T Datasheet
220Kb / 10P
   Technical Data Sheet 1206 Package Chip LED with Inner lens
11-21-SYGC-S530-E1-TR8 EVERLIGHT-11-21-SYGC-S530-E1-TR8 Datasheet
166Kb / 9P
   Technical Data Sheet 1206 Package Chip LED with Inner lens
IR11-21C EVERLIGHT-IR11-21C Datasheet
216Kb / 9P
   Technical Data Sheet 1206 Package Chip Infrared LED With Inner Lens
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com